Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LMD125-0017-C440-3000000 Datasheet(PDF) 3 Page - Cree, Inc

Part # LMD125-0017-C440-3000000
Description  LED Module Drivers
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CREE [Cree, Inc]
Direct Link  http://www.cree.com/
Logo CREE - Cree, Inc

LMD125-0017-C440-3000000 Datasheet(HTML) 3 Page - Cree, Inc

  LMD125-0017-C440-3000000 Datasheet HTML 1Page - Cree, Inc LMD125-0017-C440-3000000 Datasheet HTML 2Page - Cree, Inc LMD125-0017-C440-3000000 Datasheet HTML 3Page - Cree, Inc LMD125-0017-C440-3000000 Datasheet HTML 4Page - Cree, Inc LMD125-0017-C440-3000000 Datasheet HTML 5Page - Cree, Inc LMD125-0017-C440-3000000 Datasheet HTML 6Page - Cree, Inc LMD125-0017-C440-3000000 Datasheet HTML 7Page - Cree, Inc LMD125-0017-C440-3000000 Datasheet HTML 8Page - Cree, Inc LMD125-0017-C440-3000000 Datasheet HTML 9Page - Cree, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
Copyright © 2012-2016 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree® and XLamp® are registered trademarks and the Cree logo is a trademark of
Cree, Inc. UL® and the UR logo are registered trademarks of UL LLC.
3
LMD125 LED MoDuLE DrivEr
CHaraCtEristiCs - LMD125 277-V DriVEr
Order Code: LMD125‑0017‑C440‑3000000
Characteristics
unit
Minimum
typical
Maximum
Input voltage range
vAC
249
277
305
Input power
W
17
Output current
mA
440
Output voltage
v
21
35
Driver efficacy (@ 55 °C) ‑ with LMH2 850‑lm light
source
%
84
Driver efficacy (@ 55 °C) ‑ with LMH2 1250‑lm light
source
%
84
Power factor ‑ with LMH2 850‑lm light source
0.92
Power factor ‑ with LMH2 1250‑lm light source
0.98
LeD driver case temperature
°C
0
80
3‑D models (.STEP files) for the LMD125 LED module drivers are available on the Cree website by selecting the Documentation tab
on the LMH2 product page.
DiMMing
The LMH2 850‑ and 1250‑lm light sources combined with the LMD125 100‑ to 120‑V and 230‑V drivers work with standard leading‑ and
trailing-edge dimming technologies to reduce light levels down to 5%.
Driver
input Voltage
Dimming
Lowest Light Level
LMD125
100‑120 V
TRIAC
5%
230 V
TRIAC
5%
277 V
None
-
note ‑ Most residential dimmers are designed to control 600 to 1000 watts of power with standard lighting technologies,
i.e., incandescent and halogen. Because the LMH2 LED module has a much higher efficacy (lumens per watt) than
standard lighting fixtures, it requires much less power. There may be some cases that require the use of more than one
LMH2 LED module or lighting fixture on a single dimmer to achieve the minimum dimmer load. This depends heavily
upon the particular dimmer used. Partial lists of compatible dimmers are provided below.
100-VaC Dimmer Compatibility with WhiteLight Dimming
Manufacturer
Model/series
Part number
type
Compatible with 1
LMH2
Compatible with 2
LMH2s
Compatible with 3
LMH2s
Cooper
6020
IND
DI10P
IND
SI061-v
IND
SLC03P
CFL/IND


Similar Part No. - LMD125-0017-C440-3000000

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
LMD125-0017-C440-3000000 CREE-LMD125-0017-C440-3000000 Datasheet
851Kb / 3P
   Cree짰 LMH2 850-lm and 1250-lm LED Modules with TrueWhite짰 Technology
LMD125-0017-C440-3000000 CREE-LMD125-0017-C440-3000000 Datasheet
575Kb / 2P
   Cree® LMH2 LED Module with TrueWhite® Technology
2011
More results

Similar Description - LMD125-0017-C440-3000000

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
LMD300 CREE-LMD300 Datasheet
1Mb / 16P
   LED Module Drivers
logo
XP Power Limited
DLE45 XPPOWER-DLE45 Datasheet
266Kb / 5P
   LED Drivers
DLE25 XPPOWER-DLE25 Datasheet
482Kb / 5P
   LED Drivers
logo
Allegro MicroSystems
LC5200 ALLEGRO-LC5200 Datasheet
601Kb / 15P
   LED Drivers
logo
List of Unclassifed Man...
TSV-300S024ST ETC2-TSV-300S024ST Datasheet
594Kb / 2P
   LED Drivers
VLED40W-012 ETC2-VLED40W-012 Datasheet
683Kb / 3P
   LED Drivers
logo
Sanken electric
LC5200 SANKEN-LC5200 Datasheet
601Kb / 15P
   LED Drivers
logo
Copal Electronics
W_SERIES COPAL-W_SERIES Datasheet
306Kb / 7P
   WHITE LED DRIVERS
logo
ATMEL Corporation
MSL2023 ATMEL-MSL2023_14 Datasheet
1Mb / 40P
   Atmel LED Drivers
logo
List of Unclassifed Man...
VLED25W-075-C0350-XX ETC2-VLED25W-075-C0350-XX Datasheet
892Kb / 4P
   Dimmable LED Drivers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com