Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LMD800 Datasheet(PDF) 3 Page - Cree, Inc

Part # LMD800
Description  LED Module Driver
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CREE [Cree, Inc]
Direct Link  http://www.cree.com/
Logo CREE - Cree, Inc

LMD800 Datasheet(HTML) 3 Page - Cree, Inc

  LMD800 Datasheet HTML 1Page - Cree, Inc LMD800 Datasheet HTML 2Page - Cree, Inc LMD800 Datasheet HTML 3Page - Cree, Inc LMD800 Datasheet HTML 4Page - Cree, Inc LMD800 Datasheet HTML 5Page - Cree, Inc LMD800 Datasheet HTML 6Page - Cree, Inc  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
Copyright © 2014-2016 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree® and XLamp® are registered trademarks and the Cree logo is a
trademark of Cree, Inc. UL® and the UR logo are registered trademarks of UL LLC.
3
LMD800 LED MoDuLE DrivEr
LMD800 120- to 277-V Driver1
1
Dimensions for all the diagrams are in mm and are for reference only. For exact dimensions and tolerances, refer to the 3‑D models (.STEP files) for the LMD800 driver
available by selecting the Documentation tab on the LMH2 product page.
50
Tc
6-32 MOUNTING
STUDS
61.6
50.8
160
63
50
Tc
6-32 MOUNTING
STUDS
61.6
50.8
160
63


Similar Part No. - LMD800

ManufacturerPart #DatasheetDescription
logo
Shanghai Leiditech Elec...
LMD80N03A LEIDITECH-LMD80N03A Datasheet
1Mb / 5P
   N-Channel Enhancement Mode Power MOSFET
More results

Similar Description - LMD800

ManufacturerPart #DatasheetDescription
logo
Gamewell-FCI by Honeywe...
ANU-48 GAMEWELL-FCI-ANU-48 Datasheet
53Kb / 1P
   Remote LED Driver Module
1100-0503 GAMEWELL-FCI-1100-0503 Datasheet
60Kb / 1P
   ANU-48 LED Driver Module
logo
Linear Technology
LTM8040 LINER-LTM8040 Datasheet
217Kb / 16P
   36V, 1A 關Module LED Driver
logo
Microsemi Corporation
LXMG221W-0700034-D0 MICROSEMI-LXMG221W-0700034-D0 Datasheet
174Kb / 7P
   34W 700mA Dimmable LED Driver Module
LXMG221W-0700034-D1 MICROSEMI-LXMG221W-0700034-D1 Datasheet
424Kb / 6P
   34W 700mA Dimming LED Driver Module
LXMG221W-0700030-D0 MICROSEMI-LXMG221W-0700030-D0 Datasheet
277Kb / 8P
   30W 700mA Dimmable LED Driver Module
LXMG2203 MICROSEMI-LXMG2203 Datasheet
204Kb / 7P
   34W 700mA Dimmable LED Driver Module
logo
Linear Technology
LTM8042-1 LINER-LTM8042-1_15 Datasheet
301Kb / 32P
   Module Boost LED Driver and Current Source
LTM8042 LINER-LTM8042_15 Datasheet
301Kb / 32P
   Module Boost LED Driver and Current Source
logo
Protek Devices
PBSP-120-10K PROTEC-PBSP-120-10K Datasheet
262Kb / 5P
   3 POLE LED DRIVER & BALLAST PROTECTION MODULE
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com