Electronic Components Datasheet Search
Selected language     English  ▼
Part Name
         Description


5--22488--6 Datasheet(PDF) 5 Page - TE Connectivity Ltd

Part No. 5--22488--6
Description  2 mm Common Termination Head Assembly
Download  6 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  TEC [TE Connectivity Ltd]
Homepage  http://www.te.com/usa-en/home.html
Logo 

   
 5 page
background image
408- 9426
5
of 6
Rev E
4
24
25
1
2
3
27
26
12
11
6
10
9
8
7
6
5
13
14
15
16
17
18
19
20
21
12
23
22
10
65.02 mm
[2.56 in.]
88.9 mm
[3.5 in.]
28.7 mm
[1.13 in.]
Weight:
142g[5oz]
REPLACEMENT PARTS
ITEM
PART NUMBER
DESCRIPTION
QTY PER
ASSEMBLY
1
1--21989--2
SCREW, Socket Head Shoulder
1
2
2--22281--2
SPRING, Compression
1
3
314058--1
HEAD, Finished
1
4
314061--1
GUIDE, Housing
1
5
314066--1
STOP, Fixed
1
6
21000--9
SCREW, Socket Head Cap, 2--56¢.19 in. L
2
7
314062--1
CARRIAGE
1
8
1--21000--6
SCREW, Socket Head Cap, 4--40¢.62 in. L
1
9
314065--1
DRAG
1
10
1--21000--4
SCREW, Socket Head Cap, 4--40¢.38 in. L
2
11
314067--1
STOP, Adjustable
1
Figure 7 (Continued)




Html Pages

1  2  3  4  5  6 


Datasheet Download




Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl