Electronic Components Datasheet Search
Selected language     English  ▼
Part Name
         Description


4--22487--0 Datasheet(PDF) 6 Page - TE Connectivity Ltd

Part No. 4--22487--0
Description  2 mm Common Termination Head Assembly
Download  6 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  TEC [TE Connectivity Ltd]
Homepage  http://www.te.com/usa-en/home.html
Logo 

   
 6 page
background image
408- 9426
Rev E
6
of 6
REPLACEMENT PARTS
ITEM
PART NUMBER
DESCRIPTION
QTY PER
ASSEMBLY
12
3--21028--2
PIN, Slotted Spring
2
13
314063--1
PAWL, Feed
1
14
21028--3
PIN, Slotted Spring
1
15
4--22487--0
SPRING, Extension
1
16
21028--6
PIN, Slotted Spring
1
17
2--21008--1
SCREW, Set, 4--40¢.25 in. L
1
18
1--21919--2
PIN, Dowel
2
19
314064--1
ARM, Feed
1
20
1--22278--2
SPRING, Compression
1
21
312148--6
ROD, Inserter
1
22
314068--1
INSERTER, Wire
1
23
1--21000--7
SCREW, Socket Head Cap, 4--40¢.75 in. L
2
24
314060--1
GUIDE, Wire
1
25
5--22488--6
SPRING, Compression
1
26
312149--1
ADJUSTER, Rod Inserter
1
27
314059--1
BASE
1
Figure 7 (End)




Html Pages

1  2  3  4  5  6 


Datasheet Download




Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl