Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2-21000-2 Datasheet(PDF) 1 Page - TE Connectivity Ltd

Part # 2-21000-2
Description  Crimping Die Assemblies
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEC [TE Connectivity Ltd]
Direct Link  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd

2-21000-2 Datasheet(HTML) 1 Page - TE Connectivity Ltd

  2-21000-2 Datasheet HTML 1Page - TE Connectivity Ltd 2-21000-2 Datasheet HTML 2Page - TE Connectivity Ltd 2-21000-2 Datasheet HTML 3Page - TE Connectivity Ltd 2-21000-2 Datasheet HTML 4Page - TE Connectivity Ltd 2-21000-2 Datasheet HTML 5Page - TE Connectivity Ltd 2-21000-2 Datasheet HTML 6Page - TE Connectivity Ltd 2-21000-2 Datasheet HTML 7Page - TE Connectivity Ltd 2-21000-2 Datasheet HTML 8Page - TE Connectivity Ltd 2-21000-2 Datasheet HTML 9Page - TE Connectivity Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
Instruction Sheet
1 of 10
© 2017 TE Connectivity Ltd. family of companies.
All Rights Reserved.
*Trademark
TE Connectivity, TE connectivity (logo), and TE (logo) are trademarks. Other logos, product, and/or company names may be trademarks of their respective owners.
PRODUCT INFORMATION 1-800-522-6752
This controlled document is subject to change.
For latest revision and Regional Customer Service,
visit our website at www.te.com.
408-8704
02 JAN 17
Rev B
Crimping Die
Wire Size
(AWG)
Head or Tool
Part Number
Color Code Dot
Hydraulic Crimping Heads
Hydraulic Hand Tool(s)
1490597-1
Red
8
1490745-1, 1490746-1, 1490747-1, 1976230-1(1)
1490748-1, 1490749-1
1490598-1
Blue
6
1490599-1
Yellow
4
1490406-1
Red
2
1490746-1, 1976230-1(1)
1490749-1
1490700-1
Blue
1/0
(1) Not to be used for splices
Figure 1
1. INTRODUCTION
The crimping die assemblies listed in Figure 1 crimp TERMINYL* terminals and splices onto wire sizes 8
through 1/0 AWG. Refer to Figure 1 to ensure compatibility of crimping die, head or tool, and wire size.
NOTE
Dimensions in this document are in millimeters [with inches in brackets]. Figures and illustrations are for reference only and
are not drawn to scale.
For detailed information about the head or tool, refer to the instructions packaged with the head or tool.
Reasons for reissue of this instruction sheet are provided in Section 8, REVISION SUMMARY.
2. DESCRIPTION
Each crimping die consists of a stationary die (nest) and a moving die (anvil). The stationary die features a
locator. Each die contains a color code dot that matches the color code of the terminal and splice. When
mated, the dies form a crimping chamber.
PROPER USE GUIDELINES
Cumulative Trauma Disorders can result from the prolonged use of manually powered hand tools. Hand tools are intended for occasional use and low
volume applications. A wide selection of powered application equipment for extended-use, production operations is available.
Crimping Die Assemblies;
PN 1490406-1, PN 1490597-1, PN 1490598-1,
PN 1490599-1, and PN 1490700-1


Similar Part No. - 2-21000-2

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
2-21000-2 MACOM-2-21000-2 Datasheet
342Kb / 7P
   Depress the upper release button located in the C?밾ead and slide the nest into place.
More results

Similar Description - 2-21000-2

ManufacturerPart #DatasheetDescription
logo
TE Connectivity Ltd
408-2822 TEC-408-2822 Datasheet
186Kb / 7P
   Crimping Die Assemblies
408-9278 TEC-408-9278 Datasheet
272Kb / 5P
   Crimping Die Assemblies
408-9279 TEC-408-9279 Datasheet
138Kb / 5P
   Crimping Die Assemblies
408-6877 TEC-408-6877 Datasheet
299Kb / 5P
   Crimping Die Assemblies
logo
Tyco Electronics
408-9177 MACOM-408-9177 Datasheet
142Kb / 5P
   Crimping Die Assemblies
logo
TE Connectivity Ltd
408-2786 TEC-408-2786 Datasheet
134Kb / 5P
   Crimping Die Assemblies
logo
Tyco Electronics
408-9905 MACOM-408-9905 Datasheet
94Kb / 3P
   Crimping Die Assemblies
logo
TE Connectivity Ltd
408-2281 TEC-408-2281 Datasheet
520Kb / 12P
   Crimping Die Assemblies
408-8703 TEC-408-8703 Datasheet
226Kb / 6P
   Crimping Die Assemblies
408-2710 TEC-408-2710 Datasheet
328Kb / 5P
   AMPOWER Crimping Die Assemblies
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com