Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CLA1B-WKW-XD0F0E33 Datasheet(PDF) 1 Page - Cree, Inc

Part # CLA1B-WKW-XD0F0E33
Description  PLCC4 SMD LED
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CREE [Cree, Inc]
Direct Link  http://www.cree.com/
Logo CREE - Cree, Inc

CLA1B-WKW-XD0F0E33 Datasheet(HTML) 1 Page - Cree, Inc

  CLA1B-WKW-XD0F0E33 Datasheet HTML 1Page - Cree, Inc CLA1B-WKW-XD0F0E33 Datasheet HTML 2Page - Cree, Inc CLA1B-WKW-XD0F0E33 Datasheet HTML 3Page - Cree, Inc CLA1B-WKW-XD0F0E33 Datasheet HTML 4Page - Cree, Inc CLA1B-WKW-XD0F0E33 Datasheet HTML 5Page - Cree, Inc CLA1B-WKW-XD0F0E33 Datasheet HTML 6Page - Cree, Inc CLA1B-WKW-XD0F0E33 Datasheet HTML 7Page - Cree, Inc CLA1B-WKW-XD0F0E33 Datasheet HTML 8Page - Cree, Inc CLA1B-WKW-XD0F0E33 Datasheet HTML 9Page - Cree, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
PRODUCT FAMILY DATA SHEET
Cree® PLCC4 SMD LED
CLA1B-WKW/MKW
Copyright © 2010 Cree, Inc. All rights reserved. The information in this document is subject to change without notice.
Cree, the Cree logo and XLamp are registered trademarks of Cree, Inc.
PRODUCT DESCRIPTION
The CLA1B is packaged in an industry
standard footprint. With an improved
package to provide high reliability
& performance. They are designed
to work under a wide range of
environmental conditions.This high
reliability feature makes them ideally
suited to be used under illumination
application conditions.
The wide viewing-angle makes these
LEDs ideally suited for Linear Lighting,
panel lighting and general illumination
applications.
FEATURES
• Size (mm):3.2 x 2.8
• Color Temperatures(K):
Cool White CLA1B-WKW :
(4700 - 8300)
Warm White CLA1B-MKW :
(2500 - 4700)
• Luminous Flux (lm)
CLA1B-WKW:(6.3 - 13.9)
CLA1B-MKW:(6.3 - 13.9)
• CRI
Typical CRI for Cool White is 75
Typical CRI for Warm White is 80
• Lead-Free
• RoHS Compliant
Cree, Inc.
4600 Silicon Drive
Durham, NC 27703
USA Tel: +1.919.313.5300
www.cree.com/xlamp
Cree, Inc.
4600 Silicon Drive
Durham, NC 27703
USA Tel: +1.919.313.5300
APPLICATIONS
• Linear Lighting
• Channel Letter
• Panel Lighting
• General Illumination
Copyright © 2014 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree and
the Cree logo are registered trademarks of Cree, Inc.


Similar Part No. - CLA1B-WKW-XD0F0E33

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
CLA100E1200HB IXYS-CLA100E1200HB Datasheet
363Kb / 5P
   High Efficiency Thyristor
CLA100E1200KB IXYS-CLA100E1200KB Datasheet
337Kb / 5P
   High Efficiency Thyristor
CLA100PD1200NA IXYS-CLA100PD1200NA Datasheet
723Kb / 5P
   High Efficiency Thyristor
logo
List of Unclassifed Man...
CLA101 ETC1-CLA101 Datasheet
101Kb / 1P
   Four Channel Phototransistor Array
logo
Clairex Technologies, I...
CLA101 CLAIREX-CLA101 Datasheet
105Kb / 1P
   Four Channel Phototransistor Array
More results

Similar Description - CLA1B-WKW-XD0F0E33

ManufacturerPart #DatasheetDescription
logo
Marktech Corporate
CLA2A MARKTECH-CLA2A Datasheet
720Kb / 10P
   PLCC4 SMD LED
CLA2A MARKTECH-CLA2A_15 Datasheet
720Kb / 10P
   PLCC4 SMD LED
logo
Cree, Inc
CLA2A-WKW CREE-CLA2A-WKW Datasheet
649Kb / 10P
   PLCC4 SMD LED
logo
SunLED Corporation
ZMDKBBA45W SUNLED-ZMDKBBA45W Datasheet
243Kb / 5P
   3.5x2.8mm PLCC4 SMD LED
ZMDKVG45W SUNLED-ZMDKVG45W Datasheet
238Kb / 5P
   3.5x2.8mm PLCC4 SMD LED
logo
Visual Communications C...
VAOS-SP4W4 VCC-VAOS-SP4W4 Datasheet
490Kb / 7P
   PLCC4 SMD TYPE LED
logo
SunLED Corporation
XZMECBDDG45SHTA SUNLED-XZMECBDDG45SHTA Datasheet
431Kb / 10P
   3.5x2.8mm PLCC4 SMD LED
logo
Marktech Corporate
CLM2B MARKTECH-CLM2B_15 Datasheet
484Kb / 8P
   PLCC4 1 in 1 SMD LED
CLM4B-RKW MARKTECH-CLM4B-RKW_15 Datasheet
439Kb / 8P
   PLCC4 1 in 1 SMD LED
logo
Cree, Inc
CLM2C-GCA CREE-CLM2C-GCA Datasheet
801Kb / 8P
   PLCC4 1-in-1 SMD LED
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com