Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

4-306105-5 Datasheet(PDF) 5 Page - TE Connectivity Ltd

Part # 4-306105-5
Description  Crimping Die Assemblies
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEC [TE Connectivity Ltd]
Direct Link  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd

4-306105-5 Datasheet(HTML) 5 Page - TE Connectivity Ltd

  4-306105-5 Datasheet HTML 1Page - TE Connectivity Ltd 4-306105-5 Datasheet HTML 2Page - TE Connectivity Ltd 4-306105-5 Datasheet HTML 3Page - TE Connectivity Ltd 4-306105-5 Datasheet HTML 4Page - TE Connectivity Ltd 4-306105-5 Datasheet HTML 5Page - TE Connectivity Ltd 4-306105-5 Datasheet HTML 6Page - TE Connectivity Ltd 4-306105-5 Datasheet HTML 7Page - TE Connectivity Ltd 4-306105-5 Datasheet HTML 8Page - TE Connectivity Ltd 4-306105-5 Datasheet HTML 9Page - TE Connectivity Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
408-8704
Rev B
5 of 10
6. When crimp is completed, remove the latch pin, open the yoke and remove the splice.
NOTE
If splice sticks in the die after crimping, apply a rocking action to the terminal to loosen it from the die. Wipe light oil on the
dies to prevent sticking, or spray dry lubricant.
7. To crimp the other half of splice, reposition un-crimped end of splice in the stationary die and follow
the same procedure used to crimp the first half of splice.
8. Inspect the crimp according to Section 5.
4.3. Crimping Splices with Step-Down Adapter
DANGER
Avoid personal injury. When operating tool or power unit, exercise caution while holding splice or wire near the crimping area.
1. Strip wires to the dimensions listed in Figure 3. DO NOT nick or cut the wire strands.
2. Select the proper splice, adapter, and crimping die for the wire size (see Figure 6).
*Note that the end of the splice containing the adapter has a different color code. Use the crimping die
for the larger wire size to crimp both ends of the splice. For example, use Crimping Die PN 1490598
1 (for wire size 6 AWG) to crimp both ends of the splice with step-down adapter for stepping down
from wire size 6 to 8 AWG.
Wire Size (AWG)
Step
Crimping Die
Die and Splice
Color Code
Step-Down Adapter
Color Code
8 to 12-10
1490597-1
Red
Yellow
6 to 8
1490598-1
Blue
Red
Figure 6
3. Insert stripped wire into the wire barrel of the end of the splice to be crimped until the wire bottoms
against the wire stop within the splice. Refer to Figure 3.
4. Remove crimping head latch pin and open yoke.
5. Place the splice in the stationary die. Grasp the end of the splice to be crimped and point the opposite
end toward the top of the head yoke at approximately a 30 degree angle. Rotate the end of the splice
to be crimped into the die. Position the edge of the window indent against the locator. Refer to Figure
5.
6. Holding the splice in place, close the yoke and insert the latch pin.
CAUTION
Be sure the latch pin is fully inserted, or damage to the dies and tool or head will occur when activated.
7. Holding the wire in place, activate tool or power unit to complete first wire barrel crimp.
8. When the crimp is completed, remove the latch pin, open the yoke and remove splice.
NOTE
If splice sticks in the die after crimping, apply a rocking action to the terminal to loosen it from the die. Wipe light oil on the
dies to prevent sticking, or spray dry lubricant.
9. To crimp the other half of splice, reposition un-crimped end of splice in the stationary die and follow
the same procedure used to crimp the first half of splice.
10. Inspect the crimp according to Section 5.
Step-Down Adapter


Similar Part No. - 4-306105-5

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
4-306105-5 MACOM-4-306105-5 Datasheet
342Kb / 7P
   Depress the upper release button located in the C?밾ead and slide the nest into place.
More results

Similar Description - 4-306105-5

ManufacturerPart #DatasheetDescription
logo
TE Connectivity Ltd
408-2822 TEC-408-2822 Datasheet
186Kb / 7P
   Crimping Die Assemblies
408-9278 TEC-408-9278 Datasheet
272Kb / 5P
   Crimping Die Assemblies
408-9279 TEC-408-9279 Datasheet
138Kb / 5P
   Crimping Die Assemblies
408-6877 TEC-408-6877 Datasheet
299Kb / 5P
   Crimping Die Assemblies
logo
Tyco Electronics
408-9177 MACOM-408-9177 Datasheet
142Kb / 5P
   Crimping Die Assemblies
logo
TE Connectivity Ltd
408-2786 TEC-408-2786 Datasheet
134Kb / 5P
   Crimping Die Assemblies
logo
Tyco Electronics
408-9905 MACOM-408-9905 Datasheet
94Kb / 3P
   Crimping Die Assemblies
logo
TE Connectivity Ltd
408-2281 TEC-408-2281 Datasheet
520Kb / 12P
   Crimping Die Assemblies
408-8703 TEC-408-8703 Datasheet
226Kb / 6P
   Crimping Die Assemblies
408-2710 TEC-408-2710 Datasheet
328Kb / 5P
   AMPOWER Crimping Die Assemblies
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com