Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CXA1520-0000-000N0YK230G Datasheet(PDF) 3 Page - Cree, Inc

Part # CXA1520-0000-000N0YK230G
Description  XLamp LED
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CREE [Cree, Inc]
Direct Link  http://www.cree.com/
Logo CREE - Cree, Inc

CXA1520-0000-000N0YK230G Datasheet(HTML) 3 Page - Cree, Inc

  CXA1520-0000-000N0YK230G Datasheet HTML 1Page - Cree, Inc CXA1520-0000-000N0YK230G Datasheet HTML 2Page - Cree, Inc CXA1520-0000-000N0YK230G Datasheet HTML 3Page - Cree, Inc CXA1520-0000-000N0YK230G Datasheet HTML 4Page - Cree, Inc CXA1520-0000-000N0YK230G Datasheet HTML 5Page - Cree, Inc CXA1520-0000-000N0YK230G Datasheet HTML 6Page - Cree, Inc CXA1520-0000-000N0YK230G Datasheet HTML 7Page - Cree, Inc CXA1520-0000-000N0YK230G Datasheet HTML 8Page - Cree, Inc CXA1520-0000-000N0YK230G Datasheet HTML 9Page - Cree, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
Copyright © 2013-2016 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree®, XLamp® and EasyWhite® are registered trademarks and the Cree logo is a
trademark of Cree, Inc. UL® and the UR logo are registered trademarks of UL LLC.
3
XLamp® CXa1520 LED
Notes
Cree maintains a tolerance of ±7% on flux and power measurements, ±0.005 on chromaticity (CCx, CCy) measurements and a tolerance of ±2 on CRI
measurements. See the Measurements section (page 15).
Cree XLamp CXA1520 LED order codes specify only a minimum flux bin and not a maximum. Cree may ship reels in flux bins higher than the minimum
specified by the order code without advance notice. Shipments will always adhere to the chromaticity bin restrictions specified by the order code.
*
Flux values @ 25 °C are calculated and for reference only.
fLuX ChArACtEristiCs, EAsyWhitE® orDEr CoDEs AnD bins (i
f = 500 mA, tJ = 85 °C)
The following table provides order codes for XLamp CXA1520 LEDs. For a complete description of the order code nomenclature, please
see the Bin and Order Code Formats section (page 13).
nominal
CCt
Cri
Minimum Luminous flux
2-step
3-step
4-step
Min
typ
group
Flux (lm)
@ 85 °C
Flux (lm)
@ 25 °C* group
order Code
group
order Code
group
order Code
5000 K
70
75
P2
1830
2028
50H
CXA1520-0000-
000N00P250H
50F
CXA1520-0000-
000N00P250F
P4
1965
2177
CXA1520-0000-
000N00P450H
CXA1520-0000-
000N00P450F
Q2
2100
2327
CXA1520-0000-
000N00Q250H
CXA1520-0000-
000N00Q250F
80
---
N4
1710
1895
50H
CXA1520-0000-
000N0HN450H
50G
CXA1520-0000-
000N0HN450G
50F
CXA1520-0000-
000N0HN450F
P2
1830
2028
CXA1520-0000-
000N0HP250H
CXA1520-0000-
000N0HP250G
CXA1520-0000-
000N0HP250F
P4
1965
2177
CXA1520-0000-
000N0HP450H
CXA1520-0000-
000N0HP450G
CXA1520-0000-
000N0HP450F
90
95
M4
1485
1645
50H
CXA1520-0000-
000N0UM450H
50G
CXA1520-0000-
000N0UM450G
50F
CXA1520-0000-
000N0UM450F
N2
1590
1762
CXA1520-0000-
000N0UN250H
CXA1520-0000-
000N0UN250G
CXA1520-0000-
000N0UN250F
4000 K
70
75
N4
1710
1895
40H
CXA1520-0000-
000N00N440H
40F
CXA1520-0000-
000N00N440F
P2
1830
2028
CXA1520-0000-
000N00P240H
CXA1520-0000-
000N00P240F
P4
1965
2177
CXA1520-0000-
000N00P440H
CXA1520-0000-
000N00P440F
80
---
N2
1590
1762
40H
CXA1520-0000-
000N0HN240H
40G
CXA1520-0000-
000N0HN240G
40F
CXA1520-0000-
000N0HN240F
N4
1710
1895
CXA1520-0000-
000N0HN440H
CXA1520-0000-
000N0HN440G
CXA1520-0000-
000N0HN440F
P2
1830
2028
CXA1520-0000-
000N0HP240H
CXA1520-0000-
000N0HP240G
CXA1520-0000-
000N0HP240F
90
95
M2
1380
1587
40H
CXA1520-0000-
000N0UM240H
40G
CXA1520-0000-
000N0UM240G
40F
CXA1520-0000-
000N0UM240F
M4
1485
1645
CXA1520-0000-
000N0UM440H
CXA1520-0000-
000N0UM440G
CXA1520-0000-
000N0UM440F
3500 K
80
---
N2
1590
1762
35H
CXA1520-0000-
000N00N235H
35G
CXA1520-0000-
000N00N235G
35F
CXA1520-0000-
000N00N235F
N4
1710
1895
CXA1520-0000-
000N00N435H
CXA1520-0000-
000N00N435G
CXA1520-0000-
000N00N435F
P2
1830
2028
CXA1520-0000-
000N00P235H
CXA1520-0000-
000N00P235G
CXA1520-0000-
000N00P235F
93
95
K4
1290
1484
35H
CXA1520-0000-
000N0YK435H
35G
CXA1520-0000-
000N0YK435G
35F
CXA1520-0000-
000N0YK435F
M2
1380
1587
CXA1520-0000-
000N0YM235H
CXA1520-0000-
000N0YM235G
CXA1520-0000-
000N0YM235F


Similar Part No. - CXA1520-0000-000N0YK230G

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
CXA1507 CREE-CXA1507 Datasheet
1Mb / 15P
   Cree짰 XLamp짰 CXA1507 LED
CXA1507 CREE-CXA1507 Datasheet
1Mb / 15P
   Cree짰 XLamp짰 CXA1507 LED
CXA1507-0000-000N00E40E8 CREE-CXA1507-0000-000N00E40E8 Datasheet
1Mb / 15P
   Cree짰 XLamp짰 CXA1507 LED
CXA1507-0000-000N00E40E8 CREE-CXA1507-0000-000N00E40E8 Datasheet
1Mb / 15P
   Cree짰 XLamp짰 CXA1507 LED
CXA1507-0000-000N00E40E8 CREE-CXA1507-0000-000N00E40E8 Datasheet
1Mb / 17P
   LED array expands Crees family of high flux, multi die arrays in a smaller
More results

Similar Description - CXA1520-0000-000N0YK230G

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
CXB1512 CREE-CXB1512 Datasheet
2Mb / 20P
   XLamp LED
CXB2530 CREE-CXB2530 Datasheet
2Mb / 15P
   XLamp LED
CXA3590 CREE-CXA3590 Datasheet
2Mb / 23P
   XLamp LED
CXB1507 CREE-CXB1507 Datasheet
2Mb / 19P
   XLamp LED
CXB1816 CREE-CXB1816 Datasheet
2Mb / 15P
   XLamp LED
CXB3050 CREE-CXB3050 Datasheet
2Mb / 13P
   XLamp LED
CXB3070 CREE-CXB3070 Datasheet
2Mb / 13P
   XLamp LED
CXA1304 CREE-CXA1304 Datasheet
3Mb / 30P
   XLamp LED
CXA1510 CREE-CXA1510 Datasheet
2Mb / 27P
   XLamp LED
CXA1816 CREE-CXA1816 Datasheet
2Mb / 17P
   XLamp LED
CXB1304 CREE-CXB1304 Datasheet
3Mb / 22P
   XLamp LED
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com