Electronic Components Datasheet Search |
|
S-24C01AFJA-TB11-1A Datasheet(PDF) 9 Page - Seiko Instruments Inc |
|
S-24C01AFJA-TB11-1A Datasheet(HTML) 9 Page - Seiko Instruments Inc |
9 / 23 page CMOS 2-WIRE SERIAL EEPROM Rev. 2.2_30 S-24C01A/02A/04A Seiko Instruments Inc. 9 6. Write 6.1 Byte Write When the EEPROM receives a 7-bit length device address and a 1-bit read/write instruction code "0," following the start condition signal, it outputs the acknowledgment signal. Next, when the EEPROM receives an 8-bit length word address, it outputs the acknowledgment signal. After the EEPROM receives 8-bit write data and outputs the acknowledgment signal, it receives the stop condition signal. Next, the EEPROM at the specified memory address starts to rewrite. When the EEPROM is rewriting, all operations are prohibited and the acknowledgment signal is not output. 6.2 Page Write Up to 8 bytes per page can be written in the S-24C01A and S-24C02A. Up to 16 bytes per page can be written in the S-24C04A. Basic data transmission procedures are the same as those in the "Byte Write." However, when the EEPROM receives 8-bit write data which corresponds to the page size, the page can be written. When the EEPROM receives a 7-bit length device address and a 1-bit read/write instruction code "0," following the start condition signal, it outputs the acknowledgment signal. When the EEPROM receives an 8-bit length word address, it outputs the acknowledgment signal. After the EEPROM receives 8-bit write data and outputs the acknowledgment signal, it receives 8- bit write data corresponding to the next word address, and outputs the acknowledgment signal. The EEPROM repeats reception of 8-bit write data and output of the acknowledgment signal in succession. It is capable of receiving write data corresponding to the maximum page size. When the EEPROM receives the stop condition signal, it starts to rewrite, corresponding to the size of the page, on which write data, starting from the specified memory address, is received. Figure 10 Byte Write S T A R T 1 0 1 0 W R I T E S T O P DEVICE ADDRES WORD ADDRESS DATA R / W M S B SDA ADR INC (ADDRESS INCREMENT) A2 A1 A0 W7W6W5W4W3W2W1W0 D7 D6 D5 D4 D3 D2 D1 D0 A C K L S B A C K A C K 0 W7 is optional in the S-24C01A. A0 is P0 in the S-24C04A. |
Similar Part No. - S-24C01AFJA-TB11-1A |
|
Similar Description - S-24C01AFJA-TB11-1A |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |