Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S-24C02ADPA-TB11-1A Datasheet(PDF) 7 Page - Seiko Instruments Inc

Part # S-24C02ADPA-TB11-1A
Description  CMOS 2-WIRE SERIAL EEPROM
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S-24C02ADPA-TB11-1A Datasheet(HTML) 7 Page - Seiko Instruments Inc

Back Button S-24C02ADPA-TB11-1A Datasheet HTML 3Page - Seiko Instruments Inc S-24C02ADPA-TB11-1A Datasheet HTML 4Page - Seiko Instruments Inc S-24C02ADPA-TB11-1A Datasheet HTML 5Page - Seiko Instruments Inc S-24C02ADPA-TB11-1A Datasheet HTML 6Page - Seiko Instruments Inc S-24C02ADPA-TB11-1A Datasheet HTML 7Page - Seiko Instruments Inc S-24C02ADPA-TB11-1A Datasheet HTML 8Page - Seiko Instruments Inc S-24C02ADPA-TB11-1A Datasheet HTML 9Page - Seiko Instruments Inc S-24C02ADPA-TB11-1A Datasheet HTML 10Page - Seiko Instruments Inc S-24C02ADPA-TB11-1A Datasheet HTML 11Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 23 page
background image
CMOS 2-WIRE SERIAL EEPROM
Rev. 2.2_30
S-24C01A/02A/04A
Seiko Instruments Inc.
7
Operation
1. Start Condition
When the SCL line is "H," the SDA line changes from "H" to "L." This allows the device to go to the start
condition.
All operations begin from the start condition.
2. Stop Condition
When the SCL line is "H," the SDA line changes from "L" to "H." This allows the device to go to the stop
condition.
When the device receives the stop condition signal during a read sequence, the read operation is
interrupted, and the device goes to standby mode.
When the device receives the stop condition signal during write sequence, the retrieval of write data is
halted, and the EEPROM initiates rewrite.
3. Data Transmission
Changing the SDA line while the SCL line is "L" allows the data to be transmitted. A start or stop condition
is recognized when the SDA line changes while the SCL line is "H."
Figure 6 Start/Stop Conditions
tSU.STA
tHD.STA
tSU.STO
Start
Condition
Stop
Condition
SCL
SDA
Figure 7 Data Transmission Timing
tSU.DAT
tHD.DAT
SCL
SDA


Similar Part No. - S-24C02ADPA-TB11-1A

ManufacturerPart #DatasheetDescription
logo
Seiko Instruments Inc
S-24C02ADP SII-S-24C02ADP Datasheet
1Mb / 20P
   CMOS 2-WIRED SERIAL EEPROM
More results

Similar Description - S-24C02ADPA-TB11-1A

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT24LC04 HOLTEK-HT24LC04_14 Datasheet
1Mb / 12P
   CMOS 4K 2-Wire Serial EEPROM
HT24LC32 HOLTEK-HT24LC32 Datasheet
150Kb / 12P
   CMOS 32K 2-Wire Serial EEPROM
HT24LC02 HOLTEK-HT24LC02_10 Datasheet
134Kb / 14P
   CMOS 2K 2-Wire Serial EEPROM
HT24LC64 HOLTEK-HT24LC64 Datasheet
487Kb / 10P
   CMOS 64K 2-WIRE SERIAL EEPROM
HT24LC04 HOLTEK-HT24LC04 Datasheet
164Kb / 11P
   CMOS 4K 2-Wire Serial EEPROM
HT2201 HOLTEK-HT2201 Datasheet
101Kb / 11P
   CMOS 1K 2-Wire Serial EEPROM
HT24LC128 HOLTEK-HT24LC128 Datasheet
1Mb / 12P
   CMOS 128K 2-Wire Serial EEPROM
HT2201 HOLTEK-HT2201_14 Datasheet
1Mb / 9P
   CMOS 1K 2-Wire Serial EEPROM
HT24LC16 HOLTEK-HT24LC16 Datasheet
171Kb / 11P
   CMOS 16K 2-Wire Serial EEPROM
HT24LC08 HOLTEK-HT24LC08 Datasheet
160Kb / 11P
   CMOS 8K 2-Wire Serial EEPROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com