Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S-5717ASL8-I4T1U Datasheet(PDF) 1 Page - Seiko Instruments Inc

Part # S-5717ASL8-I4T1U
Description  UNIPOLAR DETECTION TYPE HALL IC
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S-5717ASL8-I4T1U Datasheet(HTML) 1 Page - Seiko Instruments Inc

  S-5717ASL8-I4T1U Datasheet HTML 1Page - Seiko Instruments Inc S-5717ASL8-I4T1U Datasheet HTML 2Page - Seiko Instruments Inc S-5717ASL8-I4T1U Datasheet HTML 3Page - Seiko Instruments Inc S-5717ASL8-I4T1U Datasheet HTML 4Page - Seiko Instruments Inc S-5717ASL8-I4T1U Datasheet HTML 5Page - Seiko Instruments Inc S-5717ASL8-I4T1U Datasheet HTML 6Page - Seiko Instruments Inc S-5717ASL8-I4T1U Datasheet HTML 7Page - Seiko Instruments Inc S-5717ASL8-I4T1U Datasheet HTML 8Page - Seiko Instruments Inc S-5717ASL8-I4T1U Datasheet HTML 9Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 19 page
background image
S-5717 Series
www.sii-ic.com
LOW VOLTAGE OPERATION
BOTH POLES / UNIPOLAR DETECTION TYPE HALL IC
© SII Semiconductor Corporation, 2013
Rev.1.0_01
1
The S-5717 Series, developed by CMOS technology, is a high-accuracy Hall IC that operates at a low voltage and low
current consumption.
The output voltage changes when the S-5717 Series detects the intensity level of flux density. Using the S-5717 Series with
a magnet makes it possible to detect the open / close in various devices.
High-density mounting is possible by using the super-small SNT-4A package.
Due to its low voltage operation and low current consumption, the S-5717 Series is suitable for battery-operated portable
devices. Also, due to its high-accuracy magnetic characteristics, the S-5717 Series can make operation's dispersion in the
system combined with magnet smaller.
Caution This product is intended to use in general electronic devices such as consumer electronics, office
equipment, and communications devices. Before using the product in medical equipment or automobile
equipment including car audio, keyless entry and engine control unit, contact to SII Semiconductor
Corporation is indispensable.
Features
• Pole detection*1:
Detection of both poles, S pole or N pole
• Detection logic for magnetism*1:
Active "L", active "H"
• Output form*1:
Nch open-drain output, CMOS output
• Magnetic sensitivity:
BOP = 3.3 mT typ.
• Operating cycle (current consumption)*1:
Product with both poles detection
tCYCLE = 50.50 ms (IDD = 2.0
μA) typ.
Product with S pole or N pole detection
tCYCLE = 50.85 ms (IDD = 1.4
μA) typ.
• Power supply voltage range:
VDD = 1.6 V to 3.6 V
• Operation temperature range:
Ta =
−40°C to +85°C
• Lead-free (Sn 100%), halogen-free
*1. The option can be selected.
Applications
• Mobile phone, smart phone
• Notebook PC, tablet PC
• Digital video camera
• Plaything, portable game
• Home appliance
Package
• SNT-4A


Similar Part No. - S-5717ASL8-I4T1U

ManufacturerPart #DatasheetDescription
logo
Seiko Instruments Inc
S-5717ACDL8-I4T1U SII-S-5717ACDL8-I4T1U Datasheet
1Mb / 19P
   LOW VOLTAGE OPERATION BOTH POLES / UNIPOLAR DETECTION TYPE HALL IC
S-5717ANDL8-I4T1U SII-S-5717ANDL8-I4T1U Datasheet
1Mb / 19P
   LOW VOLTAGE OPERATION BOTH POLES / UNIPOLAR DETECTION TYPE HALL IC
More results

Similar Description - S-5717ASL8-I4T1U

ManufacturerPart #DatasheetDescription
logo
Seiko Instruments Inc
S-5715CNDL1-M3T1U SII-S-5715CNDL1-M3T1U Datasheet
1Mb / 28P
   UNIPOLAR DETECTION TYPE HALL IC
S-57B1NSL1B-M3T1U SII-S-57B1NSL1B-M3T1U Datasheet
1Mb / 20P
   UNIPOLAR DETECTION TYPE HALL IC
S-5715CNSL1-M3T1U SII-S-5715CNSL1-M3T1U Datasheet
1Mb / 28P
   UNIPOLAR DETECTION TYPE HALL IC
S-5732NSL1B-Y3N2U SII-S-5732NSL1B-Y3N2U Datasheet
1Mb / 21P
   UNIPOLAR DETECTION TYPE HALL IC
logo
Rohm
BU52069GWZ ROHM-BU52069GWZ Datasheet
1Mb / 19P
   Unipolar Detection Hall IC
logo
Seiko Instruments Inc
S-5713A SII-S-5713A Datasheet
187Kb / 16P
   HIGH-SPEED UNIPOLAR DETECTION TYPE HALL IC
S-57A1NSL1A-M3T2U SII-S-57A1NSL1A-M3T2U Datasheet
886Kb / 15P
   HIGH-SPEED UNIPOLAR DETECTION TYPE HALL IC
S-57B1 SII-S-57B1 Datasheet
1Mb / 20P
   OPERATION HIGH-SPEED UNIPOLAR DETECTION TYPE HALL IC
S5717 SII-S5717 Datasheet
1Mb / 19P
   LOW VOLTAGE OPERATION BOTH POLES / UNIPOLAR DETECTION TYPE HALL IC
S5716 SII-S5716 Datasheet
1Mb / 28P
   LOW CURRENT CONSUMPTION BOTH POLES / UNIPOLAR DETECTION TYPE HALL IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com