Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

WD3LE08GX436 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # WD3LE08GX436
Description  DDR3 240-Pin Registered-ECC DIMMs
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

WD3LE08GX436 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  WD3LE08GX436 Datasheet HTML 1Page - List of Unclassifed Manufacturers WD3LE08GX436 Datasheet HTML 2Page - List of Unclassifed Manufacturers WD3LE08GX436 Datasheet HTML 3Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Wintec Industries – OEM Embedded Design Center
RDIMM
UDIMM
SODIMM
mini DIMM
Where to Buy | Contact Us
Embedded OEM
DRAM
DDR3
DDR2
DDR
SDR
Speciality
Flash
SSD
ADD2
Modems
Home > Embedded OEM > DRAM > DDR3
DRAM DDR3
RDIMM
DDR3 is the current mainstream dram technology
standardized by JEDEC, bringing further improvements
in power consumption and increased bandwidth over
DDR2. Available in power supply voltages of 1.5V
(DDR3) and 1.35V (DDR3L) and with transfer data
rates from 800Mb/s to 1.6Gb/s and beyond, DDR3 has
become the de facto mainstream memory technology
especially for server and notebook applications in the
1H of 2010. Many other applications are available in the
market today to take advantage of the superior
performance features of DDR3 and DDR3L. Wintec
currently offers following DDR3 and DDR3L Modules
and will continue to add more solutions as
DDR3/DDR3L enabled applications will proliferate.
DDR3 240-Pin Registered-ECC DIMMs
Standard Profile (1.181”) with Nominal Voltage (1.5V)
Density
Part Number
Rank
DIMM
Config
Component
Config
Voltage
1GB
WD3RE01GX809-xxxxx-yyz
1 rank
128x72
128Mx8
1.5V
2GB
WD3RE02GX818-xxxxx-yyz
2 rank
256x72
128Mx8
1.5V
WD3RE02GX809-xxxxx-yyz
1 rank
256x72
256Mx8
1.5V
WD3RE02GX418-xxxxx-yyz
1 rank
256x72
256Mx4
1.5V
4GB
WD3RE04GX418-xxxxx-yyz
1 rank
512x72
512Mx4
1.5V
WD3RE04GX818-xxxxx-yyz
2 rank
512x72
256Mx8
1.5V
WD3RE04GX436-xxxxx-yyz
2 rank
512x72
256Mx4
1.5V
8GB
WD3RE08GX436-xxxxx-yyz
2 rank
1024x72
512Mx4
1.5V
WD3RE08GX836-xxxxx-yyz
4 rank
1024x72
256Mx8
1.5V
CONSUMER
EMBEDDED OEM
SUPPLY CHAIN
CLOUD SERVICES
DISTRIBUTION
SUPPORT
ABOUT WINTEC
Submit


Similar Part No. - WD3LE08GX436

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
WD30 OMRON-WD30 Datasheet
389Kb / 3P
   Wireless DeviceNet Units Connects Slaves without Wires
WD30-AT001 OMRON-WD30-AT001 Datasheet
389Kb / 3P
   Wireless DeviceNet Units Connects Slaves without Wires
WD30-ME OMRON-WD30-ME Datasheet
389Kb / 3P
   Wireless DeviceNet Units Connects Slaves without Wires
WD30-ME01 OMRON-WD30-ME01 Datasheet
389Kb / 3P
   Wireless DeviceNet Units Connects Slaves without Wires
WD30-SE OMRON-WD30-SE Datasheet
389Kb / 3P
   Wireless DeviceNet Units Connects Slaves without Wires
More results

Similar Description - WD3LE08GX436

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
DRAM-DDR3-UDIMM ETC2-DRAM-DDR3-UDIMM Datasheet
97Kb / 2P
   DDR3 240-Pin Unbuffered-ECC DIMMs
DTM64360B ETC2-DTM64360B Datasheet
170Kb / 13P
   2GB - 240-Pin 1Rx8 Registered ECC DDR3 DIMM
DRAM-DDR3-SODIMM ETC2-DRAM-DDR3-SODIMM Datasheet
104Kb / 2P
   DDR3 - 204-Pin SODIMM - Registered ECC
logo
Eorex Corporation
ED382R517-2G4SA-H9R EOREX-ED382R517-2G4SA-H9R_15 Datasheet
1Mb / 51P
   eorex Registered DDR3 SDRAM DIMMs
logo
Micron Technology
MT18JDF1G72PDZ-1G6D1 MICRON-MT18JDF1G72PDZ-1G6D1 Datasheet
388Kb / 19P
   8GB (x72, ECC, DR) 240-Pin DDR3 VLP RDIMM Features
logo
Eorex Corporation
ED382R517-2G4SA-H9R EOREX-ED382R517-2G4SA-H9R Datasheet
1Mb / 51P
   ED382R517-2G4SA-H9R is eorex Registered DDR3 SDRAM DIMMs
logo
Hynix Semiconductor
HMT351U6AFR8C-G7 HYNIX-HMT351U6AFR8C-G7 Datasheet
385Kb / 47P
   240pin DDR3 SDRAM Unbuffered DIMMs
logo
List of Unclassifed Man...
HX321C11SR-4 ETC2-HX321C11SR-4 Datasheet
596Kb / 2P
   DDR3-2133 CL11 240-Pin DIMM
HX324C11SRK2-8 ETC2-HX324C11SRK2-8 Datasheet
596Kb / 2P
   DDR3-2400 CL11 240-Pin DIMM
logo
Hynix Semiconductor
HMT164U6BFR6C HYNIX-HMT164U6BFR6C Datasheet
505Kb / 55P
   240pin DDR3 SDRAM Unbuffered DIMMs
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com