Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MJH11020G Datasheet(PDF) 3 Page - ON Semiconductor

Part # MJH11020G
Description  Complementary Darlington Silicon Power Transistors
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MJH11020G Datasheet(HTML) 3 Page - ON Semiconductor

  MJH11020G Datasheet HTML 1Page - ON Semiconductor MJH11020G Datasheet HTML 2Page - ON Semiconductor MJH11020G Datasheet HTML 3Page - ON Semiconductor MJH11020G Datasheet HTML 4Page - ON Semiconductor MJH11020G Datasheet HTML 5Page - ON Semiconductor MJH11020G Datasheet HTML 6Page - ON Semiconductor MJH11020G Datasheet HTML 7Page - ON Semiconductor MJH11020G Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
MJH11017, MJH11019, MJH11021 (PNP) MJH11018, MJH11020, MJH11022 (NPN)
www.onsemi.com
3
160
0
TC, CASE TEMPERATURE (°C)
40
60
100
120
160
80
140
20
Figure 1. Power Derating
0
20
40
60
80
100
140
120
ELECTRICAL CHARACTERISTICS (TC = 25_C unless otherwise noted)
Characteristic
Symbol
Min
Max
Unit
OFF CHARACTERISTICS
Collector−Emitter Sustaining Voltage (Note 2)
(IC = 0.1 Adc, IB = 0)
MJH11017, MJH11018
MJH11019, MJH11020
MJH11021, MJH11022
VCEO(sus)
150
200
250
Vdc
Collector Cutoff Current
(VCE = 75 Vdc, IB = 0)
MJH11017, MJH11018
(VCE = 100 Vdc, IB = 0)
MJH11019, MJH11020
(VCE = 125 Vdc, IB = 0)
MJH11021, MJH11022
ICEO
1.0
1.0
1.0
mAdc
Collector Cutoff Current
(VCE = Rated VCB, VBE(off) = 1.5 Vdc)
(VCE = Rated VCB, VBE(off) = 1.5 Vdc, TJ = 150_C)
ICEV
0.5
5.0
mAdc
Emitter Cutoff Current (VBE = 5.0 Vdc IC = 0)
IEBO
2.0
mAdc
ON CHARACTERISTICS (Note 2)
DC Current Gain
(IC = 10 Adc, VCE = 5.0 Vdc)
(IC = 15 Adc, VCE = 5.0 Vdc)
hFE
400
100
15,000
Collector−Emitter Saturation Voltage
(IC = 10 Adc, IB = 100 mA)
(IC = 15 Adc, IB = 150 mA)
VCE(sat)
2.5
4.0
Vdc
Base−Emitter On Voltage (IC = 10 A, VCE = 5.0 Vdc)
VBE(on)
2.8
Vdc
Base−Emitter Saturation Voltage (IC = 15 Adc, IB = 150 mA)
VBE(sat)
3.8
Vdc
DYNAMIC CHARACTERISTICS
Current−Gain Bandwidth Product (IC = 10 Adc, VCE = 3.0 Vdc, f = 1.0 MHz)
fT
3.0
Output Capacitance
MJH11018, MJH11020, MJH11022
(VCB = 10 Vdc, IE = 0, f = 0.1 MHz)
MJH11017, MJH11019, MJH11021
Cob
400
600
pF
Small−Signal Current Gain (IC = 10 Adc, VCE = 3.0 Vdc, f = 1.0 kHz)
hfe
75
SWITCHING CHARACTERISTICS
Typical
Characteristic
Symbol
NPN
PNP
Unit
Delay Time
(VCC = 100 V, IC = 10 A, IB = 100 mA
VBE(off) = 5.0 V) (See Figure 2)
td
150
75
ns
Rise Time
tr
1.2
0.5
ms
Storage Time
ts
4.4
2.7
ms
Fall Time
tf
2.5
2.5
ms
2. Pulse Test: Pulse Width = 300
ms, Duty Cycle v 2.0%.


Similar Part No. - MJH11020G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MJH11020G ONSEMI-MJH11020G Datasheet
86Kb / 6P
   15 AMPERE DARLINGTON COMPLEMENTARY SILICON POWER TRANSISTORS 150??50 VOLTS, 150 WATTS
July, 2006 ??Rev. 6
More results

Similar Description - MJH11020G

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
MJ2501 STMICROELECTRONICS-MJ2501 Datasheet
70Kb / 4P
   COMPLEMENTARY SILICON POWER DARLINGTON TRANSISTORS
MJD112 STMICROELECTRONICS-MJD112 Datasheet
84Kb / 6P
   COMPLEMENTARY SILICON POWER DARLINGTON TRANSISTORS
BDX87C STMICROELECTRONICS-BDX87C Datasheet
70Kb / 4P
   COMPLEMENTARY SILICON POWER DARLINGTON TRANSISTORS
SGSD100 STMICROELECTRONICS-SGSD100_03 Datasheet
894Kb / 6P
   COMPLEMENTARY SILICON POWER DARLINGTON TRANSISTORS
October 2003
TIP122FP STMICROELECTRONICS-TIP122FP Datasheet
29Kb / 4P
   COMPLEMENTARY SILICON POWER DARLINGTON TRANSISTORS
TIP140 STMICROELECTRONICS-TIP140 Datasheet
48Kb / 4P
   COMPLEMENTARY SILICON POWER DARLINGTON TRANSISTORS
logo
ON Semiconductor
TIP100 ONSEMI-TIP100 Datasheet
218Kb / 6P
   DARLINGTON COMPLEMENTARY SILICON POWER TRANSISTORS
1995 REV 7
MJ11017 ONSEMI-MJ11017 Datasheet
235Kb / 6P
   DARLINGTON POWER TRANSISTORS COMPLEMENTARY SILICON
1995
logo
STMicroelectronics
BDW83C STMICROELECTRONICS-BDW83C Datasheet
67Kb / 4P
   COMPLEMENTARY SILICON POWER DARLINGTON TRANSISTORS
BDX53B STMICROELECTRONICS-BDX53B Datasheet
80Kb / 6P
   COMPLEMENTARY SILICON POWER DARLINGTON TRANSISTORS
logo
Boca Semiconductor Corp...
2N6298 BOCA-2N6298 Datasheet
184Kb / 4P
   DARLINGTON COMPLEMENTARY SILICON POWER TRANSISTORS
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com