Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

WD3SE04GX818 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # WD3SE04GX818
Description  DDR3 - 204-Pin SODIMM - Registered ECC
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

WD3SE04GX818 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  WD3SE04GX818 Datasheet HTML 1Page - List of Unclassifed Manufacturers WD3SE04GX818 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Wintec Industries – OEM Embedded Design Center
RDIMM
UDIMM
SODIMM
mini DIMM
Where to Buy | Contact Us
Embedded OEM
DRAM
DDR3
DDR2
DDR
SDR
Speciality
Flash
SSD
ADD2
Modems
Home > Embedded OEM > DRAM > DDR3
DRAM DDR3
SODIMM
DDR3 is the current mainstream dram technology
standardized by JEDEC, bringing further improvements
in power consumption and increased bandwidth over
DDR2. Available in power supply voltages of 1.5V
(DDR3) and 1.35V (DDR3L) and with transfer data
rates from 800Mb/s to 1.6Gb/s and beyond, DDR3 has
become the de facto mainstream memory technology
especially for server and notebook applications in the
1H of 2010. Many other applications are available in the
market today to take advantage of the superior
performance features of DDR3 and DDR3L. Wintec
currently offers following DDR3 and DDR3L Modules
and will continue to add more solutions as
DDR3/DDR3L enabled applications will proliferate.
DDR3 - 204-Pin SODIMM - Registered ECC
Standard Profile (1.181”) with Nominal Voltage (1.5V)
Density
Part Number
Rank
DIMM
Config
Component
Config
Voltage
1GB
WD3AE01GX809-xxxx-yyz
1 rank
128x72
128Mx8
1.5V
2GB
WD3AE02GX809-xxxx-yyz
1 rank
256x72
256Mx8
1.5V
WD3AE02GX818-xxxx-yyz
2 rank
256x72
128Mx8
1.5V
4GB
WD3AE02GX418-xxxx-yyz
2 rank
512x72
256Mx8
1.5V
WD3AE04GX436-xxxx-yyz
1 rank
512x72
512Mx8
1.5V
DDR3 - 204-Pin SODIMM - Unbuffered ECC
Standard Profile (1.181”) with Nominal Voltage (1.5V)
Density
Part Number
Rank
DIMM
Config
Component
Config
Voltage
CONSUMER
EMBEDDED OEM
SUPPLY CHAIN
CLOUD SERVICES
DISTRIBUTION
SUPPORT
ABOUT WINTEC
Submit


Similar Part No. - WD3SE04GX818

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
WD30 OMRON-WD30 Datasheet
389Kb / 3P
   Wireless DeviceNet Units Connects Slaves without Wires
WD30-AT001 OMRON-WD30-AT001 Datasheet
389Kb / 3P
   Wireless DeviceNet Units Connects Slaves without Wires
WD30-ME OMRON-WD30-ME Datasheet
389Kb / 3P
   Wireless DeviceNet Units Connects Slaves without Wires
WD30-ME01 OMRON-WD30-ME01 Datasheet
389Kb / 3P
   Wireless DeviceNet Units Connects Slaves without Wires
WD30-SE OMRON-WD30-SE Datasheet
389Kb / 3P
   Wireless DeviceNet Units Connects Slaves without Wires
More results

Similar Description - WD3SE04GX818

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
VL-MM7-2SBN ETC2-VL-MM7-2SBN Datasheet
215Kb / 12P
   2GB 256Mx64 DDR3 SDRAM NON-ECC UNBUFFERED SODIMM 204-PIN
VL-MM9-4SBN ETC2-VL-MM9-4SBN Datasheet
146Kb / 14P
   4GB 512Mx64 DDR3 SDRAM LOW VOLTAGE NON-ECC UNBUFFERED SODIMM 204-PIN
VL-MM9-2EBN ETC2-VL-MM9-2EBN Datasheet
220Kb / 13P
   2GB 256Mx64 DDR3 SDRAM LOW VOLTAGE NON-ECC UNBUFFERED SODIMM 204-PIN
DRAM-DDR-RDIMM ETC2-DRAM-DDR-RDIMM Datasheet
97Kb / 3P
   DDR3 240-Pin Registered-ECC DIMMs
DTM64360B ETC2-DTM64360B Datasheet
170Kb / 13P
   2GB - 240-Pin 1Rx8 Registered ECC DDR3 DIMM
HX316LS9IBK2-8 ETC2-HX316LS9IBK2-8 Datasheet
353Kb / 2P
   CL9 204-Pin SODIMM Kit
logo
AAEON Technology
PFM-CVSREV.A AAEON-PFM-CVSREV.A Datasheet
259Kb / 2P
   204-pin DDR3 800/1066 MHz SODIMM x 1, Up to 2 GB
logo
List of Unclassifed Man...
KVR13S9K2-16 ETC2-KVR13S9K2-16 Datasheet
215Kb / 2P
   PC3-10600 CL9 204-Pin SODIMM Kit
logo
Advantech Co., Ltd.
SQR-SD3N ADVANTECH-SQR-SD3N Datasheet
453Kb / 1P
   SODIMM DDR3
28-Oct-2019
SQR-SD4N ADVANTECH-SQR-SD4N Datasheet
508Kb / 1P
   ECC SODIMM DDR4
22-Mar-2019
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com