Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SA18A Datasheet(PDF) 2 Page - JIEJIE MICROELECTRONICS CO.,Ltd

Part # SA18A
Description  Low zener impedance
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JIEJIE [JIEJIE MICROELECTRONICS CO.,Ltd]
Direct Link  http://www.jiejie-cn.com
Logo JIEJIE - JIEJIE MICROELECTRONICS CO.,Ltd

SA18A Datasheet(HTML) 2 Page - JIEJIE MICROELECTRONICS CO.,Ltd

  SA18A Datasheet HTML 1Page - JIEJIE MICROELECTRONICS CO.,Ltd SA18A Datasheet HTML 2Page - JIEJIE MICROELECTRONICS CO.,Ltd SA18A Datasheet HTML 3Page - JIEJIE MICROELECTRONICS CO.,Ltd SA18A Datasheet HTML 4Page - JIEJIE MICROELECTRONICS CO.,Ltd SA18A Datasheet HTML 5Page - JIEJIE MICROELECTRONICS CO.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
500W SA Series
JieJie Microelectronics CO. , Ltd
TEL:+86-513-83639777
- 2 / 5-
http://www.jjwdz.com
ELECTRICAL CHARACTERISTICS (TA=25℃)
Part Number
VR
IR@VR
VBR@IT
IT
VC@IPP
IPP
Uni-Polar
Bi-Polar
V
μA
min(V)
max(V)
mA
max(V)
A
SA5.0A
SA5.0CA
5.0
200
6.40
7.00
10
9.2
55.4
SA6.0A
SA6.0CA
6.0
200
6.67
7.37
10
10.3
49.5
SA6.5A
SA6.5CA
6.5
100
7.22
7.98
10
11.2
45.5
SA7.0A
SA7.0CA
7.0
50
7.78
8.60
10
12.0
42.5
SA7.5A
SA7.5CA
7.5
50
8.33
9.21
1
12.9
39.5
SA8.0A
SA8.0CA
8.0
20
8.89
9.83
1
13.6
37.5
SA8.5A
SA8.5CA
8.5
10
9.44
10.40
1
14.4
35.5
SA9.0A
SA9.0CA
9.0
5
10.00
11.10
1
15.4
33.1
SA10A
SA10CA
10.0
2
11.10
12.30
1
17.0
30.0
SA11A
SA11CA
11.0
1
12.20
13.50
1
18.2
28.0
SA12A
SA12CA
12.0
1
13.30
14.70
1
19.9
25.6
SA13A
SA13CA
13.0
1
14.40
15.90
1
21.5
23.7
SA14A
SA14CA
14.0
1
15.60
17.20
1
23.2
22.0
SA15A
SA15CA
15.0
1
16.70
18.50
1
24.4
20.9
SA16A
SA16CA
16.0
1
17.80
19.70
1
26.0
19.6
SA17A
SA17CA
17.0
1
18.90
20.90
1
27.6
18.5
SA18A
SA18CA
18.0
1
20.00
22.10
1
29.2
17.5
SA20A
SA20CA
20.0
1
22.20
24.50
1
32.4
15.7
SA22A
SA22CA
22.0
1
24.40
26.90
1
35.5
14.4
SA24A
SA24CA
24.0
1
26.70
29.50
1
38.9
13.1
SA26A
SA26CA
26.0
1
28.90
31.90
1
42.1
12.1
SA28A
SA28CA
28.0
1
31.10
34.40
1
45.4
11.2
SA30A
SA30CA
30.0
1
33.30
36.80
1
48.4
10.5
SA33A
SA33CA
33.0
1
36.70
40.60
1
53.3
9.6
SA36A
SA36CA
36.0
1
40.00
44.20
1
58.1
8.8
SA40A
SA40CA
40.0
1
44.40
49.10
1
64.5
7.9
SA43A
SA43CA
43.0
1
47.80
52.80
1
69.4
7.3
SA45A
SA45CA
45.0
1
50.00
55.30
1
72.7
7.0
SA48A
SA48CA
48.0
1
53.30
58.90
1
77.4
6.6
SA51A
SA51CA
51.0
1
56.70
62.70
1
82.4
6.2


Similar Part No. - SA18A

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
SA18A MOTOROLA-SA18A Datasheet
50Kb / 3P
   MOSORB ZENER OVERVOLTAGE TRANSIENT SUPPRESSORS
logo
Microdiode Electronics ...
SA18A CHENDA-SA18A Datasheet
479Kb / 3P
   GLASS PASSIVAED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
logo
Micro Commercial Compon...
SA18A MCC-SA18A Datasheet
255Kb / 4P
   500WATTS TRANSIENT VOLTAGE SUPPRESSOR 5.0 TO 170 VOLTS
logo
Littelfuse
SA18A LITTELFUSE-SA18A Datasheet
126Kb / 4P
   Silicon Avalanche Diodes - 500 Watt Axial Leaded Transient Voltage Suppressors
logo
Socay Electornics Co., ...
SA18A SOCAY-SA18A Datasheet
475Kb / 6P
   Axial Lead Transient Voltage Suppressors (TVS)
More results

Similar Description - SA18A

ManufacturerPart #DatasheetDescription
logo
Microdiode Electronics ...
DL47 CHENDA-DL47 Datasheet
852Kb / 3P
   Low zener impedance
logo
JIEJIE MICROELECTRONICS...
3KP JIEJIE-3KP Datasheet
222Kb / 5P
   Low zener impedance
1.5KE JIEJIE-1.5KE Datasheet
218Kb / 5P
   Low zener impedance.
logo
Microdiode Electronics ...
1N47 CHENDA-1N47 Datasheet
721Kb / 3P
   Low zener impedance
1N52 CHENDA-1N52 Datasheet
794Kb / 3P
   Low zener impedance
DL52 CHENDA-DL52 Datasheet
758Kb / 3P
   Low zener impedance
BZX85C CHENDA-BZX85C Datasheet
757Kb / 3P
   Low zener impedance
BZX55C CHENDA-BZX55C Datasheet
695Kb / 3P
   Low zener impedance
logo
Shanghai Leiditech Elec...
BZG03-C10 LEIDITECH-BZG03-C10 Datasheet
418Kb / 3P
   Low Zener impedance at low current
logo
Gaomi Xinghe Electronic...
1N4727 GXELECTRONICS-1N4727 Datasheet
1Mb / 5P
   Small current low zener impedance
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com