Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CS35L00-CNZR Datasheet(PDF) 10 Page - Cirrus Logic

Part # CS35L00-CNZR
Description  2.8 W Mono Class-D Audio Amplifier with Low Idle Current
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS35L00-CNZR Datasheet(HTML) 10 Page - Cirrus Logic

Back Button CS35L00-CNZR Datasheet HTML 6Page - Cirrus Logic CS35L00-CNZR Datasheet HTML 7Page - Cirrus Logic CS35L00-CNZR Datasheet HTML 8Page - Cirrus Logic CS35L00-CNZR Datasheet HTML 9Page - Cirrus Logic CS35L00-CNZR Datasheet HTML 10Page - Cirrus Logic CS35L00-CNZR Datasheet HTML 11Page - Cirrus Logic CS35L00-CNZR Datasheet HTML 12Page - Cirrus Logic CS35L00-CNZR Datasheet HTML 13Page - Cirrus Logic CS35L00-CNZR Datasheet HTML 14Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 34 page
background image
CS35L00
10
DS906PP1
ELECTRICAL CHARACTERISTICS - SD MODE
Parameters
Symbol
Test Conditions
Min
Typ
Max Units
Output Power
(Continuous Average)
PO
THD+N = 1%
RL = 8 Ω (VBATT = 5.0/4.2/3.7 VDC)
RL = 4 Ω (VBATT = 5.0/4.2/3.7 VDC)
-
-
1.35/0.95/0.73
2.25/1.58/1.22
-
-
W
W
THD+N = 10%
RL = 8 Ω (VBATT = 5.0/4.2/3.7 VDC)
RL = 4 Ω (VBATT = 5.0/4.2/3.7 VDC)
-
-
1.67/1.18/0.91
2.82/2.00/1.53
-
-
W
W
Total Harmonic Distortion + Noise THD+N PO = 1.0 W
-0.02
-
%
Power Supply Rejection Ratio
PSRR
Vripple = 200 mVPP, AINx AC coupled to GND
@ 217 Hz
@ 1 kHz
-
-
88
82
-
-
dB
dB
Common-Mode Rejection Ratio
CMRR Vripple =1VPP, fripple = 217 Hz
-73
-
dB
Signal to Noise Ratio
A-Weighted
SNRA
Inputs AC Coupled to Ground,
Referenced to 1% THD+N
(Note 13)
GAIN_SEL = Low (12 dB)
GAIN_SEL = High (6 dB)
-
-
96
97
-
-
dB
dB
Idle Channel Noise
A-Weighted
ICNA
AIN+ connected to AIN-
GAIN_SEL = Low (12 dB)
GAIN_SEL = High (6 dB)
-
-
54
49
-
-
μVrms
μVrms
Idle Channel Noise
ICN
AIN+ connected to AIN-
GAIN_SEL = Low (12 dB)
GAIN_SEL = High (6 dB)
-
-
110
100
-
-
μVrms
μVrms
Frequency Response
FR
20 Hz to 20 kHz
-0.1
0
0.4
dB
Total Group Delay
GD
-
6
-
μs
Output Switching Frequency
fsw1
-192
-
kHz
Idle Current Draw
(Note 12)
IIDLE
AIN+ connected AIN-, No Output Load
VBATT = 5.0 VDC
VBATT = 4.2 VDC
VBATT = 3.7 VDC
-
-
-
1.42
1.31
1.24
-
-
-
mA
mA
mA
Input Impedance, Single Ended
ZIN
GAIN_SEL = Low (12 dB)
GAIN_SEL = High (6 dB)
-
-
65
100
-
-
k
Ω
k
Ω
Input Voltage @ 1 % THD+N
VICLIP
RL = 8 Ω (VBATT = 5.0/4.2/3.7 VDC)
GAIN_SEL = Low (12 dB)
GAIN_SEL = High (6 dB)
-
-
0.85/0.72/0.63
1.70/1.43/1.25
-
-
Vrms
Vrms


Similar Part No. - CS35L00-CNZR

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
CS35L00-CNZR CIRRUS-CS35L00-CNZR Datasheet
509Kb / 34P
   2.7 W Mono Class-D Audio Amplifier with Low Idle Current
More results

Similar Description - CS35L00-CNZR

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
CS35L00 CIRRUS-CS35L00 Datasheet
509Kb / 34P
   2.7 W Mono Class-D Audio Amplifier with Low Idle Current
CS35L01 CIRRUS-CS35L01 Datasheet
538Kb / 34P
   2.9 W Mono Class-D Audio Amplifier with Low Idle Current
logo
Analog Devices
SSM2305 AD-SSM2305 Datasheet
455Kb / 16P
   Filterless High Efficiency Mono 2.8 W Class-D Audio Amplifier
REV. 0
SSM2305 AD-SSM2305_16 Datasheet
902Kb / 16P
   Filterless, High Efficiency, Mono 2.8 W, Class-D Audio Amplifier
logo
STMicroelectronics
TS4962 STMICROELECTRONICS-TS4962_10 Datasheet
592Kb / 44P
   2.8 W filter-free mono class D audio power amplifier
logo
Eutech Microelectronics...
EUA2036 EUTECH-EUA2036 Datasheet
155Kb / 1P
   Low EMI, 2.8-W Mono Filterless Class-D Audio Power Amplifier with Auto-Recovery
logo
Texas Instruments
TAS2553 TI-TAS2553_15 Datasheet
1Mb / 58P
[Old version datasheet]   TAS2553 2.8-W Class-D Mono Audio Amplifier with Class-G Boost and Speaker Sense
logo
NXP Semiconductors
SA58672 NXP-SA58672 Datasheet
192Kb / 27P
   3.0 W mono class-D audio amplifier
Rev. 04-8 June 2009
SA58672 PHILIPS-SA58672_15 Datasheet
192Kb / 27P
   3.0 W mono class-D audio amplifier
Rev. 04-8 June 2009
logo
Analog Devices
SSM4321 AD-SSM4321 Datasheet
459Kb / 24P
   Mono 2.9 W Class-D Audio Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com