Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

7-1415899-9 Datasheet(PDF) 4 Page - TE Connectivity Ltd

Part # 7-1415899-9
Description  5kV/10mm coil-contact, reinforced insulation
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEC [TE Connectivity Ltd]
Direct Link  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd

7-1415899-9 Datasheet(HTML) 4 Page - TE Connectivity Ltd

  7-1415899-9 Datasheet HTML 1Page - TE Connectivity Ltd 7-1415899-9 Datasheet HTML 2Page - TE Connectivity Ltd 7-1415899-9 Datasheet HTML 3Page - TE Connectivity Ltd 7-1415899-9 Datasheet HTML 4Page - TE Connectivity Ltd  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
05-2016, Rev. 0216
www.te.com
© 2015 Tyco Electronics Corporation,
a TE Connectivity Ltd. company
Datasheets and product specification
according to IEC 61810-1 and to be used
only together with the ‘Definitions’ section.
Datasheets and product data is subject to the
terms of the disclaimer and all chapters of
the ‘Definitions’ section, available at
http://relays.te.com/definitions
Datasheets, product data, ‘Definitions’ sec-
tion, application notes and all specifications
are subject to change.
4
SCHRACK
Product code
Version
Contacts
Contact material
Coil
Part number
RZ01-1A3-D005
12A
1 form A (NO)
AgSnO2
5VDC
3-1415899-7
RZ01-1A3-D006
pinning 3.5mm
6VDC
3-1415899-8
RZ01-1A3-D012
12VDC
3-1415899-9
RZ01-1A3-D024
24VDC
4-1415899-0
RZ01-1A3-D048
48VDC
4-1415899-1
RZ01-1A4-D005
AgNi 90/10
5VDC
1415899-1
RZ01-1A4-D006
6VDC
1415899-2
RZ01-1A4-D009
9VDC
1415899-3
RZ01-1A4-D012
12VDC
1415899-4
RZ01-1A4-D024
24VDC
1415899-5
RZ01-1A4-D048
48VDC
1415899-6
RZ01-1C3-D005
1 form C (CO)
AgSnO2
5VDC
4-1415899-2
RZ01-1C3-D006
6VDC
4-1415899-3
RZ01-1C3-D012
12VDC
4-1415899-4
RZ01-1C3-D024
24VDC
4-1415899-5
RZ01-1C3-D048
48VDC
4-1415899-6
RZ01-1C4-D005
AgNi 90/10
5VDC
1415899-7
RZ01-1C4-D006
6VDC
1415899-8
RZ01-1C4-D009
9VDC
1415899-9
RZ01-1C4-D012
12VDC
1-1415899-0
RZ01-1C4-D024
24VDC
1-1415899-1
RZ01-1C4-D048
48VDC
1-1415899-2
RZ03-1A3-D005
16A
1 form A (NO)
AgSnO2
5VDC
4-1415899-7
RZ03-1A3-D006
pinning 5mm
6VDC
4-1415899-8
RZ03-1A3-D012
12VDC
4-1415899-9
RZ03-1A3-D024
24VDC
5-1415899-0
RZ03-1A3-D048
48VDC
5-1415899-1
RZ03-1A4-D005
AgNi 90/10
5VDC
1-1415899-3
RZ03-1A4-D006
6VDC
1-1415899-4
RZ03-1A4-D009
9VDC
1-1415899-5
RZ03-1A4-D012
12VDC
1-1415899-6
RZ03-1A4-D024
24VDC
1-1415899-7
RZ03-1A4-D048
48VDC
1-1415899-8
RZ03-1C3-D005
1 form C (CO)
AgSnO2
5VDC
5-1415899-2
RZ03-1C3-D006
6VDC
5-1415899-3
RZ03-1C3-D012
12VDC
5-1415899-4
RZ03-1C3-D024
24VDC
5-1415899-5
RZ03-1C3-D048
48VDC
5-1415899-6
RZ03-1C4-D005
AgNi 90/10
5VDC
1-1415899-9
RZ03-1C4-D006
6VDC
2-1415899-0
RZ03-1C4-D009
9VDC
2-1415899-1
RZ03-1C4-D012
12VDC
2-1415899-2
RZ03-1C4-D015
15VDC
8-1415899-2
RZ03-1C4-D024
24VDC
2-1415899-3
RZ03-1C4-D048
48VDC
2-1415899-4
RZ03-1C4-D012-R
16A, pinning 5mm
1 form C (CO)
AgNi 90/10
12VDC
7-1415899-7
RZ03-1C4-D024-R
reinforced flux proof
24VDC
7-1415899-9
RZ0H-1A4-D012
16A, pinning 5mm,
High Performance
1 form A (NO)
AgNi 90/10
12VDC
9-1415899-4
RZ03-1C3-D012-R
16A, pinning 5mm,
reinforced flux proof
1 form C (CO)
AgSnO2
12VDC
tbd
RZ01-1C3-D012-R
12A, pinning 3.5mm,
reinforced flux proof
tbd
This list represents the most common types and does not show all variants covered by this datasheet.
Other types on request
Power PCB Relay RZ (Continued)
General Purpose Relays
PCB Relays


Similar Part No. - 7-1415899-9

ManufacturerPart #DatasheetDescription
logo
TE Connectivity Ltd
7-1415001-1 TEC-7-1415001-1 Datasheet
388Kb / 4P
   Mechanical indicator, optional LED and protection diode
7-1415002-1 TEC-7-1415002-1 Datasheet
388Kb / 4P
   Mechanical indicator, optional LED and protection diode
7-1415003-1 TEC-7-1415003-1 Datasheet
388Kb / 4P
   Mechanical indicator, optional LED and protection diode
7-1415006-1 TEC-7-1415006-1 Datasheet
339Kb / 3P
   2 pole relay with force guided contacts according to EN 50205
7-1415011-1 TEC-7-1415011-1 Datasheet
339Kb / 3P
   2 pole relay with force guided contacts according to EN 50205
More results

Similar Description - 7-1415899-9

ManufacturerPart #DatasheetDescription
logo
TE Connectivity Ltd
PCB-RT1 TEC-PCB-RT1 Datasheet
567Kb / 3P
   5kV/10mm coil-contact, reinforced insulation
RT2 TEC-RT2 Datasheet
542Kb / 3P
   5kV/10mm coil-contact, reinforced insulation
RZL TEC-RZL Datasheet
309Kb / 3P
   5kV/10mm coil-contact, reinforced insulation
RTH TEC-RTH Datasheet
283Kb / 2P
   5kV/10mm coil-contact
430 TEC-430 Datasheet
473Kb / 3P
   4kV/8mm coil-contact, reinforced insulation
SRL7 TEC-SRL7 Datasheet
294Kb / 2P
   Reinforced insulation between contact circuits
logo
MORNSUN Science& Techno...
H0305S-1WR2 MORNSUN-H0305S-1WR2 Datasheet
1Mb / 5P
   Reinforced insulation
G0505S-1WR2 MORNSUN-G0505S-1WR2 Datasheet
1Mb / 5P
   Reinforced insulation
logo
TE Connectivity Ltd
RTX TEC-RTX Datasheet
180Kb / 2P
   Reinforced insulation
logo
XFMRS Inc.
1101 XFMRS-1101 Datasheet
39Kb / 1P
   PRI TRANSFORMERS Reinforced Insulation
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com