Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

1-1415899-3 Datasheet(PDF) 1 Page - TE Connectivity Ltd

Part # 1-1415899-3
Description  5kV/10mm coil-contact, reinforced insulation
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEC [TE Connectivity Ltd]
Direct Link  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd

1-1415899-3 Datasheet(HTML) 1 Page - TE Connectivity Ltd

  1-1415899-3 Datasheet HTML 1Page - TE Connectivity Ltd 1-1415899-3 Datasheet HTML 2Page - TE Connectivity Ltd 1-1415899-3 Datasheet HTML 3Page - TE Connectivity Ltd 1-1415899-3 Datasheet HTML 4Page - TE Connectivity Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
02-2016, Rev. 0216
www.te.com
© 2015 Tyco Electronics Corporation,
a TE Connectivity Ltd. company
Datasheets and product specification
according to IEC 61810-1 and to be used
only together with the ‘Definitions’ section.
Datasheets and product data is subject to the
terms of the disclaimer and all chapters of
the ‘Definitions’ section, available at
http://relays.te.com/definitions
Datasheets, product data, ‘Definitions’ sec-
tion, application notes and all specifications
are subject to change.
1
SCHRACK
General Purpose Relays
PCB Relays
Power PCB Relay RZ
Contact ratings for RZ reinforced flux proof version
Type
Contact
Load
Cycles
IEC 61810
RZ03-1C3-D...-R
A (NO)
16A, 250VAC, 85°C
30x103
RZ03-1C3-D...-R
C (CO)
16A, 250VAC, 85°C
6x103
RZ01-1C3-D...-R
A (NO)
12A, 250VAC, 85°C
30x103
RZ01-1C3-D...-R
C (CO)
12A, 250VAC, 85°C
6x103
RZ03-1C4-D...-R
A (NO)
16A, 250VAC, 85°C
30x103
RZ03-1C4-D...-R
C (CO)
16A, 250VAC, 85°C
6x103
RZ02/3-1C4-D...-R
A (NO)
12A, 250VAC, 85°C
50x103
RZ02/3-1C4-D...-R
C (CO)
12A, 250VAC, 85°C
20x103
UL 508
RZ03-1C3-D...-R
A (NO)
16A, 277VAC, 85°C
30x103
RZ03-1C3-D...-R
C (CO)
16A, 277VAC, 85°C
6x103
RZ01-1C3-D...-R
A (NO)
12A, 277VAC, 85°C
30x103
RZ01-1C3-D...-R
C (CO)
12A, 277VAC, 85°C
6x103
RZ03-1C4-D...-R
A (NO)
16A, 277VAC, 85°C
30x103
RZ03-1C4-D...-R
C (CO)
16A, 277VAC, 85°C
6x103
RZ02/3-1C4-D...-R
A (NO)
12A, 277VAC, 85°C
50x103
RZ02/3-1C4-D...-R
C (CO)
12A, 277VAC, 85°C
20x103
Mechanical endurance
>10x106 operations
n
1 pole 12/16 A, 1 form C (CO) or 1 form A (NO) contact
n
DC coil 400 mW
n
5kV/10mm coil-contact, reinforced insulation
n
Ambient temperature 85°C
n
Product in accordance to IEC 60335-1
Typical applications
Household appliances, boiler control, timers, garage door control, POS
automation
Approvals
VDE Cert. No. 40023970, UL E214025, CQC 12002066685
Technical data of approved types on request
Contact Data
12A
16A
Contact arrangement
1 form C (CO) or 1 form A (NO)
Rated voltage
250VAC
Max. switching voltage
400VAC
Rated current
12A
16A
Limiting making current (form A contact)
max. 4s, duty factor 10%
30A
max. 20ms (incandescent lamp); AgSnO2
80A
Breaking capacity max.
3000VA
4000VA
Contact material
AgNi 90/10 or AgSnO2
Frequency of operation, with/without load
360/72000h-1
Operate/release time max.
8/6ms
Bounce time max., form A/form B
4/10ms
Contact ratings for standard version
Type
Contact
Load
Cycles
IEC 61810
RZ03-1A4
A (NO)
16A, 250VAC, 85°C
50x103
RZ03-1C4
C (CO)
16A, 250VAC, 85°C
10x103
RZ01-1A3
A (NO)
12A, 250VAC, 85°C
100x103
RZ01-1A4
A (NO)
12A, 250VAC, 85°C
50x103
RZ01-1C4
C (CO)
12A, 250VAC, 85°C
30x103
RZ01/3-1A4
A (NO)
10A, 250VAC, 85°C
150x103
RZ0H-1A4
A (NO)
12A, 250VAC, 85°C
150x103
RZ0H-1A4
A (NO)
16A, 250VAC, 85°C
50x103
RZ0H-1A4
A (NO)
18A, 250VAC, 85°C
30x103
UL 508
RZ03-1A.
A (NO)
16A, 250VAC, 85°C
50x103
RZ03-1A4
A (NO)
12A, 250VAC, 85°C
150x103
RZ01-1A3
A (NO)
12A, 250VAC, 85°C
50x103
RZ03-1.4
A (NO)
B300, R300, 85°C
6x103
RZ03-1.4
A (NO)
12A, 250VAC, 85°C
100x103
RZ03-1.4
A (NO)
1/2hp, 125VAC, 85°C
6x103
RZ03-1A.
A (NO)
1hp, 277VAC, 85°C
30x103
F0305-A
Z
1) valid for standard version
1)


Similar Part No. - 1-1415899-3

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
1-1415899-3 MACOM-1-1415899-3 Datasheet
178Kb / 4P
   Power PCB Relay RZ
More results

Similar Description - 1-1415899-3

ManufacturerPart #DatasheetDescription
logo
TE Connectivity Ltd
PCB-RT1 TEC-PCB-RT1 Datasheet
567Kb / 3P
   5kV/10mm coil-contact, reinforced insulation
RT2 TEC-RT2 Datasheet
542Kb / 3P
   5kV/10mm coil-contact, reinforced insulation
RZL TEC-RZL Datasheet
309Kb / 3P
   5kV/10mm coil-contact, reinforced insulation
RTH TEC-RTH Datasheet
283Kb / 2P
   5kV/10mm coil-contact
430 TEC-430 Datasheet
473Kb / 3P
   4kV/8mm coil-contact, reinforced insulation
SRL7 TEC-SRL7 Datasheet
294Kb / 2P
   Reinforced insulation between contact circuits
logo
MORNSUN Science& Techno...
H0305S-1WR2 MORNSUN-H0305S-1WR2 Datasheet
1Mb / 5P
   Reinforced insulation
G0505S-1WR2 MORNSUN-G0505S-1WR2 Datasheet
1Mb / 5P
   Reinforced insulation
logo
TE Connectivity Ltd
RTX TEC-RTX Datasheet
180Kb / 2P
   Reinforced insulation
logo
XFMRS Inc.
1101 XFMRS-1101 Datasheet
39Kb / 1P
   PRI TRANSFORMERS Reinforced Insulation
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com