Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S-24C01AFJA-11-S Datasheet(PDF) 10 Page - Seiko Instruments Inc

Part # S-24C01AFJA-11-S
Description  CMOS 2-WIRE SERIAL EEPROM
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S-24C01AFJA-11-S Datasheet(HTML) 10 Page - Seiko Instruments Inc

Back Button S-24C01AFJA-11-S Datasheet HTML 6Page - Seiko Instruments Inc S-24C01AFJA-11-S Datasheet HTML 7Page - Seiko Instruments Inc S-24C01AFJA-11-S Datasheet HTML 8Page - Seiko Instruments Inc S-24C01AFJA-11-S Datasheet HTML 9Page - Seiko Instruments Inc S-24C01AFJA-11-S Datasheet HTML 10Page - Seiko Instruments Inc S-24C01AFJA-11-S Datasheet HTML 11Page - Seiko Instruments Inc S-24C01AFJA-11-S Datasheet HTML 12Page - Seiko Instruments Inc S-24C01AFJA-11-S Datasheet HTML 13Page - Seiko Instruments Inc S-24C01AFJA-11-S Datasheet HTML 14Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 23 page
background image
CMOS 2-WIRED SERIAL EEPROM
S-24C01A/02A/04A
Rev. 2.2_30
10
Seiko Instruments Inc.
S
T
A
R
T
1 0 1 0
W
R
I
T
E
S
T
O
P
DEVICE
ADDRES
WORD ADDRESS (n)
DATA (n)
R
/
W
M
S
B
SDA LINE
ADR INC
A2 A1A0
W7W6W5W4W3W2W1W0
D7 D6 D5 D4 D3 D2 D1 D0
A
C
K
L
S
B
A
C
K
A
C
K
0
D7
D0
D7
D0
ADR INC
A
C
K
ADR INC
A
C
K
DATA (n+1)
DATA (n+x)
W7 is optional in the S-24C01A.
A0 is P0 in the S-24C04A.
In the S-24C01A or S-24C02A, the lower 3 bits of the word address are automatically incremented
each when the EEPROM receives 8-bit write data.
Even if the write data exceeds 8 bytes, the upper 5 bits at the word address remain unchanged, the
lower 3 bits are rolled over and overwritten.
In the S-24C04A, the lower 4 bits at the word address are automatically incremented each when the
EEPROM receives 8 bit write data.
Even when the write data exceeds 16 bytes, the upper 4 bits of the word address and page address
P0 remain unchanged, and the lower 4 bits are rolled over and overwritten.
6.3 Acknowledgment Polling
Acknowledgment polling is used to know when the rewriting of the EEPROM is finished.
After the EEPROM receives the stop condition signal and once it starts to rewrite, all operations are
prohibited. Also, the EEPROM cannot respond to the signal transmitted by the master device.
Accordingly, the master device transmits the start condition signal and the device address read/write
instruction code to the EEPROM (namely, the slave device) to detect the response of the slave
device. This allows users to know when the rewriting of the EEPROM is finished.
That is, if the slave device does not output the acknowledgment signal, it means that the EEPROM is
rewriting; when the slave device outputs the acknowledgment signal, you can know that rewriting
has been completed. It is recommended to use read instruction "1" for the read/write instruction
code transmitted by the master device.
6.4 Write Protection
The S-24C02A and the S-24C04A are capable of protecting the memory. When the WP pin is
connected to V
CC, writing to 50% of the latter half of all memory area (080h to 0FFh in the S-24C02A;
100h to 1FFh in the S-24C04A) is prohibited. Even when writing is prohibited, since the controller
inside the IC is operating, the response to the signal transmitted by the master device is not available
during the time of writing (t
WR).
When the WP pin is connected to GND, the write protection becomes invalid, and writing in all
memory area becomes available. However, when there is no need for using write protection, always
connect the WP pin to GND.
Figure 11 Page Write


Similar Part No. - S-24C01AFJA-11-S

ManufacturerPart #DatasheetDescription
logo
Seiko Instruments Inc
S-24C01ADP SII-S-24C01ADP Datasheet
1Mb / 20P
   CMOS 2-WIRED SERIAL EEPROM
More results

Similar Description - S-24C01AFJA-11-S

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT24LC04 HOLTEK-HT24LC04_14 Datasheet
1Mb / 12P
   CMOS 4K 2-Wire Serial EEPROM
HT24LC32 HOLTEK-HT24LC32 Datasheet
150Kb / 12P
   CMOS 32K 2-Wire Serial EEPROM
HT24LC02 HOLTEK-HT24LC02_10 Datasheet
134Kb / 14P
   CMOS 2K 2-Wire Serial EEPROM
HT24LC64 HOLTEK-HT24LC64 Datasheet
487Kb / 10P
   CMOS 64K 2-WIRE SERIAL EEPROM
HT24LC04 HOLTEK-HT24LC04 Datasheet
164Kb / 11P
   CMOS 4K 2-Wire Serial EEPROM
HT2201 HOLTEK-HT2201 Datasheet
101Kb / 11P
   CMOS 1K 2-Wire Serial EEPROM
HT24LC128 HOLTEK-HT24LC128 Datasheet
1Mb / 12P
   CMOS 128K 2-Wire Serial EEPROM
HT2201 HOLTEK-HT2201_14 Datasheet
1Mb / 9P
   CMOS 1K 2-Wire Serial EEPROM
HT24LC16 HOLTEK-HT24LC16 Datasheet
171Kb / 11P
   CMOS 16K 2-Wire Serial EEPROM
HT24LC08 HOLTEK-HT24LC08 Datasheet
160Kb / 11P
   CMOS 8K 2-Wire Serial EEPROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com