Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

310667-1 Datasheet(PDF) 6 Page - TE Connectivity Ltd

Part # 310667-1
Description  Application and Maintenance for Crimping Die Assemblies for Tape-Mounted PIDG and PLASTI-GRIP Terminals and Splices
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEC [TE Connectivity Ltd]
Direct Link  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd

310667-1 Datasheet(HTML) 6 Page - TE Connectivity Ltd

  310667-1 Datasheet HTML 1Page - TE Connectivity Ltd 310667-1 Datasheet HTML 2Page - TE Connectivity Ltd 310667-1 Datasheet HTML 3Page - TE Connectivity Ltd 310667-1 Datasheet HTML 4Page - TE Connectivity Ltd 310667-1 Datasheet HTML 5Page - TE Connectivity Ltd 310667-1 Datasheet HTML 6Page - TE Connectivity Ltd 310667-1 Datasheet HTML 7Page - TE Connectivity Ltd  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
408-2423
Rev B
6 of 7
DIE ASSEMBLY NUMBER
GAGE DIMENSION
GO Diameter
NO-GO Diameter
68116-1
5.105 [.2010]
5.258 [.2070]
68207-1
3.023 [.1190]
3.175 [.1250]
68208-1
2.769 [.1090]
2.921 [.1150]
69872
2.769 [.1090]
2.921 [.1150]
69873
3.023 [.1190]
3.175 [.1250]
69874
4.293 [.1690]
4.445 [.1750]
69877
1.600 [.0630]
1.753 [.0690]
69877-2
1.600 [.0630]
1.753 [.0690]
69878
2.261 [.0890]
2.413 [.0950]
69897
4.293 [.1690]
4.445 [.1750]
69935
2.311 [.0910]
2.388 [.0940]
69936
2.667 [.1050]
2.743 [.1080]
69937
3.327 [.1310]
3.404 [.1340]
69938
3.835 [.1510]
3.912 [.1540]
Figure 3
7. REVISION SUMMARY
Updated document to corporate requirements
Changed part number in “Insul Indenter” column in Figure 4
GO
DIA
NO-GO
DIA
Crimping
Chamber
Insulation Barrel
Crimper
NO-GO Element
GO Element
Wire Barrel
Crimper


Similar Part No. - 310667-1

ManufacturerPart #DatasheetDescription
logo
Voltage Multipliers Inc...
3106 VMI-3106 Datasheet
151Kb / 2P
   200 V - 1,000 V Three Phase Bridge 2.0 A Forward Current 70 ns - 3000 ns Recovery Time
logo
Advanced Technical Mate...
3106 ATM-3106 Datasheet
98Kb / 1P
   OUTLINE, FXD ATTEN. SMA, DC-23.0 GHz
logo
List of Unclassifed Man...
3106 ETC2-3106 Datasheet
92Kb / 2P
   WASHERS AND NUTS
logo
Heyco.
3106 HEYCO-3106 Datasheet
135Kb / 1P
   Large Dome Plugs
logo
Kendall Howard
3106-3-001-27 KENDALLHOWARD-3106-3-001-27 Datasheet
243Kb / 2P
   27U LINIER FS SOLID FRONT/ VENTED REAR
More results

Similar Description - 310667-1

ManufacturerPart #DatasheetDescription
logo
TE Connectivity Ltd
408-9227 TEC-408-9227 Datasheet
134Kb / 4P
   Application and Maintenance for Crimping Die Assemblies
logo
Tyco Electronics
68010 MACOM-68010 Datasheet
653Kb / 9P
   Crimping Die Assemblies for COPALUM Sealed Terminals and Splices
logo
TE Connectivity Ltd
408-32087 TEC-408-32087 Datasheet
1Mb / 17P
   Crimping Die Assemblies and Supports for COPALUM Lite Sealed Terminals and Splices
408-2567 TEC-408-2567 Datasheet
236Kb / 1P
   Tool and Die Selection Chart for Insulated PIDG*, PLASTI-GRIP*, DIAMOND GRIP* and Budget Terminals and Splices (30 to 10 AWG)
logo
Tyco Electronics
408-2353 MACOM-408-2353 Datasheet
317Kb / 12P
   Crimping Die Assemblies for COPALUM Terminals and Splices and HF- 30 Pin and Socket Contacts
logo
TE Connectivity Ltd
408-2614 TEC-408-2614 Datasheet
314Kb / 5P
   Tool and Die Selection for TE Terminals and Splices
408-2575 TEC-408-2575 Datasheet
131Kb / 1P
   Tool and Die Selection Chart for AMP Terminals and Splices
logo
Tyco Electronics
408-4199 MACOM-408-4199 Datasheet
346Kb / 7P
   This instruction sheet covers the application and maintenance procedures for Crimping Die Assembly
logo
TE Connectivity Ltd
408-8609 TEC-408-8609 Datasheet
175Kb / 4P
   This instruction sheet covers the use and maintenance of Crimping Die Assemblies
logo
Tyco Electronics
53041 MACOM-53041 Datasheet
153Kb / 6P
   Standard Terminals and Splices
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com