Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

307160-8 Datasheet(PDF) 2 Page - TE Connectivity Ltd

Part # 307160-8
Description  The care, amount of use, and handling of the dies.
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEC [TE Connectivity Ltd]
Direct Link  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd

307160-8 Datasheet(HTML) 2 Page - TE Connectivity Ltd

  307160-8 Datasheet HTML 1Page - TE Connectivity Ltd 307160-8 Datasheet HTML 2Page - TE Connectivity Ltd 307160-8 Datasheet HTML 3Page - TE Connectivity Ltd 307160-8 Datasheet HTML 4Page - TE Connectivity Ltd 307160-8 Datasheet HTML 5Page - TE Connectivity Ltd 307160-8 Datasheet HTML 6Page - TE Connectivity Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
408-2648
2 of 6
Rev C
•Crimped by foot switch control only in machine 69875.
Figure 1
4.3. Die Closure Inspection
Every die set is inspected for proper die closure
dimensions before packaging. An inspection should
be performed periodically to inspect the die closure for
excessive wear.
Die closure inspection is accomplished using GO
NO-GO plug gages. TE Connectivity neither
manufactures nor sells plug gages. A suggested plug
gage design and the GO NO-GO dimensions of the
plug gage elements are listed in Figures 4 and 5. The
following procedure is recommended for inspecting
the die closure.
Terminals
Butt Splices
SOLISTRAND and
STRATO-THERM w/o
Insulation Support
SOLISTRAND
Flag Terminal
STRATO-THERM
w/Insulation Support
“B” Equals Wire Barrel
“C” Equals Insulation Barrel
B
B
B
B
B
C
C
PRODUCT
DESCRIPTION
WIRE
SIZE
RANGE
(AWG)
DIE
NO.
MACHINE
NO.
WIRE STRIP LENGTH
(Add 1.59 mm [.062 in.] to strip length when
using probe in 69875 machine)
TERMINALS
SPLICES
Min
Max
Min
Max
SOLISTRAND Terminals and Splices•
22-16
68240-1
69875,
354500-1,
565435-5
4.37 [.172]
5.16 [.203]
6.35 [.250]
7.14 [.281]
16-14
68241-1
12-10
68242-1
6.35 [.250]
7.14 [.281]
Uninsulated STRATO-THERM Terminals and
Splices• (Insulation Support)
22-16
69930
69875
5.16 [.203]
5.94 [.234]
5.16 [.203]
5.94 [.234]
16-14
69931
12-10
69932
8.74 [.344]
9.52 [.375]
8.74 [.344]
9.52 [.375]
Uninsulated STRATO-THERM Terminals and
Splices• (Non-Insulation Support)
22-16
69954
4.37 [.172]
5.16 [.203]
6.35 [.250]
7.14 [.281]
16-14
69955
12-10
69956
6.35 [.250]
7.14 [.281]


Similar Part No. - 307160-8

ManufacturerPart #DatasheetDescription
logo
Alpha Wire
3071 ALPHAWIRE-3071 Datasheet
70Kb / 3P
   Customer Specification
logo
KR Electronics, Inc.
3071 KR-3071 Datasheet
59Kb / 3P
   140 MHz Bandpass Filter
logo
3M Electronics
3071 3M-3071 Datasheet
29Kb / 2P
   Scotch짰 Recycled Corrugate Tape
logo
Alpha Wire
3071 ALPHAWIRE-3071 Datasheet
98Kb / 4P
   Customer Specification
2/16/2023
logo
Heyco.
3071 HEYCO-3071 Datasheet
117Kb / 1P
   Pry Out Plugs
More results

Similar Description - 307160-8

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
408-10210 MACOM-408-10210 Datasheet
634Kb / 8P
   The die assemblies consist of stationary dies and moving dies
logo
Linear Dimensions Semic...
DC2399 LINEAR_DIMENSIONS-DC2399 Datasheet
3Mb / 22P
   the starter kit for demonstrating the performance and ease of use of the LTC짰2984
logo
Ultralife Corporation.
URB6450 ULTRALIFE-URB6450 Datasheet
664Kb / 2P
   Significantly lighter weight for the same amount of energy
Rev: C
logo
Lumileds Lighting Compa...
LUXEON4014 LUMILEDS-LUXEON4014 Datasheet
1Mb / 14P
   Compact footprint delivering high-efficacy and just the right amount of light
MXZ7-PW50 LUMILEDS-MXZ7-PW50 Datasheet
2Mb / 25P
   Compact footprint delivering high-efficacy and just the right amount of light
DS205 LUMILEDS-DS205 Datasheet
1Mb / 25P
   A compact footprint delivering high efficacy and just the right amount of light
logo
ON Semiconductor
AND8349-D ONSEMI-AND8349-D Datasheet
237Kb / 6P
   Automotive Applications The Use of Discrete
May, 2009 ??Rev. 1
logo
Silicon Laboratories
SI4455-2 SILABS-SI4455-2 Datasheet
325Kb / 9P
   The kits support use of the Wireless Development Suite
logo
3M Electronics
GS-2000-4405-4 3M-GS-2000-4405-4 Datasheet
158Kb / 17P
   Identification of the substance/mixture and of the company/undertaking
logo
Shenzhen Huazhimei Semi...
HM9300 HMSEMI-HM9300 Datasheet
244Kb / 2P
   The package and pin of the chip
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com