Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MC54-74HCT373A Datasheet(PDF) 3 Page - Motorola, Inc

Part # MC54-74HCT373A
Description  High?밣erformance Silicon?밎ate CMOS
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MC54-74HCT373A Datasheet(HTML) 3 Page - Motorola, Inc

  MC54-74HCT373A Datasheet HTML 1Page - Motorola, Inc MC54-74HCT373A Datasheet HTML 2Page - Motorola, Inc MC54-74HCT373A Datasheet HTML 3Page - Motorola, Inc MC54-74HCT373A Datasheet HTML 4Page - Motorola, Inc MC54-74HCT373A Datasheet HTML 5Page - Motorola, Inc MC54-74HCT373A Datasheet HTML 6Page - Motorola, Inc MC54-74HCT373A Datasheet HTML 7Page - Motorola, Inc MC54-74HCT373A Datasheet HTML 8Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
MC54/74HCT373A
High–Speed CMOS Logic Data
DL129 — Rev 6
3
MOTOROLA
DC ELECTRICAL CHARACTERISTICS (Voltages Referenced to GND)
Unit
Guaranteed Limit
VCC
V
Test Conditions
Parameter
Symbol
Unit
v 125_C
v 85_C
– 55 to
25
_C
VCC
V
Test Conditions
Parameter
Symbol
IOZ
Maximum Three–State
Leakage Current
Output in High–Impedance State
Vin = VIL or VIH
Vout = VCC or GND
5.5
± 0.5
± 5.0
± 10
µA
ICC
Maximum Quiescent Supply
Current (per Package)
Vin = VCC or GND
Iout = 0 µA
5.5
4.0
40
160
µA
∆ICC
Additional Quiescent Supply
Current
Vin = 2.4 V, Any One Input
Vin = VCC or GND, Other Inputs
5.5
≥ –55_C
25
_C to 125_C
mA
Current
Vin = VCC or GND, Other Inputs
lout = 0 µA
2.9
2.4
NOTE: 1. Total Supply Current = ICC + Σ∆ICC.
NOTE: Information on typical parametric values can be found in Chapter 2 of the Motorola High–Speed CMOS Data Book (DL129/D).
AC ELECTRICAL CHARACTERISTICS (VCC = 5.0 V ± 10%, CL = 50 pF, Input tr = tf = 6.0 ns)
Sb l
P
Guaranteed Limit
Ui
Symbol
Parameter
– 55 to
25
_C
v 85_C
v 125_C
Unit
tPLH,
tPHL
Maximum Propagation Delay, Input D to Q
(Figures 1 and 5)
28
35
42
ns
tPLH,
tPHL
Maximum Propagation Delay, Latch Enable to Q
(Figures 2 and 5)
32
40
48
ns
tPLZ,
tPHZ
Maximum Propagation Delay, Output Enable to Q
(Figures 3 and 6)
30
38
45
ns
tPZL,
tPZH
Maximum Propagation Delay, Output Enable to Q
(Figures 3 and 6)
35
44
53
ns
tTLH,
tTHL
Maximum Output Transition Time, Any Output
(Figures 1 and 5)
12
15
18
ns
Cin
Maximum Input Capacitance
10
10
10
pF
Cout
Maximum Three–State Output Capacitance
(Output in High–Impedance State)
15
15
15
pF
NOTE: For propagation delays with loads other than 50 pF, and information on typical parametric values, see Chapter 2 of the Motorola High–
Speed CMOS Data Book (DL129/D).
C
P
Di
i
i
C
i
(P
L
h)*
Typical @ 25
°C, VCC = 5.0 V
F
CPD
Power Dissipation Capacitance (Per Latch)*
65
pF
* Used to determine the no–load dynamic power consumption: PD = CPD VCC2f + ICC VCC. For load considerations, see Chapter 2 of the
Motorola High–Speed CMOS Data Book (DL129/D).
TIMING REQUIREMENTS (VCC = 5.0 V ± 10%, Input tr = tf = 6.0 ns)
Sb l
P
Guaranteed Limit
Ui
Symbol
Parameter
– 55 to
25
_C
v 85_C
v 125_C
Unit
tsu
Minimum Setup Time, Input D to Latch Enable
(Figure 4)
10
13
15
ns
th
Minimum Hold Time, Latch Enable to Input D
(Figure 4)
10
13
15
ns
tw
Minimum Pulse Width, Latch Enable
(Figure 2)
12
15
18
ns
tr, tf
Maximum Input Rise and Fall Times
(Figure 1)
500
500
500
ns


Similar Part No. - MC54-74HCT373A

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC54-74HCT32A MOTOROLA-MC54-74HCT32A Datasheet
178Kb / 5P
   High?밣erformance Silicon?밎ate CMOS
More results

Similar Description - MC54-74HCT373A

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC54-74HCT161A MOTOROLA-MC54-74HCT161A Datasheet
258Kb / 12P
   High?밣erformance Silicon?밎ate CMOS
MC54-74HC640A MOTOROLA-MC54-74HC640A Datasheet
155Kb / 7P
   High?밣erformance Silicon?밎ate CMOS
MC5474HC245A MOTOROLA-MC5474HC245A Datasheet
203Kb / 6P
   High?밣erformance Silicon?밎ate CMOS
74HC390A MOTOROLA-74HC390A Datasheet
268Kb / 9P
   High?밣erformance Silicon?밎ate CMOS
MC5474HC4351 MOTOROLA-MC5474HC4351 Datasheet
480Kb / 13P
   High?밣erformance Silicon?밎ate CMOS
MC54F74HC164A MOTOROLA-MC54F74HC164A Datasheet
245Kb / 9P
   High?밣erformance Silicon?밎ate CMOS
MC5474HC08A MOTOROLA-MC5474HC08A Datasheet
165Kb / 7P
   High?밣erformance Silicon?밎ate CMOS
MC5474HC175A MOTOROLA-MC5474HC175A Datasheet
248Kb / 8P
   High?밣erformance Silicon?밎ate CMOS
MC54-74HC132A MOTOROLA-MC54-74HC132A Datasheet
192Kb / 6P
   High?밣erformance Silicon?밎ate CMOS
MC54-74HC4351 MOTOROLA-MC54-74HC4351 Datasheet
480Kb / 13P
   High?밣erformance Silicon?밎ate CMOS
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com