Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

1-59619-7 Datasheet(PDF) 7 Page - TE Connectivity Ltd

Part # 1-59619-7
Description  Crimping Die Assemblies
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEC [TE Connectivity Ltd]
Direct Link  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd

1-59619-7 Datasheet(HTML) 7 Page - TE Connectivity Ltd

  1-59619-7 Datasheet HTML 1Page - TE Connectivity Ltd 1-59619-7 Datasheet HTML 2Page - TE Connectivity Ltd 1-59619-7 Datasheet HTML 3Page - TE Connectivity Ltd 1-59619-7 Datasheet HTML 4Page - TE Connectivity Ltd 1-59619-7 Datasheet HTML 5Page - TE Connectivity Ltd 1-59619-7 Datasheet HTML 6Page - TE Connectivity Ltd 1-59619-7 Datasheet HTML 7Page - TE Connectivity Ltd  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
408- 2822
7
of 7
Rev B
7. DIE REPLACEMENT AND REPAIR
Due to their precision design, it is important that
no parts of these dies are interchanged.
Parts listed in Figure 8 are customer--replaceable. A
complete inventory can be stocked and controlled to
prevent lost time when replacement of parts is
necessary. Damaged dies cannot be repaired: replace
any worn or damaged dies or die components
immediately. Replacement parts or additional dies
may be requested by calling 1 800 526--5142 or send
a facsimile of your purchase order to 1 717 986--7605
or by contacting:
CUSTOMER SERVICE (38--35)
TYCO ELECTRONICS CORPORATION
P.O. BOX 3608
HARRISBURG PA 17105--360
8. REVISION SUMMARY
S
Updated document to corporate requirements.
A
B
Die Assembly
59827-1 (Typ)
C
1
2
3
4
5
6
7
8
9
10
DIE SPEC
REPLACEMENT PARTS
DIE SPEC
DIMENSIONS
ITEM
DESCRIPTION
QTY
DIE ASSEMBLY NUMBER
DIMENSIONS
ITEM
DESCRIPTION
QTY
59826- 1
59827- 1
59828- 1
A
57 53 [2 265]
1
SCREW, Special
1
2--59781--4
2--59781--4
59781--1
A
57.53 [2.265]
2
INSULATION DIE, Moving
1
307285--1
307285--2
307276--1
B
15 87 [ 625]
3
WIRE BARREL DIE, Moving
1
310605--1
310605--2
310606--1
B
15.87 [.625]
4
RING, Retaining
2
1--21046--3
1--21046--3
1--21046--3
C
25 4 [1 00]
5
WIRE BARREL DIE, Stationary
1
310596--1
310600--1
310604--1
C
25.4 [1.00]
6
INSULATION DIE, Stationary
1
1--59619--7
1--59619--8
1--59619--2
7
SCREW, Special
1
59781--6
59781--6
59781--5
WEIGHT (Approx.)
8
SCREW
1
2--59577--9
2--59577--9
2--59577--8
WEIGHT (Approx.)
113g[4oz.]
9
SADDLE
1
307275--9
307275--9
1--307275--0
g [
]
10
WASHER, Curved
1
24088--8
24088--8
24088--8
Figure 8
CAUTION
!


Similar Part No. - 1-59619-7

ManufacturerPart #DatasheetDescription
logo
TE Connectivity Ltd
1-59619-7 TEC-1-59619-7 Datasheet
510Kb / 7P
   Application and Maintenance for Crimping Die Assemblies for Tape-Mounted PIDG and PLASTI-GRIP Terminals and Splices
More results

Similar Description - 1-59619-7

ManufacturerPart #DatasheetDescription
logo
TE Connectivity Ltd
408-9278 TEC-408-9278 Datasheet
272Kb / 5P
   Crimping Die Assemblies
408-9279 TEC-408-9279 Datasheet
138Kb / 5P
   Crimping Die Assemblies
408-6877 TEC-408-6877 Datasheet
299Kb / 5P
   Crimping Die Assemblies
logo
Tyco Electronics
408-9177 MACOM-408-9177 Datasheet
142Kb / 5P
   Crimping Die Assemblies
logo
TE Connectivity Ltd
408-8704 TEC-408-8704 Datasheet
519Kb / 10P
   Crimping Die Assemblies
408-2786 TEC-408-2786 Datasheet
134Kb / 5P
   Crimping Die Assemblies
logo
Tyco Electronics
408-9905 MACOM-408-9905 Datasheet
94Kb / 3P
   Crimping Die Assemblies
logo
TE Connectivity Ltd
408-2281 TEC-408-2281 Datasheet
520Kb / 12P
   Crimping Die Assemblies
408-8703 TEC-408-8703 Datasheet
226Kb / 6P
   Crimping Die Assemblies
408-2710 TEC-408-2710 Datasheet
328Kb / 5P
   AMPOWER Crimping Die Assemblies
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com