Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SAA5297PS Datasheet(PDF) 4 Page - NXP Semiconductors

Part # SAA5297PS
Description  Economy teletext and TV microcontrollers
Download  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SAA5297PS Datasheet(HTML) 4 Page - NXP Semiconductors

  SAA5297PS Datasheet HTML 1Page - NXP Semiconductors SAA5297PS Datasheet HTML 2Page - NXP Semiconductors SAA5297PS Datasheet HTML 3Page - NXP Semiconductors SAA5297PS Datasheet HTML 4Page - NXP Semiconductors SAA5297PS Datasheet HTML 5Page - NXP Semiconductors SAA5297PS Datasheet HTML 6Page - NXP Semiconductors SAA5297PS Datasheet HTML 7Page - NXP Semiconductors SAA5297PS Datasheet HTML 8Page - NXP Semiconductors SAA5297PS Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 68 page
background image
1997 Jul 07
4
Philips Semiconductors
Preliminary specification
Economy teletext and TV microcontrollers
SAA5x9x family
3
ORDERING INFORMATION
Note
1. ‘nnn’ is a three-digit number uniquely referencing the microcontroller program mask and OSD mask.
4
QUICK REFERENCE DATA
TYPE NUMBER(1)
PACKAGE
PROGRAM
MEMORY (ROM)
NAME
DESCRIPTION
VERSION
SAA5290PS/nnn
SDIP52 plastic shrink dual in-line package; 52 leads
(600 mil)
SOT247-1 16 kbytes
SAA5291PS/nnn
SDIP52
plastic shrink dual in-line package; 52 leads
(600 mil)
SOT247-1 32 kbytes
SAA5291APS/nnn
SAA5296PS/nnn
SAA5296APS/nnn
SAA5491PS/nnn
SAA5496PS/nnn
SAA5291H/nnn
QFP80
plastic quad flat package; 80 leads (lead length
1.95 mm); body 14
× 20 × 2.8 mm
SOT318-2 32 kbytes and external
SAA5291AH/nnn
SAA5296H/nnn
SAA5296AH/nnn
SAA5491H/nnn
SAA5496H/nnn
SAA5297PS/nnn
SDIP52
plastic shrink dual in-line package; 52 leads
(600 mil)
SOT247-1 64 kbytes
SAA5297APS/nnn
SAA5497PS/nnn
SAA5297H/nnn
QFP80
plastic quad flat package; 80 leads (lead length
1.95 mm); body 14
× 20 × 2.8 mm
SOT318-2 64 kbytes or external
SAA5297AH/nnn
SAA5497H/nnn
SYMBOL
PARAMETER
MIN.
TYP.
MAX.
UNIT
VDDA
supply voltages
4.5
5.0
5.5
V
VDDM
VDDT
fxtal
crystal frequency
12
MHz
Tamb
operating ambient temperature
−20
+70
°C
IDDM
microcontroller supply current
20
35
mA
SAA5290, SAA5291, SAA5291A and SAA5491
IDDA
analog supply current
35
50
mA
IDDT
teletext supply current
40
65
mA
SAA5296, SAA5296A, SAA5297, SAA5297A, SAA5496 and SAA5497
IDDA
analog supply current
35
50
mA
IDDT
teletext supply current
50
80
mA


Similar Part No. - SAA5297PS

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SAA5297PS PHILIPS-SAA5297PS Datasheet
652Kb / 33P
   Economy teletext and TV microcontrollers
February 1995
More results

Similar Description - SAA5297PS

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SAA5290 PHILIPS-SAA5290 Datasheet
652Kb / 33P
   Economy teletext and TV microcontrollers
February 1995
SAA5290 PHILIPS-SAA5290 Datasheet
360Kb / 33P
   One page Economy Teletext/TV microcontroller
February 1995
83C145 PHILIPS-83C145 Datasheet
243Kb / 40P
   Microcontrollers for TV and video MTV
1996 Mar 22
TDA837X PHILIPS-TDA837X Datasheet
451Kb / 72P
   I2C-bus controlled economy PAL/NTSC and NTSC TV-processors
1997 Jul 01
SAA5246A PHILIPS-SAA5246A Datasheet
630Kb / 50P
   Integrated VIP and Teletext IVT1.0
January 1993
PCA84C646 PHILIPS-PCA84C646 Datasheet
564Kb / 72P
   Microcontrollers for TV tuning control and OSD applications
1995 Jun 15
TDA9550 PHILIPS-TDA9550 Datasheet
520Kb / 125P
   TV signal processor-Teletext decoder with embedded m-Controller
2000 Apr 06
TDA935XPS PHILIPS-TDA935XPS Datasheet
490Kb / 118P
   TV signal processor-Teletext decoder with embedded m-Controller
2001 Jan 18
TDA935X PHILIPS-TDA935X Datasheet
667Kb / 118P
   TV signal processor-Teletext decoder with embedded m-Controller
2001 Jan 18
SAA5244A PHILIPS-SAA5244A Datasheet
198Kb / 32P
   Integrated VIP and teletext decoder IVT1.1
March 1992
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com