Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2-327139-2 Datasheet(PDF) 4 Page - Tyco Electronics

Part # 2-327139-2
Description  Cumulative Trauma Disorders can result from the prolonged use of manually powered hand tools.
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

2-327139-2 Datasheet(HTML) 4 Page - Tyco Electronics

  2-327139-2 Datasheet HTML 1Page - Tyco Electronics 2-327139-2 Datasheet HTML 2Page - Tyco Electronics 2-327139-2 Datasheet HTML 3Page - Tyco Electronics 2-327139-2 Datasheet HTML 4Page - Tyco Electronics 2-327139-2 Datasheet HTML 5Page - Tyco Electronics 2-327139-2 Datasheet HTML 6Page - Tyco Electronics 2-327139-2 Datasheet HTML 7Page - Tyco Electronics 2-327139-2 Datasheet HTML 8Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
LOC B
in tool. Insert female die holding pin. See
Figure 5.
Figure 5
2.4. Die Removal Hand Tool No. 59500
1. Remove female die holding pin.
2. Close handles until male die holding screw is
visible. See Figure 6.
3. Turn male die holding screw slot in a vertical
position. See Figure 6.
4. Push die set up with a small screwdriver or
drift pin just enough to permit female die to be
pulled out of tool.
5. Remove male die and insert die holding pin
back into tool.
Figure 6
2.5. Die Removal Pneumatic Tool No. 69270·1 Mod. 2
1. Remove female die holding pin.
2. Depress take-up lever until male die holding
screw is visible. See Figure 6.
3. With take-up lever depressed, turn male die
holding screw slot in a vertical position. See
Figure 6.
4. Push die set up with a small screwdriver or
drift pin just enough to permit female die to be
pulled out of tool.
5. Remove male die and insert die holding pin
back into tool.
2.6. Wire Stripping And Crimping Procedures
A. Wire Stripping
1. Strip shielded wire as shown in Figure 7.
Figure 7
2. Strip ground wire to dimensions given in Figure
8.
Figure 8
B. Crimping Procedures
1. Place ferrule on shielded wire as shown in
Figure 9. Flare the braid so that it will pass over
and around support sleeve of ferrule.
Ferrule
Number
Recommended Ground
Strip
Length
No. of
Wires
Max. Ins
Dia
327192
One # 24
.063
1/4 Inch
Min.
Two # 24
.065
One # 22
.068
323930
thru
323934
One # 20
.078
One # 22
.078
Two # 22
.068
327137
thru
327141
One # 18
No Limit
on Insul
Diameter
7/16 Inch
Min
One # 20
Two # 20
One # 22
Two # 22
4 of 8
408-1662
Rev A


Similar Part No. - 2-327139-2

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
2-327174-1 MACOM-2-327174-1 Datasheet
258Kb / 30P
   Standard Terminals and Splices
More results

Similar Description - 2-327139-2

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
408-8698 MACOM-408-8698 Datasheet
623Kb / 3P
   Cumulative Trauma Disorders can result from the prolonged use of manually powered hand tools.
408-8695 MACOM-408-8695 Datasheet
988Kb / 3P
   Cumulative Trauma Disorders can result from the prolonged use of manually powered hand tools
logo
TE Connectivity Ltd
408-32084 TEC-408-32084 Datasheet
650Kb / 5P
   Cumulative Trauma Disorders can result from the prolonged use of manually powered hand tools
408-6790 TEC-408-6790 Datasheet
306Kb / 3P
   Cumulative Trauma Disorders can result from the prolonged use of manually powered hand tools.
408-1535 TEC-408-1535 Datasheet
640Kb / 7P
   Cumulative Trauma Disorders can result from the prolonged use of manually powered hand tools
408-1412 TEC-408-1412 Datasheet
741Kb / 7P
   Cumulative Trauma Disorders can result from the prolonged use of manually powered hand tools
408-9786 TEC-408-9786 Datasheet
427Kb / 6P
   Cumulative Trauma Disorders can result from the prolonged use of manually powered hand tools.
408-4087 TEC-408-4087 Datasheet
285Kb / 5P
   Cumulative Trauma Disorders can result from the prolonged use of manually powered hand tools.
408-8691 TEC-408-8691 Datasheet
769Kb / 7P
   Cumulative Trauma Disorders can result from the prolonged use of manually powered hand tools
408-8739 TEC-408-8739 Datasheet
836Kb / 6P
   Cumulative Trauma Disorders can result from the prolonged use of manually powered hand tools
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com