Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S-1702HCJ01-I6T1U Datasheet(PDF) 7 Page - Seiko Instruments Inc

Part # S-1702HCJ01-I6T1U
Description  Built-in overcurrent protection circuit
Download  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S-1702HCJ01-I6T1U Datasheet(HTML) 7 Page - Seiko Instruments Inc

Back Button S-1702HCJ01-I6T1U Datasheet HTML 3Page - Seiko Instruments Inc S-1702HCJ01-I6T1U Datasheet HTML 4Page - Seiko Instruments Inc S-1702HCJ01-I6T1U Datasheet HTML 5Page - Seiko Instruments Inc S-1702HCJ01-I6T1U Datasheet HTML 6Page - Seiko Instruments Inc S-1702HCJ01-I6T1U Datasheet HTML 7Page - Seiko Instruments Inc S-1702HCJ01-I6T1U Datasheet HTML 8Page - Seiko Instruments Inc S-1702HCJ01-I6T1U Datasheet HTML 9Page - Seiko Instruments Inc S-1702HCJ01-I6T1U Datasheet HTML 10Page - Seiko Instruments Inc S-1702HCJ01-I6T1U Datasheet HTML 11Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 45 page
background image
SUPER-LOW CURRENT CONSUMPTION 150 mA VOLTAGE REGULATOR WITH BUILT-IN HIGH-ACCURACY VOLTAGE DETECTOR AND RESETINPUT FUNCTION
Rev.2.2_01
S-1702 Series
7
Pin Configuration
1. SNT-6A
5
4
6
2
3
1
Top view
Figure 4
Table 5
Pin No.
Symbol
Description
1
VIN
Input voltage pin
2
ON / OFF
ON / OFF pin
3
RESX
External reset pin
(S-1702Axx to Hxx)
CD
External delay capacitor connection pin
(S-1702Lxx to Nxx, Pxx)
SENSE
Detector SENSE pin
(S-1702Jxx, Kxx)
4
VSS
GND pin
5
VDOUT
Detector output voltage pin
6
VOUT
Regulator output voltage pin


Similar Part No. - S-1702HCJ01-I6T1U

ManufacturerPart #DatasheetDescription
logo
Seiko Instruments Inc
S-1701 SII-S-1701 Datasheet
753Kb / 70P
   HIGH RIPPLE-REJECTION LOW DROPOUT CMOS VOLTAGE REGULATOR WITH RESET FUNCTION
logo
ABLIC Inc.
S-1701 ABLIC-S-1701 Datasheet
674Kb / 71P
   HIGH RIPPLE-REJECTION LOW DROPOUT CMOS VOLTAGE REGULATOR WITH RESET FUNCTION
Rev.3.1_02
S-1701A1541-M5T1X ABLIC-S-1701A1541-M5T1X Datasheet
674Kb / 71P
   HIGH RIPPLE-REJECTION LOW DROPOUT CMOS VOLTAGE REGULATOR WITH RESET FUNCTION
Rev.3.1_02
logo
Seiko Instruments Inc
S-1701A1815-M5T1G SII-S-1701A1815-M5T1G Datasheet
753Kb / 70P
   HIGH RIPPLE-REJECTION LOW DROPOUT CMOS VOLTAGE REGULATOR WITH RESET FUNCTION
logo
ABLIC Inc.
S-1701A1815-M5T1X ABLIC-S-1701A1815-M5T1X Datasheet
674Kb / 71P
   HIGH RIPPLE-REJECTION LOW DROPOUT CMOS VOLTAGE REGULATOR WITH RESET FUNCTION
Rev.3.1_02
More results

Similar Description - S-1702HCJ01-I6T1U

ManufacturerPart #DatasheetDescription
logo
Seiko Instruments Inc
S-1317A10-M5T1U4 SII-S-1317A10-M5T1U4 Datasheet
2Mb / 31P
   Built-in overcurrent protection circuit
logo
Isahaya Electronics Cor...
VLA552-01R ISAHAYA-VLA552-01R Datasheet
229Kb / 9P
   Built-in short circuit protection
logo
Sanken electric
SPF3006 SANKEN-SPF3006 Datasheet
52Kb / 2P
   Built-in drooping type overcurrent and thermal protection circuits
logo
Rohm
BUXXSD5WG-E ROHM-BUXXSD5WG-E Datasheet
513Kb / 16P
   Built-in Over Current Protection Circuit
logo
Unisonic Technologies
LR9XXYYBG-AE6-R UTC-LR9XXYYBG-AE6-R Datasheet
192Kb / 5P
   Built-in Fold Back Protection Circuit
logo
EPCOS
B59404B0060A040 EPCOS-B59404B0060A040 Datasheet
66Kb / 3P
   Overcurrent and short-circuit protection
B59048A1080B110 EPCOS-B59048A1080B110 Datasheet
66Kb / 4P
   Overcurrent protection in MDF modules
logo
Shenzhenshi YONGFUKANG ...
HR4988 YONGFUKANG-HR4988 Datasheet
3Mb / 31P
   Micro-stepping motor driver chip with built-in converter and overcurrent protection
logo
Jiaxing Heroic Technolo...
HR4982 HEROIC-HR4982 Datasheet
426Kb / 3P
   Micro-stepping motor driver chip with built-in converter and overcurrent protection
HR4988 HEROIC-HR4988 Datasheet
429Kb / 3P
   Micro-stepping motor driver chip with built-in converter and overcurrent protection
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com