Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

R60PW2470AA50M Datasheet(PDF) 2 Page - Kemet Corporation

Part # R60PW2470AA50M
Description  General Purpose Metallized Polyester Film Capacitors
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

R60PW2470AA50M Datasheet(HTML) 2 Page - Kemet Corporation

  R60PW2470AA50M Datasheet HTML 1Page - Kemet Corporation R60PW2470AA50M Datasheet HTML 2Page - Kemet Corporation R60PW2470AA50M Datasheet HTML 3Page - Kemet Corporation R60PW2470AA50M Datasheet HTML 4Page - Kemet Corporation R60PW2470AA50M Datasheet HTML 5Page - Kemet Corporation R60PW2470AA50M Datasheet HTML 6Page - Kemet Corporation R60PW2470AA50M Datasheet HTML 7Page - Kemet Corporation R60PW2470AA50M Datasheet HTML 8Page - Kemet Corporation R60PW2470AA50M Datasheet HTML 9Page - Kemet Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 21 page
background image
© KEMET Electronics Corporation • P.O. Box 5928 • Greenville, SC 29606 • 864-963-6300 • www.kemet.com
F3103_R60 • 9/23/2016
2
Film Through-Hole Capacitors – General Purpose Metallized Polyester Film Capacitors
R60 Series, Radial, 10 – 37.5 mm Lead Spacing, 63 – 1,000 VDC (Automotive Grade)
Ordering Options Table
Lead Spacing
Nominal
(mm)
Type of Leads and Packaging
LL Lead Length
(mm)
Lead and
Packaging
Code
10
15
22.5
Standard Lead and Packaging Options
Bulk (Bag) – Short Leads
4+2/−0
AA
Ammo Pack
H
0=18.5+/−0.5
DQ
Other Lead and Packaging Options
Tape & Reel (Standard Reel)
H
0 =18.5+/−0.5
GY
Tape & Reel (Large Reel)
H
0=18.5+/−0.5
CK
Bulk (Bag) – Short Leads
2.7+0.5/−0
JA
Bulk (Bag) – Short Leads
3.5+0.5/−0
JB
Bulk (Bag) – Short Leads
10+/−1
JC
Bulk (Bag) – Short Leads
4.0+0.5/−0
JE
Bulk (Bag) – Short Leads
3.2+0.3/−0.2
JH
Bulk (Bag) – Long Leads
18+1/−1
JM*
Bulk (Bag) – Long Leads
17+1/−2
Z3**
Bulk (Bag) – Long Leads
30+5/−0
40
Bulk (Bag) – Long Leads
25+2/−1
50
27.5
Standard Lead and Packaging Options
Bulk (Bag) – Short Leads
4+2/−0
AA
Other Lead and Packaging Options
T&R (Large Reel)
H
0=18.5+/−0.5
CK
Bulk (Bag) – Short Leads
2.7+0.5/−0
JA
Bulk (Bag) – Short Leads
3.5+0.5/−0
JB
Bulk (Bag) – Short Leads
4.0+0.5/−0
JE
Bulk (Bag) – Short Leads
3.2+0.3/−0.2
JH
Bulk (Bag) – Long Leads
18+1/−1
JM
Bulk (Bag) – Long Leads
30+5/−0
40
Bulk (Bag) – Long Leads
25+2/−1
50
37.5
Standard Lead and Packaging Options
Bulk (Bag) – Short Leads
4+2/−0
AA
Other Lead and Packaging Options
Bulk (Bag) – Short Leads
2.7+0.5/−0
JA
Bulk (Bag) – Short Leads
3.5+0.5/−0
JB
Bulk (Bag) – Short Leads
4.0+0.5/−0
JE
Bulk (Bag) – Short Leads
3.2+0.3/−0.2
JH
Bulk (Bag) – Long Leads
18+1/−1
JM
Bulk (Bag) – Long Leads
30+5/−0
40
Bulk (Bag) – Long Leads
25+2/−1
50
* Only available for Lead Spacing ≥15 mm.
** Only available for 10 mm Lead Spacing.


Similar Part No. - R60PW2470AA50M

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
R60PF14705030K KEMET-R60PF14705030K Datasheet
55Kb / 1P
   Film, Metallized Polyester, Commercial Grade, R60, 4700 pF, 10%, 630 V, 85C, Lead Spacing = 10mm
R60PF21005030K KEMET-R60PF21005030K Datasheet
56Kb / 1P
   Capacitor, film, 0.01 uF, /-10% Tol, -55/105C, General Purpose, 630 VDC@85C, Lead Spacing=10 mm
R60PF2100506AJ KEMET-R60PF2100506AJ Datasheet
54Kb / 1P
   Film, Metallized Polyester Stacked, Commercial Grade, R60, 0.01 uF, 5%, 630 V, 85C, Lead Spacing = 10mm
R60PF2100AA30K KEMET-R60PF2100AA30K Datasheet
54Kb / 1P
   Film, Metallized Polyester, Commercial Grade, R60, 0.01 uF, 10%, 630 V, 85C, Lead Spacing = 10mm
R60PF22205040K KEMET-R60PF22205040K Datasheet
56Kb / 1P
   Capacitor, film, 0.022 uF, /-10% Tol, -55/105C, General Purpose, 630 VDC@85C, Lead Spacing=10 mm
More results

Similar Description - R60PW2470AA50M

ManufacturerPart #DatasheetDescription
logo
Illinois Capacitor, Inc...
223MTB102KE ILLINOISCAPACITOR-223MTB102KE Datasheet
377Kb / 4P
   Metallized Polyester Film Capacitors for General Purpose Applications
logo
EPCOS
B32559S EPCOS-B32559S Datasheet
327Kb / 18P
   Film Capacitors Metallized Polyester Film Capacitors
B32537 EPCOS-B32537 Datasheet
308Kb / 20P
   Film Capacitors Metallized Polyester Film Capacitors
B32559C EPCOS-B32559C Datasheet
425Kb / 23P
   Film Capacitors Metallized Polyester Film Capacitors
B32591 EPCOS-B32591 Datasheet
533Kb / 26P
   Film Capacitors Metallized Polyester Film Capacitors
B32932 EPCOS-B32932 Datasheet
295Kb / 18P
   Film Capacitors Metallized Polyester Film Capacitors
logo
NXP Semiconductors
MKT370 PHILIPS-MKT370 Datasheet
1Mb / 74P
   Metallized polyester film capacitors
2001 Jun 22
logo
Illinois Capacitor, Inc...
102MWR630K ILLINOISCAPACITOR-102MWR630K Datasheet
396Kb / 4P
   Metallized Polyester Film Capacitors
logo
RUBYCON CORPORATION
MMK RUBYCON-MMK Datasheet
45Kb / 2P
   METALLIZED POLYESTER FILM CAPACITORS
logo
List of Unclassifed Man...
MKT365 ETC2-MKT365 Datasheet
181Kb / 30P
   Metallized polyester film capacitors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com