Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SAA5491PS Datasheet(PDF) 8 Page - NXP Semiconductors

Part # SAA5491PS
Description  Economy teletext and TV microcontrollers
Download  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SAA5491PS Datasheet(HTML) 8 Page - NXP Semiconductors

Back Button SAA5491PS Datasheet HTML 4Page - NXP Semiconductors SAA5491PS Datasheet HTML 5Page - NXP Semiconductors SAA5491PS Datasheet HTML 6Page - NXP Semiconductors SAA5491PS Datasheet HTML 7Page - NXP Semiconductors SAA5491PS Datasheet HTML 8Page - NXP Semiconductors SAA5491PS Datasheet HTML 9Page - NXP Semiconductors SAA5491PS Datasheet HTML 10Page - NXP Semiconductors SAA5491PS Datasheet HTML 11Page - NXP Semiconductors SAA5491PS Datasheet HTML 12Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 68 page
background image
1997 Jul 07
8
Philips Semiconductors
Preliminary specification
Economy teletext and TV microcontrollers
SAA5x9x family
6.2
Pin description
Table 1
SDIP52 and QFP80 packages
SYMBOL
PIN
DESCRIPTION
SDIP52
QFP80
P2.0/TPWM
1
77
Port 2: 8-bit open-drain bidirectional port with alternative functions.
P2.0/TPWM is the output for the 14-bit high precision PWM.
P2.1/PWM0 to P2.7/PWM6 are the outputs for the 6-bit PWMs 0 to 6.
P2.1/PWM0
2
78
P2.2/PWM1
3
79
P2.3/PWM2
4
80
P2.4/PWM3
5
9
P2.5/PWM4
6
8
P2.6/PWM5
7
1
P2.7/PWM6
8
2
P3.0/ADC0
9
3
Port 3: 8-bit open-drain bidirectional port with alternative functions.
P3.0/ADC0 to P3.3/ADC3 are the inputs for the software ADC facility.
P3.4/PWM7 is the output for the 6-bit PWM7.
P3.1/ADC1
10
5
P3.2/ADC2
11
6
P3.3/ADC3
12
7
P3.4/PWM7
30
44
P3.5
46
P3.6
48
P3.7
22
VSSD
13
12
Digital ground.
P0.0
14
14
Port 0: 8-bit open-drain bidirectional port.
P0.5 and P0.6 have 10 mA current sinking capability for direct drive of LEDs.
P0.1
15
15
P0.2
16
16
P0.3
17
20
P0.4
18
21
P0.5
19
24
P0.6
20
25
P0.7
21
26
VSSA
22
27
Analog ground.
CVBS0
23
28
Composite video inputs; a positive-going 1 V (peak-to-peak) input is required,
connected via a 100 nF capacitor.
CVBS1
24
29
BLACK
25
30
Video black level storage input: this pin should be connected to VSSA via a
100 nF capacitor.
IREF
26
31
Reference current input for analog circuits, connected to VSSA via a 27 kΩ
resistor.
FRAME
27
36
De-interlace output synchronised with the VSYNC pulse to produce a
non-interlaced display by adjustment of the vertical deflection circuits.
VSSD
28
37
Internally connected; this pin should be connected to digital ground.
COR
29
38
Open-drain, active LOW output which allows selective contrast reduction of
the TV picture to enhance a mixed mode display.


Similar Part No. - SAA5491PS

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SAA5491PS PHILIPS-SAA5491PS Datasheet
652Kb / 33P
   Economy teletext and TV microcontrollers
February 1995
More results

Similar Description - SAA5491PS

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SAA5290 PHILIPS-SAA5290 Datasheet
652Kb / 33P
   Economy teletext and TV microcontrollers
February 1995
SAA5290 PHILIPS-SAA5290 Datasheet
360Kb / 33P
   One page Economy Teletext/TV microcontroller
February 1995
83C145 PHILIPS-83C145 Datasheet
243Kb / 40P
   Microcontrollers for TV and video MTV
1996 Mar 22
TDA837X PHILIPS-TDA837X Datasheet
451Kb / 72P
   I2C-bus controlled economy PAL/NTSC and NTSC TV-processors
1997 Jul 01
SAA5246A PHILIPS-SAA5246A Datasheet
630Kb / 50P
   Integrated VIP and Teletext IVT1.0
January 1993
PCA84C646 PHILIPS-PCA84C646 Datasheet
564Kb / 72P
   Microcontrollers for TV tuning control and OSD applications
1995 Jun 15
TDA9550 PHILIPS-TDA9550 Datasheet
520Kb / 125P
   TV signal processor-Teletext decoder with embedded m-Controller
2000 Apr 06
TDA935XPS PHILIPS-TDA935XPS Datasheet
490Kb / 118P
   TV signal processor-Teletext decoder with embedded m-Controller
2001 Jan 18
TDA935X PHILIPS-TDA935X Datasheet
667Kb / 118P
   TV signal processor-Teletext decoder with embedded m-Controller
2001 Jan 18
SAA5244A PHILIPS-SAA5244A Datasheet
198Kb / 32P
   Integrated VIP and teletext decoder IVT1.1
March 1992
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com