Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AQM1016A Datasheet(PDF) 6 Page - AZ Displays

Part # AQM1016A
Description  SPECIFICATIONS FOR LIQUID CRYSTAL DISPLAY
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AZDISPLAYS [AZ Displays]
Direct Link  http://www.azdisplays.com
Logo AZDISPLAYS - AZ Displays

AQM1016A Datasheet(HTML) 6 Page - AZ Displays

Back Button AQM1016A Datasheet HTML 2Page - AZ Displays AQM1016A Datasheet HTML 3Page - AZ Displays AQM1016A Datasheet HTML 4Page - AZ Displays AQM1016A Datasheet HTML 5Page - AZ Displays AQM1016A Datasheet HTML 6Page - AZ Displays AQM1016A Datasheet HTML 7Page - AZ Displays AQM1016A Datasheet HTML 8Page - AZ Displays AQM1016A Datasheet HTML 9Page - AZ Displays AQM1016A Datasheet HTML 10Page - AZ Displays Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 23 page
background image
AQM1016A-FLW-FTW(AZ DISPLAYS) GRAPHIC MODULE VER1.0
AZ DISPLAYS
5
(2). Definition of Contrast Ratio
(3). Definition of Viewing Angle θ and Ф
θ
φ
VIEW
POSITION
Y
X
φ=0°
θ=0°
φ=180°
φ=90°
φ=270°
6:00
12:00
3:00
9:00
NORMAL
5.0 BLOCK DIAGRAM
2. N C
3. V 0
4. V 1
5. V 2
6. V 3
7. V 4
8. V O U T
9. V S S
1 0 . V SS2
11 . V D D 2
12 . V D D
13 ~ 2 0 . D 7 ~ D 0
21 . E - R D
22 . R W - W R
1. N C
23 . A 0
24 . R S T
25 . C S B
26 . P S 2
27 . P S 1
28 . P S 0
29 . N C
30 . N C


Similar Part No. - AQM1016A

ManufacturerPart #DatasheetDescription
logo
AZ Displays
AQM1016A-FLW-FTW AZDISPLAYS-AQM1016A-FLW-FTW Datasheet
616Kb / 23P
   SPECIFICATIONS FOR LIQUID CRYSTAL DISPLAY
More results

Similar Description - AQM1016A

ManufacturerPart #DatasheetDescription
logo
AZ Displays
ACM1602T AZDISPLAYS-ACM1602T Datasheet
283Kb / 10P
   SPECIFICATIONS FOR LIQUID CRYSTAL DISPLAY
ACM2002D AZDISPLAYS-ACM2002D Datasheet
366Kb / 11P
   SPECIFICATIONS FOR LIQUID CRYSTAL DISPLAY
ACM2402C AZDISPLAYS-ACM2402C Datasheet
304Kb / 10P
   SPECIFICATIONS FOR LIQUID CRYSTAL DISPLAY
ACM4004E AZDISPLAYS-ACM4004E Datasheet
322Kb / 10P
   SPECIFICATIONS FOR LIQUID CRYSTAL DISPLAY
ACM1602E AZDISPLAYS-ACM1602E Datasheet
284Kb / 10P
   SPECIFICATIONS FOR LIQUID CRYSTAL DISPLAY
ACM1602K AZDISPLAYS-ACM1602K Datasheet
283Kb / 10P
   SPECIFICATIONS FOR LIQUID CRYSTAL DISPLAY
AGM3224K AZDISPLAYS-AGM3224K Datasheet
384Kb / 16P
   SPECIFICATIONS FOR LIQUID CRYSTAL DISPLAY
logo
ZETTLER Electronics
AGM2464B1 ZETTLER-AGM2464B1 Datasheet
148Kb / 11P
   SPECIFICATIONS FOR LIQUID CRYSTAL DISPLAY
AQM1264D-MLG-YBS ZETTLER-AQM1264D-MLG-YBS Datasheet
309Kb / 11P
   SPECIFICATIONS FOR LIQUID CRYSTAL DISPLAY
AQM2412E-FLW-FBH ZETTLER-AQM2412E-FLW-FBH Datasheet
200Kb / 1P
   SPECIFICATIONS FOR LIQUID CRYSTAL DISPLAY
logo
AZ Displays
ATM0700L6L-CT AZDISPLAYS-ATM0700L6L-CT Datasheet
1Mb / 23P
   SPECIFICATIONS FOR LIQUID CRYSTAL DISPLAY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com