Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SAA5296PS Datasheet(PDF) 9 Page - NXP Semiconductors

Part # SAA5296PS
Description  Economy teletext and TV microcontrollers
Download  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SAA5296PS Datasheet(HTML) 9 Page - NXP Semiconductors

Back Button SAA5296PS Datasheet HTML 5Page - NXP Semiconductors SAA5296PS Datasheet HTML 6Page - NXP Semiconductors SAA5296PS Datasheet HTML 7Page - NXP Semiconductors SAA5296PS Datasheet HTML 8Page - NXP Semiconductors SAA5296PS Datasheet HTML 9Page - NXP Semiconductors SAA5296PS Datasheet HTML 10Page - NXP Semiconductors SAA5296PS Datasheet HTML 11Page - NXP Semiconductors SAA5296PS Datasheet HTML 12Page - NXP Semiconductors SAA5296PS Datasheet HTML 13Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 68 page
background image
1997 Jul 07
9
Philips Semiconductors
Preliminary specification
Economy teletext and TV microcontrollers
SAA5x9x family
LRGBREF
31
39
DC input voltage to define the output HIGH level on the RGB pins.
B
32
40
Pixel rate output of the BLUE colour information.
G
33
41
Pixel rate output of the GREEN colour information.
R
34
42
Pixel rate output of the RED colour information.
VDS
35
43
Video/data switch push-pull output for dot rate fast blanking.
HSYNC
36
45
Schmitt trigger input for a TTL level version of the horizontal sync pulse; the
polarity of this pulse is programmable by register bit TXT1.H POLARITY.
VSYNC
37
47
Schmitt trigger input for a TTL level version of the vertical sync pulse;
the polarity of this pulse is programmable by register bit TXT1.V POLARITY.
VDDA
38
49
+5 V analog power supply.
VDDT
39
51
+5 V teletext power supply.
OSCGND
40
56
Crystal oscillator ground.
XTALIN
41
57
12 MHz crystal oscillator input.
XTALOUT
42
58
12 MHz crystal oscillator output.
RESET
43
59
If the reset input is HIGH for at least 3 machine cycles (36 oscillator periods)
while the oscillator is running, the device is reset; this pin should be
connected to VDDM via a 2.2 µF capacitor.
VDDM
44
62
+5 V microcontroller power supply.
P1.0/INT1
45
63
Port 1: 8-bit open-drain bidirectional port with alternate functions.
P1.0/INT1 is external interrupt 1 which can be triggered on the rising and
falling edge of the pulse.
P1.1/T0 is the counter/timer 0.
P1.2/INT0 is external interrupt 0.
P1.3/T1 is the counter/timer 1.
P1.6/SCL is the serial clock input for the I2C-bus.
P1.7/SDA is the serial data port for the I2C-bus.
P1.1/T0
46
64
P1.2/INT0
47
60
P1.3/INT1
48
61
P1.6/SCL
49
65
P1.7/SDA
50
66
P1.4
51
67
P1.5
52
68
REF+
50
Positive reference voltage for software driven ADC.
REF
−−
19
Negative reference voltage for software driven ADC.
RD
10
Read control signal to external Data Memory.
WR
11
Write control signal to external Data Memory.
PSEN
17
Enable signal for external Program Memory.
ALE
18
External latch enable signal; active HIGH.
EA
13
Control signal used to select external (LOW) or internal (HIGH) Program
Memory.
AD0 to AD7
69 to 76
Address lines A0 to A7 multiplexed with data lines D0 to D7.
A8 to A15
55 to 52,
35 to 32
Address lines A8 to A15.
SYMBOL
PIN
DESCRIPTION
SDIP52
QFP80


Similar Part No. - SAA5296PS

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SAA5296PS PHILIPS-SAA5296PS Datasheet
652Kb / 33P
   Economy teletext and TV microcontrollers
February 1995
More results

Similar Description - SAA5296PS

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SAA5290 PHILIPS-SAA5290 Datasheet
652Kb / 33P
   Economy teletext and TV microcontrollers
February 1995
SAA5290 PHILIPS-SAA5290 Datasheet
360Kb / 33P
   One page Economy Teletext/TV microcontroller
February 1995
83C145 PHILIPS-83C145 Datasheet
243Kb / 40P
   Microcontrollers for TV and video MTV
1996 Mar 22
TDA837X PHILIPS-TDA837X Datasheet
451Kb / 72P
   I2C-bus controlled economy PAL/NTSC and NTSC TV-processors
1997 Jul 01
SAA5246A PHILIPS-SAA5246A Datasheet
630Kb / 50P
   Integrated VIP and Teletext IVT1.0
January 1993
PCA84C646 PHILIPS-PCA84C646 Datasheet
564Kb / 72P
   Microcontrollers for TV tuning control and OSD applications
1995 Jun 15
TDA9550 PHILIPS-TDA9550 Datasheet
520Kb / 125P
   TV signal processor-Teletext decoder with embedded m-Controller
2000 Apr 06
TDA935XPS PHILIPS-TDA935XPS Datasheet
490Kb / 118P
   TV signal processor-Teletext decoder with embedded m-Controller
2001 Jan 18
TDA935X PHILIPS-TDA935X Datasheet
667Kb / 118P
   TV signal processor-Teletext decoder with embedded m-Controller
2001 Jan 18
SAA5244A PHILIPS-SAA5244A Datasheet
198Kb / 32P
   Integrated VIP and teletext decoder IVT1.1
March 1992
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com