Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S-24C01ADPA-11 Datasheet(PDF) 2 Page - Seiko Instruments Inc

Part # S-24C01ADPA-11
Description  CMOS 2-WIRE SERIAL EEPROM
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S-24C01ADPA-11 Datasheet(HTML) 2 Page - Seiko Instruments Inc

  S-24C01ADPA-11 Datasheet HTML 1Page - Seiko Instruments Inc S-24C01ADPA-11 Datasheet HTML 2Page - Seiko Instruments Inc S-24C01ADPA-11 Datasheet HTML 3Page - Seiko Instruments Inc S-24C01ADPA-11 Datasheet HTML 4Page - Seiko Instruments Inc S-24C01ADPA-11 Datasheet HTML 5Page - Seiko Instruments Inc S-24C01ADPA-11 Datasheet HTML 6Page - Seiko Instruments Inc S-24C01ADPA-11 Datasheet HTML 7Page - Seiko Instruments Inc S-24C01ADPA-11 Datasheet HTML 8Page - Seiko Instruments Inc S-24C01ADPA-11 Datasheet HTML 9Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 23 page
background image
CMOS 2-WIRE SERIAL EEPROM
S-24C01A/02A/04A
Rev. 2.2_30
2
Seiko Instruments Inc.
Block Diagram
Absolute Maximum Ratings
Parameter
Symbol
Ratings
Unit
Power supply voltage
VCC
-0.3 to +7.0
V
Input voltage
VIN
-0.3 to VCC+0.3
V
Output voltage
VOUT
-0.3 to VCC
V
Storage temperature under bias
Tbias
-50 to +95
°C
Storage temperature
Tstg
-65 to +150
°C
Figure 2
VCC
GND
Serial Clock
Controller
Device Address
Comparator
Address
Counter
Y Decoder
Data Output
ACK Output
Controller
High-Voltage Generator
Start/Stop
Detector
Data Register
EEPROM
X
Decoder
Selector
SCL
SDA
A2
A1
A0
DIN
DOUT
R / W
LOAD
INC
COMP
LOAD
TEST/WP*
*
S-24C02A or S-24C04A
Table 2


Similar Part No. - S-24C01ADPA-11

ManufacturerPart #DatasheetDescription
logo
Seiko Instruments Inc
S-24C01ADP SII-S-24C01ADP Datasheet
1Mb / 20P
   CMOS 2-WIRED SERIAL EEPROM
More results

Similar Description - S-24C01ADPA-11

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT24LC04 HOLTEK-HT24LC04_14 Datasheet
1Mb / 12P
   CMOS 4K 2-Wire Serial EEPROM
HT24LC32 HOLTEK-HT24LC32 Datasheet
150Kb / 12P
   CMOS 32K 2-Wire Serial EEPROM
HT24LC02 HOLTEK-HT24LC02_10 Datasheet
134Kb / 14P
   CMOS 2K 2-Wire Serial EEPROM
HT24LC64 HOLTEK-HT24LC64 Datasheet
487Kb / 10P
   CMOS 64K 2-WIRE SERIAL EEPROM
HT24LC04 HOLTEK-HT24LC04 Datasheet
164Kb / 11P
   CMOS 4K 2-Wire Serial EEPROM
HT2201 HOLTEK-HT2201 Datasheet
101Kb / 11P
   CMOS 1K 2-Wire Serial EEPROM
HT24LC128 HOLTEK-HT24LC128 Datasheet
1Mb / 12P
   CMOS 128K 2-Wire Serial EEPROM
HT2201 HOLTEK-HT2201_14 Datasheet
1Mb / 9P
   CMOS 1K 2-Wire Serial EEPROM
HT24LC16 HOLTEK-HT24LC16 Datasheet
171Kb / 11P
   CMOS 16K 2-Wire Serial EEPROM
HT24LC08 HOLTEK-HT24LC08 Datasheet
160Kb / 11P
   CMOS 8K 2-Wire Serial EEPROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com