Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HM78D-12106R8MLF Datasheet(PDF) 4 Page - TT Electronics.

Part # HM78D-12106R8MLF
Description  RoHS Compliant
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TTELEC [TT Electronics.]
Direct Link  http://www.ttelectronics.com/
Logo TTELEC - TT Electronics.

HM78D-12106R8MLF Datasheet(HTML) 4 Page - TT Electronics.

  HM78D-12106R8MLF Datasheet HTML 1Page - TT Electronics. HM78D-12106R8MLF Datasheet HTML 2Page - TT Electronics. HM78D-12106R8MLF Datasheet HTML 3Page - TT Electronics. HM78D-12106R8MLF Datasheet HTML 4Page - TT Electronics.  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Shielded Surface
Mount Coupled Inductors
MODELS HM78D-128XXXXLF, HM78D-755XXXMLF
Make Possible
HM78D - 128 4R7 M LF TR
OrderingInformation
Model Series
Case Size:
128, 755
Inductance Code:
First 2 digits are significant. Last digit denotes
the number of trailing zeros. For values below
10μH, “R” denotes the decimal point.
Tape & Reel Packing
Lead-Free
Inductance Tolerance
K = ± 10%
M = ± 20%
Specifications@25°Ccontinued
Parallel Connection
Series Connection
Part Number
L (1)
(μH)
DCR Typ. (2)
(Ω)
l
sat
(3)
(A)
l
rms
(4)
(A)
L (1)
(μH)
DCR Typ. (2)
(Ω)
l
sat
(3)
(A)
l
rms
(4)
(A)
HM78D-7556R8MLF
6.8 ± 20%
0.0418
3.67
2.60
29.38 ± 20%
0.167
1.84
1.30
HM78D-7558R2MLF
8.2 ± 20%
0.0441
3.40
2.53
34.26 ± 20%
0.177
1.70
1.27
HM78D-755100MLF
10 ± 20%
0.0489
3.17
2.41
39.53 ± 20%
0.196
1.58
1.20
HM78D-755150MLF
15 ± 20%
0.0637
2.48
2.11
64.36 ± 20%
0.255
1.24
1.05
HM78D-755220MLF
22 ± 20%
0.0925
2.13
1.75
86.92 ± 20%
0.371
1.07
0.874
HM78D-755330MLF
33 ± 20%
0.143
1.73
1.41
132 ± 20%
0.574
0.87
0.702
HM78D-755470MLF
47 ± 20%
0.216
1.41
1.15
198.6 ± 20%
0.865
0.71
0.573
HM78D-755680MLF
68 ± 20%
0.265
1.19
1.03
278.7 ± 20%
1.06
0.60
0.517
HM78D-755820MLF
82 ± 20%
0.345
1.11
0.91
323.8 ± 20%
1.38
0.55
0.453
HM78D-755101MLF
100 ± 20%
0.383
0.99
0.86
406.4 ± 20%
1.53
0.49
0.430
HM78D-755151MLF
150 ± 20%
0.591
0.81
0.69
600 ± 20%
2.37
0.41
0.346
HM78D-755221MLF
220 ± 20%
0.907
0.66
0.56
908 ± 20%
3.63
0.33
0.279
HM78D-755331MLF
330 ± 20%
1.41
0.54
0.45
1342 ± 20%
5.66
0.27
0.224
HM78D-755471MLF
470 ± 20%
1.74
0.46
0.40
1861 ± 20%
6.97
0.23
0.202
HM78D-755681MLF
680 ± 20%
2.58
0.38
0.33
2685 ± 20%
10.30
0.19
0.166
HM78D-755821MLF
820 ± 20%
2.93
0.35
0.31
3251 ± 20%
11.70
0.17
0.156
HM78D-755102MLF
1000 ± 20%
3.89
0.31
0.27
4036 ± 20%
15.60
0.16
0.135
Case Size
A
B
C
D
E
F
G
H
I
J
K
L
M
N
P
Q
R
S
128
12.5
12.5
8.05
5.0
5.0
3.5
1.5
4.2
5.5
4.5
2.0
12.8
4.2
4.5
2.0
4.2
5.5
4.5
755
7.7
7.7
4.8
3.9
2.7
1.55
0.72
2.2
2.8
3.1
1.0
7.5
2.2
3.1
1.0
2.2
2.8
3.1
Notes: (1)Inductanceismeasuredat100kHz,0.1VrmswithoutDCcurrent.
(2)DCRTyp.isonlyfor755serieswhile128seriesisofDCRMax.
(3)I
satisthesaturationcurrentatwhichinductancerollsoffapproximately30%fromitsinitial(zeroDC)value.
(4)I
rmsistheapproximatecurrentatwhichΔT=40°C.
Standard:
Embossed Tape and Reel
Reel:
Diameter:
=
13” (330.2mm)
Capacity:
Case size 128
=
500 Units
Case size 755
=
1,000 Units
Packaging
OutlineDimensions(mm)
Top View
Side View
Bottom View
Recommended Solder Pad Layout
Rev. 01
GeneralNote
TTElectronicsreservestherighttomakechangesinproductspecificationwithoutnoticeorliability.
AllinformationissubjecttoTTElectronics’owndataandisconsideredaccurateattimeofgoingtoprint.
© TT Electronics plc
www.ttelectronicsmagnetics.com


Similar Part No. - HM78D-12106R8MLF

ManufacturerPart #DatasheetDescription
logo
Bi technologies
HM78D-12106R8MLF BITECH-HM78D-12106R8MLF Datasheet
614Kb / 4P
   Shielded Surface Mount Inductors
logo
TT Electronics.
HM78D-12106R8MLF TTELEC-HM78D-12106R8MLF Datasheet
704Kb / 2P
   Shielded Surface Mount Inductors
More results

Similar Description - HM78D-12106R8MLF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF6612TRPBF IRF-IRF6612TRPBF Datasheet
249Kb / 10P
   RoHs Compliant
logo
Assmann Electronics Inc...
V7236A1 ASSMANN-V7236A1 Datasheet
107Kb / 1P
   RoHS compliant
logo
List of Unclassifed Man...
S6006FS22 ETC2-S6006FS22 Datasheet
205Kb / 12P
   RoHS Compliant
logo
Pulse A Technitrol Comp...
23Z105SMFNL PULSE-23Z105SMFNL Datasheet
360Kb / 3P
   ROHS COMPLIANT
logo
International Rectifier
IRF6691TR1PBF IRF-IRF6691TR1PBF Datasheet
642Kb / 10P
   RoHs Compliant
logo
Littelfuse
L4008D6RP LITTELFUSE-L4008D6RP Datasheet
176Kb / 8P
   RoHS Compliant
logo
Everlight Electronics C...
15-21-Y2SC-A0S1T1B25E EVERLIGHT-15-21-Y2SC-A0S1T1B25E Datasheet
351Kb / 14P
   RoHS compliant
logo
Pulse A Technitrol Comp...
E2081FNL PULSE-E2081FNL Datasheet
444Kb / 3P
   ROHS COMPLIANT
E2457FNL PULSE-E2457FNL Datasheet
437Kb / 3P
   ROHS COMPLIANT
logo
Assmann Electronics Inc...
A-CCS-052-Z-T ASSMANN-A-CCS-052-Z-T Datasheet
303Kb / 1P
   RoHS compliant
logo
Everlight Electronics C...
19-213-Y2SC-9AS1T1B0E-3T EVERLIGHT-19-213-Y2SC-9AS1T1B0E-3T Datasheet
438Kb / 11P
   RoHS compliant
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com