Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S-1410D20-A8T1U4 Datasheet(PDF) 8 Page - Seiko Instruments Inc

Part # S-1410D20-A8T1U4
Description  Watchdog operation is switchable
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S-1410D20-A8T1U4 Datasheet(HTML) 8 Page - Seiko Instruments Inc

Back Button S-1410D20-A8T1U4 Datasheet HTML 4Page - Seiko Instruments Inc S-1410D20-A8T1U4 Datasheet HTML 5Page - Seiko Instruments Inc S-1410D20-A8T1U4 Datasheet HTML 6Page - Seiko Instruments Inc S-1410D20-A8T1U4 Datasheet HTML 7Page - Seiko Instruments Inc S-1410D20-A8T1U4 Datasheet HTML 8Page - Seiko Instruments Inc S-1410D20-A8T1U4 Datasheet HTML 9Page - Seiko Instruments Inc S-1410D20-A8T1U4 Datasheet HTML 10Page - Seiko Instruments Inc S-1410D20-A8T1U4 Datasheet HTML 11Page - Seiko Instruments Inc S-1410D20-A8T1U4 Datasheet HTML 12Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 36 page
background image
LOW CURRENT CONSUMPTION WATCHDOG TIMER WITH RESET FUNCTION
S-1410/1411 Series
Rev.2.0_00
8
4. CWDT pin
This is a pin to connect an external capacitor in order to generate the watchdog time-out period (tWDU) and the
watchdog double pulse detection time (tWDL). The capacitor is charged and discharged by an internal constant
current circuit.
tWDU is calculated by using the following equation.
tWDU = 50,000,000
× CWDT [F] + 0.0011
Moreover, tWDL is calculated by using the following equation.
tWDL =
tWDU
32
5. WEN pin
This is a pin to switch Enable / Disable of the watchdog timer.
When the WEN pin logic is active "H", the watchdog timer becomes Enable if the input is "H", and the
charge-discharge operation is performed at the CWDT pin. In the active "H" product, the constant current source
(0.3
μA typ.) is connected to the WEN pin, and it is pulled down internally.
6. WDO
_________
pin
This pin combines the reset output and the watchdog output.
Be sure to connect a pull-up resistor to the WDO
________
pin in the product without an output pull-up resistor.
7. WDI pin
This is an input pin to receive a signal from the monitored object. By being input an edge at an appropriate timing, the
WDI pin confirms the normal operation of the monitored object.
The constant current source (0.3
μA typ.) is connected to the WDI pin, and it is pulled down internally.


Similar Part No. - S-1410D20-A8T1U4

ManufacturerPart #DatasheetDescription
logo
ABLIC Inc.
S-1410 ABLIC-S-1410 Datasheet
1Mb / 47P
   105°COPERATION, 3.8 μA CURRENT CONSUMPTION WATCHDOG TIMER WITH RESET FUNCTION
Rev.2.3_00
More results

Similar Description - S-1410D20-A8T1U4

ManufacturerPart #DatasheetDescription
logo
Seiko Instruments Inc
S-19400 SII-S-19400 Datasheet
3Mb / 36P
   Watchdog operation voltage range
logo
Purdy Electronics Corpo...
OPTO-232SL PURDY-OPTO-232SL Datasheet
632Kb / 1P
   switchable modems
logo
STMicroelectronics
M48T254V STMICROELECTRONICS-M48T254V Datasheet
359Kb / 24P
   CLOCK FUNCTION IS TRANSPARENT TO RAM OPERATION.
May 2003 Rev. 2.0
logo
Amphenol Wilcoxon Sensi...
VLL WILCOXON-VLL Datasheet
376Kb / 2P
   Switchable junction boxes
Rev.A.2 10/18
VLS WILCOXON-VLS Datasheet
327Kb / 2P
   Switchable junction boxes
Rev.B.1 10/18
logo
IXYS Corporation
IXCP10M45S IXYS-IXCP10M45S Datasheet
520Kb / 2P
   Switchable Current Regulators
IXCP10M90S IXYS-IXCP10M90S Datasheet
347Kb / 1P
   Switchable Current Regulators
IXCP10M35S IXYS-IXCP10M35S Datasheet
92Kb / 2P
   Switchable Current Regulators
logo
Rohm
BU520XX_BD7411G_REVF ROHM-BU520XX_BD7411G_REVF Datasheet
619Kb / 32P
   Omnipolar detection, Micro power operation (small current using intermittent operation method)(BD7411G is excluded.)
logo
Hitachi Semiconductor
HA16103 HITACHI-HA16103 Datasheet
106Kb / 21P
   Watchdog Timer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com