Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RTC-58323 Datasheet(PDF) 5 Page - Epson Company

Part # RTC-58323
Description  REAL TIME CLOCK MODULE
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPSON [Epson Company]
Direct Link  http://www.epsondevice.com
Logo EPSON - Epson Company

RTC-58323 Datasheet(HTML) 5 Page - Epson Company

  RTC-58323 Datasheet HTML 1Page - Epson Company RTC-58323 Datasheet HTML 2Page - Epson Company RTC-58323 Datasheet HTML 3Page - Epson Company RTC-58323 Datasheet HTML 4Page - Epson Company RTC-58323 Datasheet HTML 5Page - Epson Company RTC-58323 Datasheet HTML 6Page - Epson Company RTC-58323 Datasheet HTML 7Page - Epson Company RTC-58323 Datasheet HTML 8Page - Epson Company RTC-58323 Datasheet HTML 9Page - Epson Company Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
RTC-58321/58323
Page - 2
n Block diagram
n Pin functions
Pin numbers
Pin symbol
Input/output
Function
RTC-58321
RTC-58323
1
5
CS2
Input
Chip select. When high, device can be accessed.
2
6
WRITE
Input
Set high to write.
3
7
READ
Input
Set high to read.
4 to 7
8 to 11
D0 to D3
Both
Address/data bus.
8
12
GND
Negative power supply.
9
13
ADDRESS
WRITE
Input
Address latch. Set high to latch address from D0 to D3.
10
14
BUSY
Output
1 Hz output pin.
11
15
STOP
Input
1 Hz on/off control pin. When high, the 1 Hz signal is disabled, and
the counter stopped.
12
16
TEST
Input
Increment pin for the counter. Normally this pin should be fixed low.
13
17
CS1
Input
Connect to power down detection circuit. (Fix high if there is no
power down detection circuit.) When CS1 is low, chip cannot be
accessed, regardless of state of CS2.
*
1 to 4
NC
Fix low.
14 to 16
18 to 24
VDD
Positive power supply (normally +5 V).
* A bypass capacitor (minimum 0.01
µF) must be connected between V
DD and VSS, as close as possible.
Y10
Y1
Day-of week
1/7
1/10|1/10
Year
1/12
Month
1/10|1/3
Day
or
1/12|1/24
Hours
1/10|1/6
Minutes
1/10|1/6
Seconds
TEST
DATA BUS
ADDRESS
WRITE
D2
D3
D1
D0
CS2
CS1
READ
WRITE
TEST
STOP
1
A
1'
A
BUSY
OSC
32.768 kHz
quarts oscillator
1Hz
1024Hz
BUSY
R
1/2
15
R
MO10
MO1
D10
D1
W
H10
H1
M110
M11
S10
R1’
R1’
R1’
R1’
R1’
R1’
R1’
N
D
S1
S1
S10
M11
M110
H1
H10
W
D1
D10
M01
M010
Y1
Y10
D
E-F
0
1
2
3
4
5
6
7
8
9
A
B
C
D
E-F
D10’
D11’
D12’
D13’
u Rp = 200K
Ω TYP
TRI-STATE
CONTROL
ADDRESS
LATCH
E, F
SWITCH
1024H
z
1/3600Hz
1/60Hz
1Hz
2
A
3
A


Similar Part No. - RTC-58323

ManufacturerPart #DatasheetDescription
logo
Epson Company
RTC-58323 EPSON-RTC-58323 Datasheet
235Kb / 2P
   Real time clock module(4-bit I/O CONNECTION REAL TIME CLOCK MODULE)
logo
Epson ToYoCom
RTC-58323 EPSONTOYOCOM-RTC-58323 Datasheet
467Kb / 2P
   RTC-58321
More results

Similar Description - RTC-58323

ManufacturerPart #DatasheetDescription
logo
Epson Company
RTC-4513 EPSON-RTC-4513 Datasheet
45Kb / 2P
   Real time clock module(SERIAL-INTERFACE REAL TIME CLOCK MODULE)
logo
List of Unclassifed Man...
RTC-72421 ETC-RTC-72421 Datasheet
1Mb / 2P
   Real time clock module(4-bit REAL TIME CLOCK MODULE)
logo
Epson Company
RTC-72421 EPSON-RTC-72421 Datasheet
212Kb / 2P
   Real time clock module(4-bit REAL TIME CLOCK MODULE)
logo
Pericom Semiconductor C...
PT7C4307 PERICOM-PT7C4307_13 Datasheet
532Kb / 15P
   Real-time Clock Module
logo
Epson ToYoCom
RX6110SAB EPSONTOYOCOM-RX6110SAB Datasheet
292Kb / 1P
   Real Time Clock Module
RX8804CE EPSONTOYOCOM-RX8804CE Datasheet
273Kb / 1P
   Real Time Clock Module
logo
WAGO Kontakttechnik Gmb...
750-640 WAGO-750-640 Datasheet
509Kb / 12P
   Real-time clock Module
logo
Epson ToYoCom
RX4575LC EPSONTOYOCOM-RX4575LC Datasheet
148Kb / 2P
   Real Time Clock Module
RX6110SAA EPSONTOYOCOM-RX6110SAA Datasheet
348Kb / 2P
   Real Time Clock Module
RX8111CE EPSONTOYOCOM-RX8111CE Datasheet
406Kb / 2P
   Real Time Clock Module
logo
Pericom Semiconductor C...
PT7C4337 PERICOM-PT7C4337_13 Datasheet
584Kb / 23P
   Real-time Clock Module
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com