Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2SC2383 Datasheet(PDF) 1 Page - Inchange Semiconductor Company Limited

Part # 2SC2383
Description  isc Silicon NPN Pow Transistor
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

2SC2383 Datasheet(HTML) 1 Page - Inchange Semiconductor Company Limited

  2SC2383 Datasheet HTML 1Page - Inchange Semiconductor Company Limited 2SC2383 Datasheet HTML 2Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
INCHANGE Semiconductor
isc website:www.iscsemi.cn
isc & iscsemi is registered trademark
1
isc Silicon NPN Pow Transistor
2SC2383
DESCRIPTION
·
High breakdown voltage
·
Low output capacitance
·
100% avalanche tested
·
Minimum Lot-to-Lot variations for robust device
performance and reliable operation
APPLICATIONS
·
Color TV class B sound output applications
·
Color TV vert.deflection output applications
ABSOLUTE MAXIMUM RATINGS(Ta=25℃)
SYMBOL
PARAMETER
VALUE
UNIT
VCBO
Collector-Base Voltage
160
V
VCEO
Collector-Emitter Voltage
160
V
VEBO
Emitter-Base Voltage
6
V
IC
Collector Current-Continuous
1
A
IE
Emitter Current-Continuous
-1
A
PC
Collector Power Dissipation
@TC=25℃
0.9
W
TJ
Junction Temperature
150
Tstg
Storage Temperature Range
-55~150


Similar Part No. - 2SC2383

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
2SC2383 TOSHIBA-2SC2383 Datasheet
171Kb / 3P
   TRANSISTOR (COLOR TV VERT. DEFLECTION, CLASS B SOUND OUTPUT APPLICATIONS)
logo
Shenzhen Luguang Electr...
2SC2383 LUGUANG-2SC2383 Datasheet
1Mb / 3P
   SOT-89 NPN Medium Power Transistor
Revision:20211206-P1
logo
Toshiba Semiconductor
2SC2383 TOSHIBA-2SC2383 Datasheet
135Kb / 5P
   Silicon NPN Epitaxial Type (PCT Process)
logo
Nanjing International G...
2SC2383 DGNJDZ-2SC2383 Datasheet
1Mb / 5P
   TO-92L Plastic-Encapsulate Transistors
logo
SHENZHEN YONGERJIA INDU...
2SC2383 WINNERJOIN-2SC2383 Datasheet
136Kb / 1P
   TRANSISTOR (NPN)
More results

Similar Description - 2SC2383

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
2SC2482 ISC-2SC2482 Datasheet
255Kb / 2P
   isc Silicon NPN Pow Transistor
2SC2655 ISC-2SC2655 Datasheet
255Kb / 2P
   isc Silicon NPN Pow Transistor
2SC1815 ISC-2SC1815 Datasheet
169Kb / 2P
   isc Silicon NPN Transistor
2SD965 ISC-2SD965 Datasheet
291Kb / 3P
   isc NPN Silicon Transistor
MMBT3904 ISC-MMBT3904 Datasheet
262Kb / 2P
   isc Silicon NPN Transistor
2SC3198 ISC-2SC3198 Datasheet
214Kb / 2P
   isc Silicon NPN Transistor
2SC2120 ISC-2SC2120 Datasheet
168Kb / 2P
   isc Silicon NPN Transistor
2SC1815 ISC-2SC1815_19 Datasheet
235Kb / 2P
   isc Silicon NPN Transistor
2SC3550 ISC-2SC3550 Datasheet
245Kb / 2P
   isc Silicon NPN Power Transistor
2SC3871 ISC-2SC3871 Datasheet
246Kb / 2P
   isc Silicon NPN Power Transistor
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com