Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S-1410J20-K8T2U4 Datasheet(PDF) 3 Page - Seiko Instruments Inc

Part # S-1410J20-K8T2U4
Description  Watchdog operation is switchable
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S-1410J20-K8T2U4 Datasheet(HTML) 3 Page - Seiko Instruments Inc

  S-1410J20-K8T2U4 Datasheet HTML 1Page - Seiko Instruments Inc S-1410J20-K8T2U4 Datasheet HTML 2Page - Seiko Instruments Inc S-1410J20-K8T2U4 Datasheet HTML 3Page - Seiko Instruments Inc S-1410J20-K8T2U4 Datasheet HTML 4Page - Seiko Instruments Inc S-1410J20-K8T2U4 Datasheet HTML 5Page - Seiko Instruments Inc S-1410J20-K8T2U4 Datasheet HTML 6Page - Seiko Instruments Inc S-1410J20-K8T2U4 Datasheet HTML 7Page - Seiko Instruments Inc S-1410J20-K8T2U4 Datasheet HTML 8Page - Seiko Instruments Inc S-1410J20-K8T2U4 Datasheet HTML 9Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 36 page
background image
LOW CURRENT CONSUMPTION WATCHDOG TIMER WITH RESET FUNCTION
Rev.2.0_00
S-1410/1411 Series
3
Product Name Structure
Users can select the product type, detection voltage, and package type for the S-1410/1411 Series. Refer to "1.
Product name" regarding the contents of product name, "2. Product type list" regarding the product types, "3.
Packages" regarding the package drawings.
1. Product name
S-141 x x xx - xxxx U 4
Package abbreviation and IC packing specifications
*1
K8T2: TMSOP-8, Tape
A8T1: HSNT-8(2030), Tape
Detection voltage
20 to 50
(e.g., when the detection voltage is 2.0 V, it is expressed as 20.)
Environmental code
U:
Lead-free (Sn 100%), halogen-free
Product type 2
*3
0, 1
Product type 1
*2
A to L
*1. Refer to the tape drawing.
*2. Refer to "2. Product type list".
*3. 0: S-1410 Series (Product with W
___
/ T pin)
The WDO
________
pin outputs the signals which are from the watchdog timer circuit and the voltage detection
circuit.
1: S-1411 Series (Product without W
___
/ T pin)
The WDO
________
pin outputs the signals which are from the watchdog timer circuit and the voltage detection
circuit.
The RST
_______
pin outputs the signal which is from the voltage detection circuit.
The watchdog mode is fixed to the window mode.


Similar Part No. - S-1410J20-K8T2U4

ManufacturerPart #DatasheetDescription
logo
ABLIC Inc.
S-1410 ABLIC-S-1410 Datasheet
1Mb / 47P
   105°COPERATION, 3.8 μA CURRENT CONSUMPTION WATCHDOG TIMER WITH RESET FUNCTION
Rev.2.3_00
More results

Similar Description - S-1410J20-K8T2U4

ManufacturerPart #DatasheetDescription
logo
Seiko Instruments Inc
S-19400 SII-S-19400 Datasheet
3Mb / 36P
   Watchdog operation voltage range
logo
Purdy Electronics Corpo...
OPTO-232SL PURDY-OPTO-232SL Datasheet
632Kb / 1P
   switchable modems
logo
STMicroelectronics
M48T254V STMICROELECTRONICS-M48T254V Datasheet
359Kb / 24P
   CLOCK FUNCTION IS TRANSPARENT TO RAM OPERATION.
May 2003 Rev. 2.0
logo
Amphenol Wilcoxon Sensi...
VLL WILCOXON-VLL Datasheet
376Kb / 2P
   Switchable junction boxes
Rev.A.2 10/18
VLS WILCOXON-VLS Datasheet
327Kb / 2P
   Switchable junction boxes
Rev.B.1 10/18
logo
IXYS Corporation
IXCP10M45S IXYS-IXCP10M45S Datasheet
520Kb / 2P
   Switchable Current Regulators
IXCP10M90S IXYS-IXCP10M90S Datasheet
347Kb / 1P
   Switchable Current Regulators
IXCP10M35S IXYS-IXCP10M35S Datasheet
92Kb / 2P
   Switchable Current Regulators
logo
Rohm
BU520XX_BD7411G_REVF ROHM-BU520XX_BD7411G_REVF Datasheet
619Kb / 32P
   Omnipolar detection, Micro power operation (small current using intermittent operation method)(BD7411G is excluded.)
logo
Hitachi Semiconductor
HA16103 HITACHI-HA16103 Datasheet
106Kb / 21P
   Watchdog Timer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com