Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TGBR10S100CG-TQ2-R Datasheet(PDF) 2 Page - Unisonic Technologies

Part # TGBR10S100CG-TQ2-R
Description  Super low forward voltage drop
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

TGBR10S100CG-TQ2-R Datasheet(HTML) 2 Page - Unisonic Technologies

  TGBR10S100CG-TQ2-R Datasheet HTML 1Page - Unisonic Technologies TGBR10S100CG-TQ2-R Datasheet HTML 2Page - Unisonic Technologies TGBR10S100CG-TQ2-R Datasheet HTML 3Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
TGBR10S100C
Preliminary
DIODE
UNISONICTECHNOLOGIESCO.,LTD
2 of 3
www.unisonic.com.tw
QW-R232-025.c
ABSOLUTE MAXIMUM RATINGS (PER LEG) (TA=25°C unless otherwise specified)
Single phase, half wave, 60Hz, resistive or inductive load.
For capacitance load, derate current by 20%.
PARAMETER
SYMBOL
RATINGS
UNIT
DC Blocking Voltage
VRM
100
V
Working Peak Reverse Voltage
VRWM
100
V
Peak Repetitive Reverse Voltage
VRRM
100
V
Per Leg
5
A
Average Rectified Output Current Per Device
Total
IO
10
A
Non-Repetitive Peak Forward Surge Current 8.3ms Single
Half Sine-Wave Superimposed on Rated Load
IFSM
150
A
Operating Junction Temperature
TJ
-65 ~ +150
°C
Storage Temperature
TSTG
-65 ~ +150
°C
Note: Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
THERMAL CHARACTERISTICS (PER LEG)
PARAMETER
SYMBOL
RATINGS
UNIT
TO-220
2
°C/W
TO-220F
4
°C/W
TO-252
6
°C/W
Typical Thermal Resistance
TO-263
θJC
3
°C/W
ELECTRICAL CHARACTERISTICS (PER LEG) (TA =25°C unless otherwise specified.)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN TYP MAX UNIT
Reverse Breakdown Voltage
V(BR)R
IR=0.50mA
100
V
IF=5A, TJ=25°C
0.67
V
Forward Voltage Drop
VFM
IF=5A, TJ=125°C
0.60
V
VR=100V, TJ=25°C
100
μA
Leakage Current
IRM
VR=100V, TJ=125°C
30
mA
Note: Pulse Test: Pulse width ≤ 300µs, Duty cycle ≤ 2%.


Similar Part No. - TGBR10S100CG-TQ2-R

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
TGBR10S120CG-TF1-T UTC-TGBR10S120CG-TF1-T Datasheet
156Kb / 3P
   Super low forward voltage drop
TGBR10S120CL-TF1-T UTC-TGBR10S120CL-TF1-T Datasheet
156Kb / 3P
   Super low forward voltage drop
TGBR10S150CG-TF1-T UTC-TGBR10S150CG-TF1-T Datasheet
155Kb / 3P
   Super low forward voltage drop
TGBR10S150CL-TF1-T UTC-TGBR10S150CL-TF1-T Datasheet
155Kb / 3P
   Super low forward voltage drop
More results

Similar Description - TGBR10S100CG-TQ2-R

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
TGBR10S60L-TA3-T UTC-TGBR10S60L-TA3-T Datasheet
168Kb / 3P
   Super low forward voltage drop
MGBR30S120CL-TA3-T UTC-MGBR30S120CL-TA3-T Datasheet
158Kb / 3P
   Super low forward voltage drop
TGBR40S60CL-TA3-T UTC-TGBR40S60CL-TA3-T Datasheet
133Kb / 3P
   Super low forward voltage drop
TGBR10S45CL-TA3-T UTC-TGBR10S45CL-TA3-T Datasheet
140Kb / 3P
   Super low forward voltage drop
TGBR10S60CL-TA3-T UTC-TGBR10S60CL-TA3-T Datasheet
133Kb / 3P
   Super low forward voltage drop
TGBR10S150CL-TF1-T UTC-TGBR10S150CL-TF1-T Datasheet
155Kb / 3P
   Super low forward voltage drop
TGBR30S80L-TA3-T UTC-TGBR30S80L-TA3-T Datasheet
131Kb / 3P
   Super low forward voltage drop
TGBR30S100CL-TA3-T UTC-TGBR30S100CL-TA3-T Datasheet
131Kb / 3P
   Super low forward voltage drop
MGBR5S50L-TN3-R UTC-MGBR5S50L-TN3-R Datasheet
155Kb / 3P
   Super low forward voltage drop
TGBR30S150CL-TA3-T UTC-TGBR30S150CL-TA3-T Datasheet
132Kb / 3P
   Super low forward voltage drop
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com