Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TGBR10U120CL-TF1-T Datasheet(PDF) 2 Page - Unisonic Technologies

Part # TGBR10U120CL-TF1-T
Description  Ultra low forward voltage drop
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

TGBR10U120CL-TF1-T Datasheet(HTML) 2 Page - Unisonic Technologies

  TGBR10U120CL-TF1-T Datasheet HTML 1Page - Unisonic Technologies TGBR10U120CL-TF1-T Datasheet HTML 2Page - Unisonic Technologies TGBR10U120CL-TF1-T Datasheet HTML 3Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
TGBR10U120C
Preliminary
DIODE
UNISONICTECHNOLOGIESCO.,LTD
2 of 3
www.unisonic.com.tw
QW-R232-065 .a
ABSOLUTE MAXIMUM RATINGS (TA=25°C unless otherwise specified)
Single phase, half wave, 60Hz, resistive or inductive load.
For capacitance load, derate current by 20%.
PARAMETER
SYMBOL
RATINGS
UNIT
DC Blocking Voltage
VRM
120
V
Working Peak Reverse Voltage
VRWM
120
V
Peak Repetitive Reverse Voltage
VRRM
120
V
Per Leg
5
A
Average Rectified Output Current Per Device
Total
IO
10
A
Non-Repetitive Peak Forward Surge Current 8.3ms Single
Half Sine-Wave Superimposed on Rated Load
IFSM
120
A
Operating Junction Temperature
TJ
-65 ~ +150
°C
Storage Temperature
TSTG
-65 ~ +150
°C
Note: Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
THERMAL CHARACTERISTICS (PER LEG)
PARAMETER
SYMBOL
RATINGS
UNIT
Typical Thermal Resistance
θJC
4
°С/W
ELECTRICAL CHARACTERISTICS (PER LEG) (TA =25°C unless otherwise specified.)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN TYP MAX UNIT
Reverse Breakdown Voltage
V(BR)R
IR=0.50mA
120
V
IF=5A, TJ=25°C
0.70
V
Forward Voltage Drop
VFM
IF=5A, TJ=125°C
0.65
V
VR=120V, TJ=25°C
100
μA
Leakage Current
IRM
VR=120V, TJ=125°C
20
mA
Note: Pulse Test: Pulse width ≤ 300µs, Duty cycle ≤ 2%.


Similar Part No. - TGBR10U120CL-TF1-T

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
TGBR10U100C UTC-TGBR10U100C Datasheet
131Kb / 3P
   DUAL TRENCH MOS SCHOTTKY BARRIER RECTIFIER
TGBR10U100CG-TA3-T UTC-TGBR10U100CG-TA3-T Datasheet
131Kb / 3P
   DUAL TRENCH MOS SCHOTTKY BARRIER RECTIFIER
TGBR10U100CG-TF3-T UTC-TGBR10U100CG-TF3-T Datasheet
131Kb / 3P
   DUAL TRENCH MOS SCHOTTKY BARRIER RECTIFIER
TGBR10U100CL-TA3-T UTC-TGBR10U100CL-TA3-T Datasheet
131Kb / 3P
   DUAL TRENCH MOS SCHOTTKY BARRIER RECTIFIER
TGBR10U100CL-TF3-T UTC-TGBR10U100CL-TF3-T Datasheet
131Kb / 3P
   DUAL TRENCH MOS SCHOTTKY BARRIER RECTIFIER
More results

Similar Description - TGBR10U120CL-TF1-T

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
TGBR5U60L-TN3-R UTC-TGBR5U60L-TN3-R Datasheet
155Kb / 3P
   Ultra low forward voltage drop
TGBR20U60CL-TA3-T UTC-TGBR20U60CL-TA3-T Datasheet
132Kb / 3P
   Ultra low forward voltage drop
TGBR5U45L-TN3-R UTC-TGBR5U45L-TN3-R Datasheet
154Kb / 3P
   Ultra low forward voltage drop
MGBR15U50G-K08-5060-R UTC-MGBR15U50G-K08-5060-R Datasheet
165Kb / 3P
   Ultra low forward voltage drop
TGBR40U100CL-TA3-T UTC-TGBR40U100CL-TA3-T Datasheet
139Kb / 3P
   Ultra low forward voltage drop
logo
Diodes Incorporated
SBR40U60CTE DIODES-SBR40U60CTE Datasheet
84Kb / 4P
   Ultra Low Forward Voltage Drop
logo
Unisonic Technologies
TGBR10U60CL-TA3-T UTC-TGBR10U60CL-TA3-T Datasheet
132Kb / 3P
   Ultra low forward voltage drop
TGBR15U45L-TQ2-T UTC-TGBR15U45L-TQ2-T Datasheet
164Kb / 3P
   Ultra low forward voltage drop
TGBR20U45CL-TF1-T UTC-TGBR20U45CL-TF1-T Datasheet
133Kb / 3P
   Ultra low forward voltage drop
logo
Vishay Siliconix
19TQ015S VISHAY-19TQ015S Datasheet
94Kb / 6P
   Ultra low forward voltage drop
Revision: 25-Jun-08
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com