Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S-1004NA50I-I6T1U Datasheet(PDF) 11 Page - Seiko Instruments Inc

Part # S-1004NA50I-I6T1U
Description  Release delay time accuracy
Download  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S-1004NA50I-I6T1U Datasheet(HTML) 11 Page - Seiko Instruments Inc

Back Button S-1004NA50I-I6T1U Datasheet HTML 7Page - Seiko Instruments Inc S-1004NA50I-I6T1U Datasheet HTML 8Page - Seiko Instruments Inc S-1004NA50I-I6T1U Datasheet HTML 9Page - Seiko Instruments Inc S-1004NA50I-I6T1U Datasheet HTML 10Page - Seiko Instruments Inc S-1004NA50I-I6T1U Datasheet HTML 11Page - Seiko Instruments Inc S-1004NA50I-I6T1U Datasheet HTML 12Page - Seiko Instruments Inc S-1004NA50I-I6T1U Datasheet HTML 13Page - Seiko Instruments Inc S-1004NA50I-I6T1U Datasheet HTML 14Page - Seiko Instruments Inc S-1004NA50I-I6T1U Datasheet HTML 15Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 42 page
background image
BUILT-IN DELAY CIRCUIT (EXTERNAL DELAY TIME SETTING) VOLTAGE DETECTOR WITH SENSE PIN
Rev.2.1_01
S-1004 Series
11
2. CMOS output product
Table 12
(Ta =
+25°C unless otherwise specified)
Item
Symbol
Condition
Min.
Typ.
Max.
Unit
Test
Circuit
Detection voltage*1
−VDET
0.95 V
≤ VDD ≤ 10.0 V
1.0 V
≤ −VDET(S) < 2.2 V
−VDET(S)
− 0.022
−VDET(S)
−VDET(S)
+ 0.022
V
1
2.2 V
≤ −VDET(S) ≤ 5.0 V
−VDET(S)
× 0.99
−VDET(S)
−VDET(S)
× 1.01
V
1
Hysteresis width
VHYS
−VDET
× 0.03
−VDET
× 0.05
−VDET
× 0.07
V
1
Current
consumption*2
ISS
VDD = 10.0 V, VSENSE =
−VDET(S) + 1.0 V
0.50
0.90
μA
2
Operation voltage VDD
0.95
10.0
V
1
Output current
IOUT
Output transistor
Nch
VDS*3 = 0.5 V
VSENSE = 0.0 V
VDD = 0.95 V
0.59
1.00
mA
3
VDD = 1.2 V
0.73
1.33
mA
3
VDD = 2.4 V
1.47
2.39
mA
3
VDD = 4.8 V
1.86
2.50
mA
3
Output transistor
Pch
VDD = 4.8 V
1.62
2.60
mA
5
VDS*3 = 0.5 V
VSENSE = 10.0 V
VDD = 6.0 V
1.78
2.86
mA
5
Detection voltage
temperature
coefficient*4
Δ−VDET
ΔTa • −VDET Ta = −40°C to +85°C
±100
±350 ppm/°C
1
Detection
delay time*5
tDET
VDD = 5.0 V
40
μs
4
Release
delay time*6
tRESET
VDD =
−VDET(S) + 1.0 V, CD = 4.7 nF
10.79
12.69
14.59
ms
4
SENSE pin
resistance
RSENSE
1.0 V
≤ −VDET(S) < 1.2 V
5.0
19.0
42.0
M
Ω
2
1.2 V
≤ −VDET(S) ≤ 5.0 V
6.0
30.0
98.0
M
Ω
2
*1.
−VDET: Actual detection voltage value, −VDET(S): Set detection voltage value (the center value of the detection voltage
range in Table 5 or Table 6)
*2.
The current flowing through the SENSE pin resistance is not included.
*3.
VDS: Drain-to-source voltage of the output transistor
*4.
The temperature change of the detection voltage [mV/°C] is calculated by using the following equation.
Δ−VDET
ΔTa
[]
mV/°C *1 =
−VDET(S) (typ.)[]
V *2
×
Δ−VDET
ΔTa • −VDET []
ppm/°C *3
÷ 1000
*1. Temperature change of the detection voltage
*2. Set detection voltage
*3. Detection voltage temperature coefficient
*5.
The time period from when the pulse voltage of 6.0 V
→ −VDET(S) − 2.0 V or 0 V is applied to the SENSE pin to when
VOUT reaches VDD / 2.
*6.
The time period from when the pulse voltage of 0.95 V
→ 10.0 V is applied to the SENSE pin to when VOUT reaches
VDD
× 90%.


Similar Part No. - S-1004NA50I-I6T1U

ManufacturerPart #DatasheetDescription
logo
ABLIC Inc.
S-1004NA50I-I6T1U ABLIC-S-1004NA50I-I6T1U Datasheet
2Mb / 42P
   BUILT-IN DELAY CIRCUIT (EXTERNAL DELAY TIME SETTING) VOLTAGE DETECTOR WITH SENSE PIN
Rev.2.1_02
More results

Similar Description - S-1004NA50I-I6T1U

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
DBA02CM24 ETC2-DBA02CM24 Datasheet
89Kb / 3P
   Timers Delay on Release
logo
Carlo Gavazzi Holding A...
DBA52 CARLOGAVAZZI-DBA52 Datasheet
68Kb / 2P
   Timers Delay on Release
logo
List of Unclassifed Man...
B128220006 ETC2-B128220006 Datasheet
64Kb / 2P
   Timers Delay on Release
logo
ABLIC Inc.
S-1003 ABLIC-S-1003 Datasheet
660Kb / 42P
   MANUAL RESET BUILT-IN DELAY CIRCUIT (EXTERNAL DELAY TIME SETTING) HIGH-ACCURACY VOLTAGE DETECTOR
Rev.1.0_03
logo
Carlo Gavazzi Holding A...
DBA02 CARLOGAVAZZI-DBA02 Datasheet
91Kb / 3P
   Timers Delay on Release
logo
Rohm
BD5225G-TR ROHM-BD5225G-TR Datasheet
474Kb / 16P
   Free Delay Time Setting Free Delay Time Setting
logo
List of Unclassifed Man...
KLU-601 ETC1-KLU-601 Datasheet
643Kb / 4P
   time-delay fuses
logo
Cooper Bussmann, Inc.
LP-CC-6 COOPER-LP-CC-6 Datasheet
77Kb / 2P
   Time-Delay Fuses
logo
Schneider Electric
821TD10H-UNI SCHNEIDER-821TD10H-UNI Datasheet
482Kb / 6P
   Time Delay Relays
logo
Littelfuse
TA12D1 LITTELFUSE-TA12D1 Datasheet
414Kb / 2P
   Time Delay Relays
Rev: 1-A-062316
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com