Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S-1410B20-K8T2U4 Datasheet(PDF) 9 Page - Seiko Instruments Inc

Part # S-1410B20-K8T2U4
Description  Watchdog operation is switchable
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S-1410B20-K8T2U4 Datasheet(HTML) 9 Page - Seiko Instruments Inc

Back Button S-1410B20-K8T2U4 Datasheet HTML 5Page - Seiko Instruments Inc S-1410B20-K8T2U4 Datasheet HTML 6Page - Seiko Instruments Inc S-1410B20-K8T2U4 Datasheet HTML 7Page - Seiko Instruments Inc S-1410B20-K8T2U4 Datasheet HTML 8Page - Seiko Instruments Inc S-1410B20-K8T2U4 Datasheet HTML 9Page - Seiko Instruments Inc S-1410B20-K8T2U4 Datasheet HTML 10Page - Seiko Instruments Inc S-1410B20-K8T2U4 Datasheet HTML 11Page - Seiko Instruments Inc S-1410B20-K8T2U4 Datasheet HTML 12Page - Seiko Instruments Inc S-1410B20-K8T2U4 Datasheet HTML 13Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 36 page
background image
LOW CURRENT CONSUMPTION WATCHDOG TIMER WITH RESET FUNCTION
Rev.2.0_00
S-1410/1411 Series
9
Absolute Maximum Ratings
Table 7
(Ta =
+25°C unless otherwise specified)
Item
Symbol
Absolute Maximum Rating
Unit
VDD pin voltage
VDD
VSS
− 0.3 to VSS + 7.0
V
WDI pin voltage
VWDI
VSS
− 0.3 to VDD + 0.3 ≤ VSS + 7.0
V
WEN pin voltage
VWEN
VSS
− 0.3 to VDD + 0.3 ≤ VSS + 7.0
V
W
___
/ T pin voltage
Vw___ / T
VSS
− 0.3 to VDD + 0.3 ≤ VSS + 7.0
V
CPOR pin voltage
VCPOR
VSS
− 0.3 to VDD + 0.3 ≤ VSS + 7.0
V
CWDT pin voltage
VCWDT
VSS
− 0.3 to VDD + 0.3 ≤ VSS + 7.0
V
RST
_______
pin voltage
A / B / C / D / E / F type
VRST
_______
VSS
− 0.3 to VDD + 0.3 ≤ VSS + 7.0
V
G / H / I / J / K / L type
VSS
− 0.3 to VSS + 7.0
V
WDO
________
pin voltage
A / B / C / D / E / F type
VWDO
________
VSS
− 0.3 to VDD + 0.3 ≤ VSS + 7.0
V
G / H / I / J / K / L type
VSS
− 0.3 to VSS + 7.0
V
Operation ambient temperature
Topr
−40 to +105
°C
Storage temperature
Tstg
−40 to +150
°C
Caution The absolute maximum ratings are rated values exceeding which the product could suffer physical
damage. These values must therefore not be exceeded under any conditions.
Thermal Resistance Value
Table 8
Item
Symbol
Condition
Min.
Typ.
Max.
Unit
Junction-to-ambient thermal resistance
*1
θja
TMSOP-8
Board 1
160
°C/W
Board 2
133
°C/W
HSNT-8(2030)
Board 1
181
°C/W
Board 2
135
°C/W
*1. Test environment: compliance with JEDEC STANDARD JESD51-2A
Remark Refer to " Thermal Characteristics" for details of power dissipation and test board.


Similar Part No. - S-1410B20-K8T2U4

ManufacturerPart #DatasheetDescription
logo
ABLIC Inc.
S-1410 ABLIC-S-1410 Datasheet
1Mb / 47P
   105°COPERATION, 3.8 μA CURRENT CONSUMPTION WATCHDOG TIMER WITH RESET FUNCTION
Rev.2.3_00
More results

Similar Description - S-1410B20-K8T2U4

ManufacturerPart #DatasheetDescription
logo
Seiko Instruments Inc
S-19400 SII-S-19400 Datasheet
3Mb / 36P
   Watchdog operation voltage range
logo
Purdy Electronics Corpo...
OPTO-232SL PURDY-OPTO-232SL Datasheet
632Kb / 1P
   switchable modems
logo
STMicroelectronics
M48T254V STMICROELECTRONICS-M48T254V Datasheet
359Kb / 24P
   CLOCK FUNCTION IS TRANSPARENT TO RAM OPERATION.
May 2003 Rev. 2.0
logo
Amphenol Wilcoxon Sensi...
VLL WILCOXON-VLL Datasheet
376Kb / 2P
   Switchable junction boxes
Rev.A.2 10/18
VLS WILCOXON-VLS Datasheet
327Kb / 2P
   Switchable junction boxes
Rev.B.1 10/18
logo
IXYS Corporation
IXCP10M45S IXYS-IXCP10M45S Datasheet
520Kb / 2P
   Switchable Current Regulators
IXCP10M90S IXYS-IXCP10M90S Datasheet
347Kb / 1P
   Switchable Current Regulators
IXCP10M35S IXYS-IXCP10M35S Datasheet
92Kb / 2P
   Switchable Current Regulators
logo
Rohm
BU520XX_BD7411G_REVF ROHM-BU520XX_BD7411G_REVF Datasheet
619Kb / 32P
   Omnipolar detection, Micro power operation (small current using intermittent operation method)(BD7411G is excluded.)
logo
Hitachi Semiconductor
HA16103 HITACHI-HA16103 Datasheet
106Kb / 21P
   Watchdog Timer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com