Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S-1142DA0H-E6T2U Datasheet(PDF) 7 Page - Seiko Instruments Inc

Part # S-1142DA0H-E6T2U
Description  Built-in thermal shutdown circuit
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S-1142DA0H-E6T2U Datasheet(HTML) 7 Page - Seiko Instruments Inc

Back Button S-1142DA0H-E6T2U Datasheet HTML 3Page - Seiko Instruments Inc S-1142DA0H-E6T2U Datasheet HTML 4Page - Seiko Instruments Inc S-1142DA0H-E6T2U Datasheet HTML 5Page - Seiko Instruments Inc S-1142DA0H-E6T2U Datasheet HTML 6Page - Seiko Instruments Inc S-1142DA0H-E6T2U Datasheet HTML 7Page - Seiko Instruments Inc S-1142DA0H-E6T2U Datasheet HTML 8Page - Seiko Instruments Inc S-1142DA0H-E6T2U Datasheet HTML 9Page - Seiko Instruments Inc S-1142DA0H-E6T2U Datasheet HTML 10Page - Seiko Instruments Inc S-1142DA0H-E6T2U Datasheet HTML 11Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 32 page
background image
HIGH-WITHSTAND VOLTAGE LOW CURRENT CONSUMPTION LOW DROPOUT 105
°COPERATION CMOS VOLTAGE REGULATOR
Rev.1.2_01
S-1142C/DxxH Series
7
Power dissipation of HSOP-6 (reference)
Package power dissipation differs depending on the mounting conditions.
The power dissipation characteristics under the following test conditions should be taken as reference values only.
[Mounted board]
(1) Board size:
50 mm
× 50 mm × t1.6 mm
(2) Board material: Glass epoxy resin (two layers)
(3) Wiring ratio:
90%
(4) Test conditions: When mounted on board (wind speed: 0 m/s)
(5) Land pattern:
Refer to the recommended land pattern (drawing code: FH006-A-L-SD)
0
50
100
150
2400
1600
0
Ambient temperature (Ta) [
°C]
800
2000
1200
400
Figure 4 Power Dissipation of Package (When Mounted on Board)
Table 6
Condition
Power Dissipation (Reference)
Thermal Resistance Value (
θj − a)
HSOP-6 (When mounted on board)
2000 mW
50°C/W


Similar Part No. - S-1142DA0H-E6T2U

ManufacturerPart #DatasheetDescription
logo
Seiko Instruments Inc
S-1142DA0A-E6T2U SII-S-1142DA0A-E6T2U Datasheet
1Mb / 31P
   Built-in thermal shutdown circuit
More results

Similar Description - S-1142DA0H-E6T2U

ManufacturerPart #DatasheetDescription
logo
Rohm
BD8266EFV-M ROHM-BD8266EFV-M Datasheet
990Kb / 25P
   Built-in thermal shutdown circuit
logo
Seiko Instruments Inc
S-1142A33H-E6T2U SII-S-1142A33H-E6T2U Datasheet
1Mb / 32P
   Built-in thermal shutdown circuit
S-1142D33A-E6T2U SII-S-1142D33A-E6T2U Datasheet
1Mb / 31P
   Built-in thermal shutdown circuit
logo
Sanken electric
SLA2602M SANKEN-SLA2602M Datasheet
91Kb / 2P
   H Bridge, Enable Pin, Built-in Thermal Shutdown Circuit
SLA2601M SANKEN-SLA2601M Datasheet
91Kb / 2P
   H Bridge, Enable Pin, Built-in Thermal Shutdown Circuit
logo
Rohm
BD10KA5 ROHM-BD10KA5 Datasheet
616Kb / 18P
   500mA Variable/Fixed Output LDO Regulators Built-in thermal shutdown circuit
logo
Integrated Silicon Solu...
IS31BL3228AB ISSI-IS31BL3228AB Datasheet
310Kb / 11P
   Built-in thermal protection
logo
STMicroelectronics
STEVAL-ISA159V1 STMICROELECTRONICS-STEVAL-ISA159V1 Datasheet
188Kb / 4P
   Thermal shutdown
May 2015 Rev 2
logo
KOA Speer Electronics, ...
WF5NC8G100K KOA-WF5NC8G100K Datasheet
257Kb / 2P
   thermal fuse built-in resistors
logo
STMicroelectronics
STEVAL-ILL046V2 STMICROELECTRONICS-STEVAL-ILL046V2 Datasheet
216Kb / 4P
   Thermal shutdown
May 2016 Rev 2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com