Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S-1142D20A-E6T2U Datasheet(PDF) 3 Page - Seiko Instruments Inc

Part # S-1142D20A-E6T2U
Description  Built-in thermal shutdown circuit
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S-1142D20A-E6T2U Datasheet(HTML) 3 Page - Seiko Instruments Inc

  S-1142D20A-E6T2U Datasheet HTML 1Page - Seiko Instruments Inc S-1142D20A-E6T2U Datasheet HTML 2Page - Seiko Instruments Inc S-1142D20A-E6T2U Datasheet HTML 3Page - Seiko Instruments Inc S-1142D20A-E6T2U Datasheet HTML 4Page - Seiko Instruments Inc S-1142D20A-E6T2U Datasheet HTML 5Page - Seiko Instruments Inc S-1142D20A-E6T2U Datasheet HTML 6Page - Seiko Instruments Inc S-1142D20A-E6T2U Datasheet HTML 7Page - Seiko Instruments Inc S-1142D20A-E6T2U Datasheet HTML 8Page - Seiko Instruments Inc S-1142D20A-E6T2U Datasheet HTML 9Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 31 page
background image
HIGH-WITHSTAND VOLTAGE LOW CURRENT CONSUMPTION LOW DROPOUT CMOS VOLTAGE REGULATOR
Rev.1.1_01
S-1142C/DxxA Series
3
Product Name Structure
Users can select the product type and output voltage for the S-1142C/DxxA Series.
Refer to "1. Product name" regarding the contents of product name, "2. Package" regarding package drawings,
"3. Product name list" regarding details of the product name.
1. Product name
S-1142 x xx A - E6T2 U
Package abbreviation and IC packing specifications
*1
E6T2: HSOP-6, Tape
Operation temperature
A: Ta =
−40°C to +125°C
Output voltage
20 to C0
(e.g., when the output voltage is 2.0 V, it is expressed as 20.
when the output voltage is 10 V, it is expressed as A0.
when the output voltage is 11 V, it is expressed as B0.
when the output voltage is 12 V, it is expressed as C0.)
Product type
*2
C: ON / OFF pin negative logic
D: ON / OFF pin positive logic
Environmental code
U: Lead-free (Sn 100%), halogen-free
*1. Refer to the tape drawing.
*2. Refer to "3. ON / OFF pin" in " Operation".
2. Package
Table 1 Package Drawing Codes
Package Name
Dimension
Tape
Reel
Land
HSOP-6
FH006-A-P-SD
FH006-A-C-SD
FH006-A-R-SD
FH006-A-L-SD


Similar Part No. - S-1142D20A-E6T2U

ManufacturerPart #DatasheetDescription
logo
Seiko Instruments Inc
S-1142D20H-E6T2U SII-S-1142D20H-E6T2U Datasheet
1Mb / 32P
   Built-in thermal shutdown circuit
S-1142D20H-E6T2U SII-S-1142D20H-E6T2U Datasheet
1Mb / 32P
   HIGH-WITHSTAND VOLTAGE LOW CURRENT CONSUMPTION LOW DROPOUT OPERATION CMOS VOLTAGE REGULATOR
S-1142D20I-E6T1U SII-S-1142D20I-E6T1U Datasheet
1Mb / 32P
   HIGH-WITHSTAND VOLTAGE LOW CURRENT CONSUMPTION LOW DROPOUT CMOS VOLTAGE REGULATOR
logo
ABLIC Inc.
S-1142D20I-E6T1U ABLIC-S-1142D20I-E6T1U Datasheet
451Kb / 32P
   HIGH-WITHSTAND VOLTAGE LOW CURRENT CONSUMPTION LOW DROPOUT CMOS VOLTAGE REGULATOR
Rev.1.3_00
More results

Similar Description - S-1142D20A-E6T2U

ManufacturerPart #DatasheetDescription
logo
Rohm
BD8266EFV-M ROHM-BD8266EFV-M Datasheet
990Kb / 25P
   Built-in thermal shutdown circuit
logo
Seiko Instruments Inc
S-1142A33H-E6T2U SII-S-1142A33H-E6T2U Datasheet
1Mb / 32P
   Built-in thermal shutdown circuit
S-1142D20H-E6T2U SII-S-1142D20H-E6T2U Datasheet
1Mb / 32P
   Built-in thermal shutdown circuit
logo
Sanken electric
SLA2602M SANKEN-SLA2602M Datasheet
91Kb / 2P
   H Bridge, Enable Pin, Built-in Thermal Shutdown Circuit
SLA2601M SANKEN-SLA2601M Datasheet
91Kb / 2P
   H Bridge, Enable Pin, Built-in Thermal Shutdown Circuit
logo
Rohm
BD10KA5 ROHM-BD10KA5 Datasheet
616Kb / 18P
   500mA Variable/Fixed Output LDO Regulators Built-in thermal shutdown circuit
logo
Integrated Silicon Solu...
IS31BL3228AB ISSI-IS31BL3228AB Datasheet
310Kb / 11P
   Built-in thermal protection
logo
STMicroelectronics
STEVAL-ISA159V1 STMICROELECTRONICS-STEVAL-ISA159V1 Datasheet
188Kb / 4P
   Thermal shutdown
May 2015 Rev 2
logo
KOA Speer Electronics, ...
WF5NC8G100K KOA-WF5NC8G100K Datasheet
257Kb / 2P
   thermal fuse built-in resistors
logo
STMicroelectronics
STEVAL-ILL046V2 STMICROELECTRONICS-STEVAL-ILL046V2 Datasheet
216Kb / 4P
   Thermal shutdown
May 2016 Rev 2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com