Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S-1004NA10I-M5T1U Datasheet(PDF) 8 Page - Seiko Instruments Inc

Part # S-1004NA10I-M5T1U
Description  Release delay time accuracy
Download  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S-1004NA10I-M5T1U Datasheet(HTML) 8 Page - Seiko Instruments Inc

Back Button S-1004NA10I-M5T1U Datasheet HTML 4Page - Seiko Instruments Inc S-1004NA10I-M5T1U Datasheet HTML 5Page - Seiko Instruments Inc S-1004NA10I-M5T1U Datasheet HTML 6Page - Seiko Instruments Inc S-1004NA10I-M5T1U Datasheet HTML 7Page - Seiko Instruments Inc S-1004NA10I-M5T1U Datasheet HTML 8Page - Seiko Instruments Inc S-1004NA10I-M5T1U Datasheet HTML 9Page - Seiko Instruments Inc S-1004NA10I-M5T1U Datasheet HTML 10Page - Seiko Instruments Inc S-1004NA10I-M5T1U Datasheet HTML 11Page - Seiko Instruments Inc S-1004NA10I-M5T1U Datasheet HTML 12Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 42 page
background image
BUILT-IN DELAY CIRCUIT (EXTERNAL DELAY TIME SETTING) VOLTAGE DETECTOR WITH SENSE PIN
S-1004 Series
Rev.2.1_01
8
Pin Configurations
1. S-1004 Series NA / CA type
1. 1 SOT-23-5
13
2
4
5
Top view
Figure 3
Table 7 Pin Configuration A
Pin No.
Symbol
Description
1
OUT
Voltage detection output pin
2
VDD
Power supply pin
3
VSS
GND pin
4
CD
Connection pin for delay capacitor
5
SENSE
Detection voltage input pin
1. 2 SNT-6A
5
4
6
2
3
1
Top view
Figure 4
Table 8 Pin Configuration A
Pin No.
Symbol
Description
1
OUT
Voltage detection output pin
2
VDD
Power supply pin
3
SENSE
Detection voltage input pin
4
CD
Connection pin for delay capacitor
5
NC*1
No connection
6
VSS
GND pin
*1.
The NC pin is electrically open.
The NC pin can be connected to the VDD pin or the VSS pin.
2. S-1004 Series NB / CB type
2. 1 SOT-23-5
13
2
4
5
Top view
Figure 5
Table 9 Pin Configuration B
Pin No.
Symbol
Description
1
OUT
Voltage detection output pin
2
VSS
GND pin
3
VDD
Power supply pin
4
SENSE
Detection voltage input pin
5
CD
Connection pin for delay capacitor


Similar Part No. - S-1004NA10I-M5T1U

ManufacturerPart #DatasheetDescription
logo
ABLIC Inc.
S-1004NA10I-M5T1U ABLIC-S-1004NA10I-M5T1U Datasheet
2Mb / 42P
   BUILT-IN DELAY CIRCUIT (EXTERNAL DELAY TIME SETTING) VOLTAGE DETECTOR WITH SENSE PIN
Rev.2.1_02
More results

Similar Description - S-1004NA10I-M5T1U

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
DBA02CM24 ETC2-DBA02CM24 Datasheet
89Kb / 3P
   Timers Delay on Release
logo
Carlo Gavazzi Holding A...
DBA52 CARLOGAVAZZI-DBA52 Datasheet
68Kb / 2P
   Timers Delay on Release
logo
List of Unclassifed Man...
B128220006 ETC2-B128220006 Datasheet
64Kb / 2P
   Timers Delay on Release
logo
ABLIC Inc.
S-1003 ABLIC-S-1003 Datasheet
660Kb / 42P
   MANUAL RESET BUILT-IN DELAY CIRCUIT (EXTERNAL DELAY TIME SETTING) HIGH-ACCURACY VOLTAGE DETECTOR
Rev.1.0_03
logo
Carlo Gavazzi Holding A...
DBA02 CARLOGAVAZZI-DBA02 Datasheet
91Kb / 3P
   Timers Delay on Release
logo
Rohm
BD5225G-TR ROHM-BD5225G-TR Datasheet
474Kb / 16P
   Free Delay Time Setting Free Delay Time Setting
logo
List of Unclassifed Man...
KLU-601 ETC1-KLU-601 Datasheet
643Kb / 4P
   time-delay fuses
logo
Cooper Bussmann, Inc.
LP-CC-6 COOPER-LP-CC-6 Datasheet
77Kb / 2P
   Time-Delay Fuses
logo
Schneider Electric
821TD10H-UNI SCHNEIDER-821TD10H-UNI Datasheet
482Kb / 6P
   Time Delay Relays
logo
Littelfuse
TA12D1 LITTELFUSE-TA12D1 Datasheet
414Kb / 2P
   Time Delay Relays
Rev: 1-A-062316
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com