Electronic Components Datasheet Search |
|
R60PF2470AA00M Datasheet(PDF) 4 Page - Kemet Corporation |
|
R60PF2470AA00M Datasheet(HTML) 4 Page - Kemet Corporation |
4 / 21 page © KEMET Electronics Corporation • P.O. Box 5928 • Greenville, SC 29606 • 864-963-6300 • www.kemet.com F3103_R60 • 9/23/2016 4 Film Through-Hole Capacitors – General Purpose Metallized Polyester Film Capacitors R60 Series, Radial, 10 – 37.5 mm Lead Spacing, 63 – 1,000 VDC (Automotive Grade) Performance Characteristics Dielectric Polyesterfilm(polyethyleneterephthalate). Plates Metal layer deposited by evaporation under vacum. Winding Non-inductive type. Leads Tinned wire. Protection Plasticcase,thermosettingresinfilled.Boxmaterialissolventresistantandflameretardantaccordingto UL94. Related Documents IEC 60384–2 Rated Voltage V R (VDC) 50 63 100 160 250 400 630 1000 Rated Voltage V R (VAC) 30 40 63 90 160 200 220 250 Capacitance Range (µF) 1.5 – 5.6 0.68 – 100 0.33 – 150 0.22 – 150 0.1 – 68 0.015 – 33 0.0047 – 10 0.001 – 4.7 Capacitance Values E6series(IEC60063)measuredat1kHzand+20±1°C Capacitance Tolerance ±5%, ±10%, ±20% Operating Temperature Range −55°Cto+105°C Upperoperatingtemperatureof+125°Cisallowedforamaximumoperatingtimeof1,000hours. Rated Temperature T R +85°C Voltage Derating Above+85°CDCandACvoltagederatingis1.25%/°C Climatic Category 55/105/56 IEC 60068–1 Storage Conditions Storagetime:≤24monthsfromthedatemarkedonthelabelpackage Averagerelativehumidityperyear≤70% RH≤85%for30daysrandomlydistributedthroughouttheyear Dew is absent Temperature:−40to80°C(see"MaximumHumidityinStorageConditions"graphbelow) Test Voltage 1.6 x V RVDCfor2seconds(betweenterminations)at+25°C±5°C Capacitance Drift Maximum3%aftera2yearstorageperiodatatemperatureof+10°Cto+40°Candarelativehumidityof40% to 60% Reliability (Reference MIL–HDBK–217) Operational life >200,000 hours Failurerate≤5FIT,T=+40°C,V=0.5xV R Failure criteria: open or short circuit, cap. change > 10%, DF 2 times the catalog limits, IR < 0.005 x initial limit Maximum Pulse Steepness dV/dt according to Table 1. For peak to peak voltages lower than rated voltage (Vpp <V R),thespecifieddv/dt can be multiplied by the factor V R/Vpp TemperatureCoefficient +400(±200)ppm/°Cat1kHz Self Inductance (Lead Length ~ 2 mm) Lead Spacing (mm) 10 15 22.5 27.5 37.5 L (nH) 9 10 18 18 22 Maximum 1 nH per 1 mm lead and capacitor length. |
Similar Part No. - R60PF2470AA00M |
|
Similar Description - R60PF2470AA00M |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |