Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

R60MW2470AAL1K Datasheet(PDF) 9 Page - Kemet Corporation

Part # R60MW2470AAL1K
Description  General Purpose Metallized Polyester Film Capacitors
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

R60MW2470AAL1K Datasheet(HTML) 9 Page - Kemet Corporation

Back Button R60MW2470AAL1K Datasheet HTML 5Page - Kemet Corporation R60MW2470AAL1K Datasheet HTML 6Page - Kemet Corporation R60MW2470AAL1K Datasheet HTML 7Page - Kemet Corporation R60MW2470AAL1K Datasheet HTML 8Page - Kemet Corporation R60MW2470AAL1K Datasheet HTML 9Page - Kemet Corporation R60MW2470AAL1K Datasheet HTML 10Page - Kemet Corporation R60MW2470AAL1K Datasheet HTML 11Page - Kemet Corporation R60MW2470AAL1K Datasheet HTML 12Page - Kemet Corporation R60MW2470AAL1K Datasheet HTML 13Page - Kemet Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 21 page
background image
© KEMET Electronics Corporation • P.O. Box 5928 • Greenville, SC 29606 • 864-963-6300 • www.kemet.com
F3103_R60 • 9/23/2016
9
Film Through-Hole Capacitors – General Purpose Metallized Polyester Film Capacitors
R60 Series, Radial, 10 – 37.5 mm Lead Spacing, 63 – 1,000 VDC (Automotive Grade)
Table 1A – Ratings & Part Number Reference (Stacked Capacitor Technology) cont'd
Table 1B – Ratings & Part Number Reference (Wound Capacitor Technology)
(1) Insert lead and packaging code. See Ordering Options Table for available options.
(2) J = 5%, K = 10%, M = 20%
VDC
VAC Capacitance
Value (µF)
Dimensions in mm
Lead
Spacing
dV/dt
(V/
µs)
Maximum K
0
(V2/µs)
New KEMET
Part Number
Legacy Part
Number
B
H
L
63
40
0.68
5.0
11.0
18.0
15.0
2.5
315
60DI3680(1)30(2)
R60DI3680(1)30(2)
63
40
1.0
5.0
11.0
18.0
15.0
2.5
315
60DI4100(1)30(2)
R60DI4100(1)30(2)
63
40
1.5
5.0
11.0
18.0
15.0
2.5
315
60DI4150(1)30(2)
R60DI4150(1)30(2)
63
40
2.2
6.0
12.0
18.0
15.0
2.5
315
60DI4220(1)30(2)
R60DI4220(1)30(2)
63
40
3.3
7.5
13.5
18.0
15.0
2.5
315
60DI4330(1)30(2)
R60DI4330(1)30(2)
63
40
3.3
9.0
12.5
18.0
15.0
2.5
315
60DI4330(1)L0(2)
R60DI4330(1)L0(2)
63
40
4.7
8.5
14.5
18.0
15.0
2.5
315
60DI4470(1)30(2)
R60DI4470(1)30(2)
63
40
4.7
13.0
12.0
18.0
15.0
2.5
315
60DI4470(1)L0(2)
R60DI4470(1)L0(2)
63
40
6.8
10.0
16.0
18.0
15.0
2.5
315
60DI4680(1)30(2)
R60DI4680(1)30(2)
63
40
3.3
6.0
15.0
26.5
22.5
1.5
189
60DN4330(1)30(2)
R60DN4330(1)30(2)
63
40
4.7
7.0
16.0
26.5
22.5
1.5
189
60DN4470(1)30(2)
R60DN4470(1)30(2)
63
40
6.8
7.0
16.0
26.5
22.5
1.5
189
60DN4680(1)30(2)
R60DN4680(1)30(2)
63
40
10.0
8.5
17.0
26.5
22.5
1.5
189
60DN5100(1)30(2)
R60DN5100(1)30(2)
63
40
15.0
11.0
20.0
26.5
22.5
1.5
189
60DN5150(1)30(2)
R60DN5150(1)30(2)
63
40
10.0
9.0
17.0
32.0
27.5
1.0
126
60DR5100(1)30(2)
R60DR5100(1)30(2)
63
40
15.0
11.0
20.0
32.0
27.5
1.0
126
60DR5150(1)30(2)
R60DR5150(1)30(2)
63
40
22.0
13.0
22.0
32.0
27.5
1.0
126
60DR5220(1)30(2)
R60DR5220(1)30(2)
63
40
22.0
11.0
20.0
32.0
27.5
1.0
126
60DR5220(1)40(2)
R60DR5220(1)40(2)
63
40
33.0
18.0
33.0
32.0
27.5
1.0
126
60DR5330(1)50(2)
R60DR5330(1)50(2)
63
40
47.0
22.0
37.0
32.0
27.5
1.0
126
60DR5470(1)50(2)
R60DR5470(1)50(2)
63
40
68.0
22.0
37.0
32.0
27.5
1.0
126
60DR5680(1)30(2)
R60DR5680(1)30(2)
63
40
22.0
11.0
22.0
41.5
37.5
0.8
101
60DW5220(1)30(2)
R60DW5220(1)30(2)
63
40
33.0
13.0
24.0
41.5
37.5
0.8
101
60DW5330(1)50(2)
R60DW5330(1)50(2)
63
40
47.0
16.0
28.5
41.5
37.5
0.8
101
60DW5470(1)50(2)
R60DW5470(1)50(2)
63
40
68.0
19.0
32.0
41.5
37.5
0.8
101
60DW5680(1)30(2)
R60DW5680(1)30(2)
63
40
100.0
20.0
40.0
41.5
37.5
0.8
101
60DW6100(1)50(2)
R60DW6100(1)50(2)
100
63
0.33
5.0
11.0
18.0
15.0
3.0
600
60EI3330(1)30(2)
R60EI3330(1)30(2)
100
63
0.47
5.0
11.0
18.0
15.0
3.0
600
60EI3470(1)30(2)
R60EI3470(1)30(2)
100
63
0.68
5.0
11.0
18.0
15.0
3.0
600
60EI3680(1)30(2)
R60EI3680(1)30(2)
100
63
1.0
5.0
11.0
18.0
15.0
3.0
600
60EI4100(1)30(2)
R60EI4100(1)30(2)
100
63
1.5
7.5
13.5
18.0
15.0
3.0
600
60EI4150(1)30(2)
R60EI4150(1)30(2)
100
63
2.2
8.5
14.5
18.0
15.0
3.0
600
60EI4220(1)30(2)
R60EI4220(1)30(2)
100
63
2.2
9.0
12.5
18.0
15.0
3.0
600
60EI4220(1)L0(2)
R60EI4220(1)L0(2)
100
63
3.3
10.0
16.0
18.0
15.0
3.0
600
60EI4330(1)30(2)
R60EI4330(1)30(2)
100
63
3.3
13.0
12.0
18.0
15.0
3.0
600
60EI4330(1)L0(2)
R60EI4330(1)L0(2)
100
63
4.7
11.0
19.0
18.0
15.0
3.0
600
60EI4470(1)30(2)
R60EI4470(1)30(2)
100
63
1.5
6.0
15.0
26.5
22.5
2.0
400
60EN4150(1)30(2)
R60EN4150(1)30(2)
100
63
2.2
6.0
15.0
26.5
22.5
2.0
400
60EN4220(1)30(2)
R60EN4220(1)30(2)
VDC
VAC
Capacitance
Value (µF)
B (mm)
H
(mm)
L (mm)
Lead
Spacing
dV/dt
(V/µs)
Max K
0
(V2/µs)
New KEMET
Part Number
Legacy Part Number
VDC
VAC Capacitance
Value (µF)
Dimensions in mm
Lead
Spacing
dV/dt
(V/
µs)
Maximum K
0
(V2/µs)
New KEMET
Part Number
Legacy Part
Number
B
H
L
400
200
0.033
4.0
9.0
13.0
10.0
175
140000
60ΜF2330(1)6A(2)
R60MF2330(1)6A(2)
400
200
0.047
4.0
9.0
13.0
10.0
175
140000
60ΜF2470(1)6A(2)
R60MF2470(1)6A(2)
400
200
0.068
4.0
9.0
13.0
10.0
175
140000
60ΜF2680(1)6A(2)
R60MF2680(1)6A(2)
400
200
0.10
5.0
11.0
13.0
10.0
175
140000
60ΜF3100(1)6A(2)
R60MF3100(1)6A(2)
400
200
0.15
6.0
12.0
13.0
10.0
175
140000
60ΜF3150(1)6A(2)
R60MF3150(1)6A(2)
630
220
0.010
4.0
9.0
13.0
10.0
200
252000
60PF2100(1)6A(2)
R60PF2100(1)6A(2)
630
220
0.015
4.0
9.0
13.0
10.0
200
252000
60PF2150(1)6A(2)
R60PF2150(1)6A(2)
630
220
0.022
4.0
9.0
13.0
10.0
200
252000
60PF2220(1)6A(2)
R60PF2220(1)6A(2)
630
220
0.033
5.0
11.0
13.0
10.0
200
252000
60PF2330(1)6A(2)
R60PF2330(1)6A(2)
630
220
0.047
5.0
11.0
13.0
10.0
200
252000
60PF2470(1)6A(2)
R60PF2470(1)6A(2)
VDC
VAC
Capacitance
Value (µF)
B (mm)
H
(mm)
L (mm)
Lead
Spacing
dV/dt
(V/µs)
Max K
0
(V2/µs)
New KEMET
Part Number
Legacy Part Number


Similar Part No. - R60MW2470AAL1K

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
R60MF2330506AK KEMET-R60MF2330506AK Datasheet
56Kb / 1P
   Capacitor, film, 0.033 uF, /-10% Tol, -55/105C, General Purpose, 400 VDC@85C, Lead Spacing=10 mm
R60MF2330AA6AJ KEMET-R60MF2330AA6AJ Datasheet
54Kb / 1P
   Film, Metallized Polyester Stacked, Commercial Grade, R60, 0.033 uF, 5%, 400 V, 85C, Lead Spacing = 10mm
R60MF2470506AK KEMET-R60MF2470506AK Datasheet
56Kb / 1P
   Capacitor, film, 0.047 uF, /-10% Tol, -55/105C, General Purpose, 400 VDC@85C, Lead Spacing=10 mm
R60MF2680506AK KEMET-R60MF2680506AK Datasheet
54Kb / 1P
   Film, Metallized Polyester Stacked, Commercial Grade, R60, 0.068 uF, 10%, 400 V, 85C, Lead Spacing = 10mm
R60MF3100506AK KEMET-R60MF3100506AK Datasheet
56Kb / 1P
   Capacitor, film, 0.1 uF, /-10% Tol, -55/105C, General Purpose, 400 VDC@85C, Lead Spacing=10 mm
More results

Similar Description - R60MW2470AAL1K

ManufacturerPart #DatasheetDescription
logo
Illinois Capacitor, Inc...
223MTB102KE ILLINOISCAPACITOR-223MTB102KE Datasheet
377Kb / 4P
   Metallized Polyester Film Capacitors for General Purpose Applications
logo
EPCOS
B32559S EPCOS-B32559S Datasheet
327Kb / 18P
   Film Capacitors Metallized Polyester Film Capacitors
B32537 EPCOS-B32537 Datasheet
308Kb / 20P
   Film Capacitors Metallized Polyester Film Capacitors
B32559C EPCOS-B32559C Datasheet
425Kb / 23P
   Film Capacitors Metallized Polyester Film Capacitors
B32591 EPCOS-B32591 Datasheet
533Kb / 26P
   Film Capacitors Metallized Polyester Film Capacitors
B32932 EPCOS-B32932 Datasheet
295Kb / 18P
   Film Capacitors Metallized Polyester Film Capacitors
logo
NXP Semiconductors
MKT370 PHILIPS-MKT370 Datasheet
1Mb / 74P
   Metallized polyester film capacitors
2001 Jun 22
logo
Illinois Capacitor, Inc...
102MWR630K ILLINOISCAPACITOR-102MWR630K Datasheet
396Kb / 4P
   Metallized Polyester Film Capacitors
logo
RUBYCON CORPORATION
MMK RUBYCON-MMK Datasheet
45Kb / 2P
   METALLIZED POLYESTER FILM CAPACITORS
logo
List of Unclassifed Man...
MKT365 ETC2-MKT365 Datasheet
181Kb / 30P
   Metallized polyester film capacitors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com