Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

R60PR2470AAL1K Datasheet(PDF) 8 Page - Kemet Corporation

Part # R60PR2470AAL1K
Description  General Purpose Metallized Polyester Film Capacitors
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

R60PR2470AAL1K Datasheet(HTML) 8 Page - Kemet Corporation

Back Button R60PR2470AAL1K Datasheet HTML 4Page - Kemet Corporation R60PR2470AAL1K Datasheet HTML 5Page - Kemet Corporation R60PR2470AAL1K Datasheet HTML 6Page - Kemet Corporation R60PR2470AAL1K Datasheet HTML 7Page - Kemet Corporation R60PR2470AAL1K Datasheet HTML 8Page - Kemet Corporation R60PR2470AAL1K Datasheet HTML 9Page - Kemet Corporation R60PR2470AAL1K Datasheet HTML 10Page - Kemet Corporation R60PR2470AAL1K Datasheet HTML 11Page - Kemet Corporation R60PR2470AAL1K Datasheet HTML 12Page - Kemet Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 21 page
background image
© KEMET Electronics Corporation • P.O. Box 5928 • Greenville, SC 29606 • 864-963-6300 • www.kemet.com
F3103_R60 • 9/23/2016
8
Film Through-Hole Capacitors – General Purpose Metallized Polyester Film Capacitors
R60 Series, Radial, 10 – 37.5 mm Lead Spacing, 63 – 1,000 VDC (Automotive Grade)
Environmental Test Data
Damp Heat, Steady
State Test
Test Conditions:
Performances
Temperature:
Relative humidity (RH):
Test duration:
+40°C±2°C
93% ±2%
56 days
|ΔC/C|≤5%,
Δtanδ≤0.005at1kHz
IRaftertest≥50%ofinitiallimit
Endurance Test
Test Conditions
Performances
Temperature:
Voltage applied:
Test duration:
+105°C±2°C
1.25 x V
C
2,000 hours
|ΔC/C|≤5%,
Δtanδ≤0.005at10kHzforC≤1µF
Δtanδ≤0.003at1kHzforC>1µF
IRaftertest≥50%ofinitiallimit
Resistance to Soldering
Heat Test
Test Conditions
Performances
Solder bath temperature:
Dipping time (with heat
screen):
260°C±5°C
10 seconds ±1 second
|ΔC/C|≤2%,
Δtanδ≤0.005at10kHzforC≤1µF
Δtanδ≤0.003at1kHzforC>1µF
IRaftertest≥initiallimit
Environmental Compliance
All KEMET MKT capacitors are RoHS Compliant.
Table 1A – Ratings & Part Number Reference (Stacked Capacitor Technology)
VDC
VAC Capacitance
Value (µF)
Dimensions in mm
Lead
Spacing
dV/dt
(V/
µs)
Maximum K
0
(V2/µs)
New KEMET
Part Number
Legacy Part
Number
B
H
L
50
30
1.5
4.0
9.0
13.0
10.0
30
3000
60CF4150(1)6A(2)
R60CF4150(1)6A(2)
50
30
2.2
4.0
9.0
13.0
10.0
30
3000
60CF4220(1)6A(2)
R60CF4220(1)6A(2)
50
30
3.3
5.0
11.0
13.0
10.0
30
3000
60CF4330(1)6A(2)
R60CF4330(1)6A(2)
50
30
4.7
6.0
12.0
13.0
10.0
30
3000
60CF4470(1)6A(2)
R60CF4470(1)6A(2)
50
30
5.6
6.0
12.0
13.0
10.0
30
3000
60CF4560(1)6A(2)
R60CF4560(1)6A(2)
63
40
1.0
4.0
9.0
13.0
10.0
50
6300
60DF4100(1)6A(2)
R60DF4100(1)6A(2)
63
40
1.5
5.0
11.0
13.0
10.0
50
6300
60DF4150(1)6A(2)
R60DF4150(1)6A(2)
63
40
2.2
5.0
11.0
13.0
10.0
50
6300
60DF4220(1)6A(2)
R60DF4220(1)6A(2)
63
40
3.3
6.0
12.0
13.0
10.0
50
6300
60DF4330(1)6A(2)
R60DF4330(1)6A(2)
100
63
0.33
4.0
9.0
13.0
10.0
75
15000
60EF3330(1)6A(2)
R60EF3330(1)6A(2)
100
63
0.47
4.0
9.0
13.0
10.0
75
15000
60EF3470(1)6A(2)
R60EF3470(1)6A(2)
100
63
0.68
4.0
9.0
13.0
10.0
75
15000
60EF3680(1)6A(2)
R60EF3680(1)6A(2)
100
63
1.0
5.0
11.0
13.0
10.0
75
15000
60EF4100(1)6A(2)
R60EF4100(1)6A(2)
100
63
1.5
5.0
11.0
13.0
10.0
75
15000
60EF4150(1)6A(2)
R60EF4150(1)6A(2)
160
90
0.22
4.0
9.0
13.0
10.0
100
32000
60GF3220(1)6A(2)
R60GF3220(1)6A(2)
160
90
0.33
4.0
9.0
13.0
10.0
100
32000
60GF3330(1)6A(2)
R60GF3330(1)6A(2)
160
90
0.47
5.0
11.0
13.0
10.0
100
32000
60GF3470(1)6A(2)
R60GF3470(1)6A(2)
160
90
0.68
6.0
12.0
13.0
10.0
100
32000
60GF3680(1)6A(2)
R60GF3680(1)6A(2)
250
160
0.10
4.0
9.0
13.0
10.0
150
75000
60IF3100(1)6A(2)
R60IF3100(1)6A(2)
250
160
0.15
4.0
9.0
13.0
10.0
150
75000
60IF3150(1)6A(2)
R60IF3150(1)6A(2)
250
160
0.22
5.0
11.0
13.0
10.0
150
75000
60IF3220(1)6A(2)
R60IF3220(1)6A(2)
250
160
0.33
5.0
11.0
13.0
10.0
150
75000
60IF3330(1)6A(2)
R60IF3330(1)6A(2)
250
160
0.47
6.0
12.0
13.0
10.0
150
75000
60IF3470(1)6A(2)
R60IF3470(1)6A(2)
VDC
VAC
Capacitance
Value (µF)
B (mm)
H
(mm)
L (mm)
Lead
Spacing
dV/dt
(V/µs)
Max K
0
(V2/µs)
New KEMET
Part Number
Legacy Part Number


Similar Part No. - R60PR2470AAL1K

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
R60PR34705040J KEMET-R60PR34705040J Datasheet
54Kb / 1P
   Film, Metallized Polyester, Commercial Grade, R60, 0.47 uF, 5%, 630 V, 85C, Lead Spacing = 27.5mm
R60PR41005050K KEMET-R60PR41005050K Datasheet
54Kb / 1P
   Film, Metallized Polyester, Commercial Grade, R60, 1 uF, 10%, 630 V, 85C, Lead Spacing = 27.5mm
R60PR44705040K KEMET-R60PR44705040K Datasheet
54Kb / 1P
   Film, Metallized Polyester, Commercial Grade, R60, 4.7 uF, 10%, 630 V, 85C, Lead Spacing = 27.5mm
More results

Similar Description - R60PR2470AAL1K

ManufacturerPart #DatasheetDescription
logo
Illinois Capacitor, Inc...
223MTB102KE ILLINOISCAPACITOR-223MTB102KE Datasheet
377Kb / 4P
   Metallized Polyester Film Capacitors for General Purpose Applications
logo
EPCOS
B32559S EPCOS-B32559S Datasheet
327Kb / 18P
   Film Capacitors Metallized Polyester Film Capacitors
B32537 EPCOS-B32537 Datasheet
308Kb / 20P
   Film Capacitors Metallized Polyester Film Capacitors
B32559C EPCOS-B32559C Datasheet
425Kb / 23P
   Film Capacitors Metallized Polyester Film Capacitors
B32591 EPCOS-B32591 Datasheet
533Kb / 26P
   Film Capacitors Metallized Polyester Film Capacitors
B32932 EPCOS-B32932 Datasheet
295Kb / 18P
   Film Capacitors Metallized Polyester Film Capacitors
logo
NXP Semiconductors
MKT370 PHILIPS-MKT370 Datasheet
1Mb / 74P
   Metallized polyester film capacitors
2001 Jun 22
logo
Illinois Capacitor, Inc...
102MWR630K ILLINOISCAPACITOR-102MWR630K Datasheet
396Kb / 4P
   Metallized Polyester Film Capacitors
logo
RUBYCON CORPORATION
MMK RUBYCON-MMK Datasheet
45Kb / 2P
   METALLIZED POLYESTER FILM CAPACITORS
logo
List of Unclassifed Man...
MKT365 ETC2-MKT365 Datasheet
181Kb / 30P
   Metallized polyester film capacitors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com