Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RM5532 Datasheet(PDF) 5 Page - Fairchild Semiconductor

Part # RM5532
Description  High Performance Dual Low Noise Operational Amplifier
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

RM5532 Datasheet(HTML) 5 Page - Fairchild Semiconductor

  RM5532 Datasheet HTML 1Page - Fairchild Semiconductor RM5532 Datasheet HTML 2Page - Fairchild Semiconductor RM5532 Datasheet HTML 3Page - Fairchild Semiconductor RM5532 Datasheet HTML 4Page - Fairchild Semiconductor RM5532 Datasheet HTML 5Page - Fairchild Semiconductor RM5532 Datasheet HTML 6Page - Fairchild Semiconductor RM5532 Datasheet HTML 7Page - Fairchild Semiconductor RM5532 Datasheet HTML 8Page - Fairchild Semiconductor RM5532 Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
PRODUCT SPECIFICATION
RC5532/RC5532A
5
Typical Performance Characteristics
Figure 3. Open Loop Gain vs. Frequency
Figure 4. Closed Loop Gain vs. Frequency
Figure 5. Output Voltage Swing vs. Frequency
Figure 6. Short Circuit Current vs. Temperature
Figure 7. Supply Current vs. Supply Voltage
Figure 8. Input Bias Current vs. Temperature
F (Hz)
120
80
40
0-
40
10
100
1K
10K
1M
10M
V =
15V
T = +25 C
R = 10
A = 40 dB
S
A
S
V
W
100K
F (Hz)
60
40
20
0
-20
1G
1K
10K
100K
1M
10M
100M
RF = 10 K
RE = 100
RF = 9 K RE = 1 k
RF = 1 K
RE =
W
W
W
W
W
F (Hz)
40
30
20
10
0
100M
100
1K
10K
100K
1M
10M
V =
15V
S
T
( C)
80
60
40
20
0
A
-55
-25
0
+25
+50
+75
+150
V =
15V
S
+VS/-VS (V)
12
8
4
0
0
I
= 0
oUT
±10
±20
±30
T
( C)
1.4
1.2
0.8
0.4
0
-55
-25
0
+25
+50
+75
+150
A
V =
15V
S


Similar Part No. - RM5532

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
RM550X ETC1-RM550X Datasheet
5Mb / 82P
   HIGH PERFORMANCE ATX POWER SUPPLY
More results

Similar Description - RM5532

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
UPC259 RENESAS-UPC259 Datasheet
619Kb / 9P
   High Performance, Low Noise Dual Operational Amplifier
2019.06.13
logo
New Japan Radio
NJM2114 NJRC-NJM2114 Datasheet
257Kb / 5P
   HIGH PERFORMANCE LOW-NOISE DUAL OPERATIONAL AMPLIFIER
logo
Fairchild Semiconductor
RC5532 FAIRCHILD-RC5532 Datasheet
62Kb / 8P
   High Performance Dual Low Noise Operational Amplifier
logo
New Japan Radio
NJM5532 NJRC-NJM5532 Datasheet
239Kb / 6P
   HIGH PERFORMANCE LOW-NOISE DUAL OPERATIONAL AMPLIFIER
logo
Intersil Corporation
HA-5102883 INTERSIL-HA-5102883 Datasheet
553Kb / 5P
   Dual, Low Noise, High Performance Operational Amplifier
HA-5112883 INTERSIL-HA-5112883 Datasheet
101Kb / 5P
   Dual, Low Noise, High Performance Uncompensated Operational Amplifier
HA-5112 INTERSIL-HA-5112 Datasheet
32Kb / 5P
   Dual, Low Noise, High Performance Uncompensated Operational Amplifier
July 1994
HA-5101883 INTERSIL-HA-5101883 Datasheet
1Mb / 16P
   Low Noise, High Performance Operational Amplifier
logo
New Japan Radio
NJM5534 NJRC-NJM5534 Datasheet
242Kb / 6P
   HIGH PERFORMANCE LOW-NOISE OPERATIONAL AMPLIFIER?
NJM5534DD NJRC-NJM5534DD Datasheet
174Kb / 6P
   HIGH PERFORMANCE LOW-NOISE OPERATIONAL AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com