Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MC74HCXXXXDT Datasheet(PDF) 6 Page - Motorola, Inc

Part # MC74HCXXXXDT
Description  High?밣erformance Silicon?밎ate CMOS
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MC74HCXXXXDT Datasheet(HTML) 6 Page - Motorola, Inc

Back Button MC74HCXXXXDT Datasheet HTML 2Page - Motorola, Inc MC74HCXXXXDT Datasheet HTML 3Page - Motorola, Inc MC74HCXXXXDT Datasheet HTML 4Page - Motorola, Inc MC74HCXXXXDT Datasheet HTML 5Page - Motorola, Inc MC74HCXXXXDT Datasheet HTML 6Page - Motorola, Inc MC74HCXXXXDT Datasheet HTML 7Page - Motorola, Inc MC74HCXXXXDT Datasheet HTML 8Page - Motorola, Inc MC74HCXXXXDT Datasheet HTML 9Page - Motorola, Inc MC74HCXXXXDT Datasheet HTML 10Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
MC54/74HC4060
MOTOROLA
High–Speed CMOS Logic Data
DL129 — Rev 6
6
Figure 6. Pierce Crystal Oscillator Circuit
RESET
12
11 OSC IN
10 OSC OUT 1
9 OSC OUT 2
Rf
R1
C1
C2
Table 1. Crystal Oscillator Amplifier Specifications
TA = 25_C (Input = Pin 11, Output = Pin 10)
Type
Input Resistance, Rin
Output Impedance, Zout (4.5 V supply)
Input Capacitance, Cin
Output Capacitance, Cout
Series Capacitance, Ca
3 Vdc supply
Open loop voltage
4 Vdc supply
gain with output at
5 Vdc supply
full swing,
α
6 Vdc supply
Positive Reactance (Pierce)
60 M
Ω minimum
200
Ω (see text)
5 pF typical
7 pF typical
5 pF typical
5.0 expected minimum
4.0 expected minimum
3.3 expected minimum
3.1 expected minimum
PIERCE CRYSTAL OSCILLATOR DESIGN
Figure 7. Equivalent Crystal Networks
2
1
2
1
2
1
RS
Xe
Re
LS
CS
CO
Values are supplied by crystal manufacturer (parallel resonant crys-
tal)
Figure 8. Series Equivalent Crystal Load
Figure 9. Parasitic Capacitances
of the Amplifier
NOTE: C = C1 + Cin and R = R1 + Rout. Co is considered as part of the
load. Ca and Rf typically have minimal effect below 2 MHz.
Values are listed in Table 1.
Rs
jXLs
–jXCs
Zload
–jXCo
–jXC2
–jXC
R
Rload
Xload
Cin
Cout
Ca


Similar Part No. - MC74HCXXXXDT

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC74HCXXXXDT MOTOROLA-MC74HCXXXXDT Datasheet
455Kb / 15P
   Analog Multiplexers/ Demultiplexers High-Performance Silicon-Gate CMOS
logo
ON Semiconductor
MC74HCXXXXDT ONSEMI-MC74HCXXXXDT Datasheet
213Kb / 16P
   High-Performance Silicon-Gate CMOS
More results

Similar Description - MC74HCXXXXDT

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC54-74HCT161A MOTOROLA-MC54-74HCT161A Datasheet
258Kb / 12P
   High?밣erformance Silicon?밎ate CMOS
MC54-74HC640A MOTOROLA-MC54-74HC640A Datasheet
155Kb / 7P
   High?밣erformance Silicon?밎ate CMOS
MC5474HC245A MOTOROLA-MC5474HC245A Datasheet
203Kb / 6P
   High?밣erformance Silicon?밎ate CMOS
74HC390A MOTOROLA-74HC390A Datasheet
268Kb / 9P
   High?밣erformance Silicon?밎ate CMOS
MC5474HC4351 MOTOROLA-MC5474HC4351 Datasheet
480Kb / 13P
   High?밣erformance Silicon?밎ate CMOS
MC54F74HC164A MOTOROLA-MC54F74HC164A Datasheet
245Kb / 9P
   High?밣erformance Silicon?밎ate CMOS
MC5474HC08A MOTOROLA-MC5474HC08A Datasheet
165Kb / 7P
   High?밣erformance Silicon?밎ate CMOS
MC5474HC175A MOTOROLA-MC5474HC175A Datasheet
248Kb / 8P
   High?밣erformance Silicon?밎ate CMOS
MC54-74HC132A MOTOROLA-MC54-74HC132A Datasheet
192Kb / 6P
   High?밣erformance Silicon?밎ate CMOS
MC54-74HC4351 MOTOROLA-MC54-74HC4351 Datasheet
480Kb / 13P
   High?밣erformance Silicon?밎ate CMOS
MC54-74HCT373A MOTOROLA-MC54-74HCT373A Datasheet
196Kb / 8P
   High?밣erformance Silicon?밎ate CMOS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com