Electronic Components Datasheet Search |
|
PQ12RD8S Datasheet(PDF) 1 Page - Sharp Corporation |
|
PQ12RD8S Datasheet(HTML) 1 Page - Sharp Corporation |
1 / 8 page 113 Low Power-Loss Voltage Regulators PQ05RD08 Series/PQ3RD083/PQ6RD083 s Features q Low power-loss (Dropout voltage: MAX. 0.5V at Io=0.5A) q 0.8A output type q Compact resin package (equivalent to TO-220) q Available 3.3V/5V/6.3V/9V/12V output type q Output voltage precision: ±3.0% q Built-in ON/OFF control function q Built-in Overcurrent, overheat protection functions, ASO protection circuit q Lead forming type is also available. s Applications q Power supplies for various electronic equipment such as AV, OA equipment s Model Line-ups s Outline Dimensions (Unit : mm) 0.8A Output, Low Power-Loss Voltage Regulator • Please refer to the chapter " Handling Precautions ". PQ05RD08 Series/PQ3RD083/PQ6RD083 s Absolute Maximum Ratings PQ05RD08 Epoxy resin 0.5 1.5 4 – 1.4 ± 0.3 0 0.2 0.1 4 – 0.6 ± 10.2MAX. 2.8 ±0.2 4.5 ±0.2 3 – 2.54 φ3.2±0.1 4 – 1.4 Typical dimensions ( φ ) ( ) ( ) ( ) ( ) ( ) ( ) ( ) : DC output Vo GND DC input VIN ON/OFF control terminal Vc Specific IC Internal connection diagram 1 1 1 2 2 2 3 3 3 4 4 4 PQ05RD08 PQ09RD08 PQ12RD08 5.0V output 9.0V output 12.0V output 3.3V output PQ3RD083 0.8A output 6.3V output PQ6RD083 Parameter Symbol Rating Unit VIN VC IO PD1 PD2 Tj Topr Tstg Tsol 20 20 0.8 1.25 10 150 –20 to +80 –40 to +150 260 (For 10s) V V A W W ˚C ˚C ˚C ˚C f1 f1 f2 f3 f1 All are open except GND and applicable terminals. f2 PD1: No heat sink, PD2: With infinite heat sink f3 Overheat protection may operate at 125<=Tj<=150˚C. (Ta=25˚C) Input voltage ON/OFF control voltage Output current Power dissipation Junction temperature Operating temperature Storage temperature Soldering temperature Notice In the absence of confirmation by device specification sheets,SHARP takes no responsibility for any defects that may occur in equipment using any SHARP devices shown in catalogs,data books,etc.Contact SHARP in order to obtain the latest device specification sheets before using any SHARP device. Internet Internet address for Electronic Components Group http://www.sharp.co.jp/ecg/ |
Similar Part No. - PQ12RD8S |
|
Similar Description - PQ12RD8S |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |