Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

3-1721129-0 Datasheet(PDF) 2 Page - TE Connectivity Ltd

Part # 3-1721129-0
Description  n Meet 5000V dielectric voltage between coil and contacts
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEC [TE Connectivity Ltd]
Direct Link  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd

3-1721129-0 Datasheet(HTML) 2 Page - TE Connectivity Ltd

  3-1721129-0 Datasheet HTML 1Page - TE Connectivity Ltd 3-1721129-0 Datasheet HTML 2Page - TE Connectivity Ltd 3-1721129-0 Datasheet HTML 3Page - TE Connectivity Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
04-2011, Rev. 0411
www.te.com
© 2011 Tyco Electronics Corporation,
a TE Connectivity Ltd. company
Datasheets and product specification
according to IEC 61810-1 and to be used
only together with the ‘Definitions’ section.
Datasheets and product data is subject to the
terms of the disclaimer and all chapters of
the ‘Definitions’ section, available at
http://relays.te.com/definitions
Datasheets, product data, ‘Definitions’ sec-
tion, application notes and all specifications
are subject to change.
2
OEG
General Purpose Relays
PCB Relays
Power PCB relay OMI/OMIH (Continued)
Other Data
Material compliance: EU RoHS/ELV, China RoHS, REACH, Halogen content
refer to the Product Compliance Support Center at
www.te.com/customersupport/rohssupportcenter
Ambient temperature
standard coil
-30 to 60°C
sensitive coil
-30 to 70°C
Category of environmental protection
IEC 61810
RTII - flux proof,
RTIII - wash tight
Vibration resistance (functional)
10 to 50Hz, 1.5mm double amplitude
Shock resistance (functional)
IEC 60068-2-27 (half sine)
98m/s2, 11ms
Terminal type
PCB-THT
Weight
13g
Resistance to soldering heat THT
IEC 60068-2-20
260°C/5s
Packaging/unit
box/1000 pcs.
PCB layout
Bottom view on solder pins
459
Dimensions are shown for
reference purposes only.
Dimensions are in inches over
(millimeters) unless otherwise
specified.
Specifications and availability
subject to change.
www.tycoelectronics.com
Technical support:
Refer to inside back cover.
OEG
Catalog 1308242
Issued 3-03
Reference Data
Wiring Diagram (Bottom View)
Outline Dimensions
Coil Temperature Rise
Operate Time
Life Expectancy
PC Board Layout (Bottom View)
Ordering Information
Typical Part Number
B
OMIH -SH -1
24
L
,294
1. Basic Series:
OMI = 10A rating
OMIH = 16A rating
2. Enclosure:
SS = Vent (Flux-tight)* plastic cover.
SH = Sealed, plastic case.
3. Termination:
1 = 1 pole
4. Coil Voltage:
05 = 5VDC
09 = 9VDC
24 = 24VDC
06 = 6VDC
12 = 12VDC
48 = 48VDC
5. Coil Input:
D = Standard (720mW)
L = Sensitive (540mW)
6. Contact Arrangement:
Blank = 1 Form C, SPDT
M = 1 Form A, SPST-NO
7. Suffix:
,300 = Standard model for "SS" enclosure
,394 = Standard model for "SH" enclosure
Other Suffix = Custom model
.024 c
(.60)
.100
± .008
(2.55
± .2)
.012
(.3)
.157
± .012
(4.0
± .3)
.138
(3.5)
.039
(1.0)
.039
(1.0)
.02
(.5)
1.15
± .02
(29.2
± .5)
.650
(16.5)
.144
(3.65)
.30
± .008
(7.6
± .2)
.811
± .02
(20.6
± .5)
.504
± .02
(12.8
± .5)
.138
(3.5)
.012
(.3)
.138
± .004
(3.5
± .1)
2 – .047 DIA
(1.2)
.650
± .004
(16.5
± .1)
.30
± .004
(7.6
± .1)
.138
± .004
(3.5
± .1)
3 – .059 DIA
(1.5)
12
10
8
6
4
2
0.2
0.4
0.6
0.8
1.0
1.2
0.1
0.2
0.3
0.4
0.5
0.6
0.7
Coil Power (W)
Coil Power (W)
60
50
40
30
20
10
Release Time
OperateTime
0.8
1.4
100
Contact Current (A)
10
1
0
2
4
6
8
10 12 14 16 18 20
OMIH type
240VAC, 24VDC Resistive
OMI type
250VAC, 30VDC Resistive
OMIH-SH-105D,394
OMIH-SH-112D,394
OMIH-SH-124D,394
Our authorized distributors are more likely to stock the following items for immediate delivery.
OMIH-SH-105L,394
OMIH-SH-112L,394
OMIH-SH-124L,394
Terminal assignment
Bottom view on solder pins
459
Dimensions are shown for
reference purposes only.
Dimensions are in inches over
(millimeters) unless otherwise
specified.
Specifications and availability
subject to change.
www.tycoelectronics.com
Technical support:
Refer to inside back cover.
OEG
Catalog 1308242
Issued 3-03
Reference Data
Wiring Diagram (Bottom View)
Outline Dimensions
Coil Temperature Rise
Operate Time
Life Expectancy
PC Board Layout (Bottom View)
Ordering Information
Typical Part Number
B
OMIH -SH -1
24
L
,294
1. Basic Series:
OMI = 10A rating
OMIH = 16A rating
2. Enclosure:
SS = Vent (Flux-tight)* plastic cover.
SH = Sealed, plastic case.
3. Termination:
1 = 1 pole
4. Coil Voltage:
05 = 5VDC
09 = 9VDC
24 = 24VDC
06 = 6VDC
12 = 12VDC
48 = 48VDC
5. Coil Input:
D = Standard (720mW)
L = Sensitive (540mW)
6. Contact Arrangement:
Blank = 1 Form C, SPDT
M = 1 Form A, SPST-NO
7. Suffix:
,300 = Standard model for "SS" enclosure
,394 = Standard model for "SH" enclosure
Other Suffix = Custom model
.024 c
(.60)
.100
± .008
(2.55
± .2)
.012
(.3)
.157
± .012
(4.0
± .3)
.138
(3.5)
.039
(1.0)
.039
(1.0)
.02
(.5)
1.15
± .02
(29.2
± .5)
.650
(16.5)
.144
(3.65)
.30
± .008
(7.6
± .2)
.811
± .02
(20.6
± .5)
.504
± .02
(12.8
± .5)
.138
(3.5)
.012
(.3)
.138
± .004
(3.5
± .1)
2 – .047 DIA
(1.2)
.650
± .004
(16.5
± .1)
.30
± .004
(7.6
± .1)
.138
± .004
(3.5
± .1)
3 – .059 DIA
(1.5)
12
10
8
6
4
2
0.2
0.4
0.6
0.8
1.0
1.2
0.1
0.2
0.3
0.4
0.5
0.6
0.7
Coil Power (W)
Coil Power (W)
60
50
40
30
20
10
Release Time
OperateTime
0.8
1.4
100
Contact Current (A)
10
1
0
2
4
6
8
10 12 14 16 18 20
OMIH type
240VAC, 24VDC Resistive
OMI type
250VAC, 30VDC Resistive
OMIH-SH-105D,394
OMIH-SH-112D,394
OMIH-SH-124D,394
Our authorized distributors are more likely to stock the following items for immediate delivery.
OMIH-SH-105L,394
OMIH-SH-112L,394
OMIH-SH-124L,394
459
Dimensions are shown for
reference purposes only.
Dimensions are in inches over
(millimeters) unless otherwise
specified.
Specifications and availability
subject to change.
www.tycoelectronics.com
Technical support:
Refer to inside back cover.
OEG
Catalog 1308242
Issued 3-03
Reference Data
Wiring Diagram (Bottom View)
Outline Dimensions
Coil Temperature Rise
Operate Time
Life Expectancy
PC Board Layout (Bottom View)
Ordering Information
Typical Part Number
B
OMIH -SH -1
24
L
,294
1. Basic Series:
OMI = 10A rating
OMIH = 16A rating
2. Enclosure:
SS = Vent (Flux-tight)* plastic cover.
SH = Sealed, plastic case.
3. Termination:
1 = 1 pole
4. Coil Voltage:
05 = 5VDC
09 = 9VDC
24 = 24VDC
06 = 6VDC
12 = 12VDC
48 = 48VDC
5. Coil Input:
D = Standard (720mW)
L = Sensitive (540mW)
6. Contact Arrangement:
Blank = 1 Form C, SPDT
M = 1 Form A, SPST-NO
7. Suffix:
,300 = Standard model for "SS" enclosure
,394 = Standard model for "SH" enclosure
Other Suffix = Custom model
.024 c
(.60)
.100
± .008
(2.55
± .2)
.012
(.3)
.157
± .012
(4.0
± .3)
.138
(3.5)
.039
(1.0)
.039
(1.0)
.02
(.5)
1.15
± .02
(29.2
± .5)
.650
(16.5)
.144
(3.65)
.30
± .008
(7.6
± .2)
.811
± .02
(20.6
± .5)
.504
± .02
(12.8
± .5)
.138
(3.5)
.012
(.3)
.138
± .004
(3.5
± .1)
2 – .047 DIA
(1.2)
.650
± .004
(16.5
± .1)
.30
± .004
(7.6
± .1)
.138
± .004
(3.5
± .1)
3 – .059 DIA
(1.5)
12
10
8
6
4
2
0.2
0.4
0.6
0.8
1.0
1.2
0.1
0.2
0.3
0.4
0.5
0.6
0.7
Coil Power (W)
Coil Power (W)
60
50
40
30
20
10
Release Time
OperateTime
0.8
1.4
100
Contact Current (A)
10
1
0
2
4
6
8
10 12 14 16 18 20
OMIH type
240VAC, 24VDC Resistive
OMI type
250VAC, 30VDC Resistive
OMIH-SH-105D,394
OMIH-SH-112D,394
OMIH-SH-124D,394
Our authorized distributors are more likely to stock the following items for immediate delivery.
OMIH-SH-105L,394
OMIH-SH-112L,394
OMIH-SH-124L,394
Dimensions
Product code structure
Typical product code
OMI
-SS
-1
12
D
1
,300
Type
OMI / OMIH Power PCB Relay OMI / OMIH
Sealing
SS
Flux proof
SH Wash tight
Pole
1
1pole
Coil
Coil code: please refer to coil versions table
Coil power
D
Standard 720mW
L
Sensitive 540mW
Contact arrangement
1
OMIH : 1 form C (CO) AgSnO
M1 OMI : 1form A (NO), AgSnO
M
OMIH : 1 form A (NO), AgSnO
Suffix
Blank Standard (OMI)
300 Standard OMIH, 1 form C (CO), flux proof
394 Standard OMIH, 1form A (NO), wash tight


Similar Part No. - 3-1721129-0

ManufacturerPart #DatasheetDescription
logo
TE Connectivity Ltd
3-1721081-0 TEC-3-1721081-0 Datasheet
216Kb / 3P
   CHANGE THE WIDTH OF THE TERMINAL PIN FROM 0.6MM TO 0.8MM
3-1721081-1 TEC-3-1721081-1 Datasheet
216Kb / 3P
   CHANGE THE WIDTH OF THE TERMINAL PIN FROM 0.6MM TO 0.8MM
3-1721081-2 TEC-3-1721081-2 Datasheet
216Kb / 3P
   CHANGE THE WIDTH OF THE TERMINAL PIN FROM 0.6MM TO 0.8MM
3-1721081-3 TEC-3-1721081-3 Datasheet
216Kb / 3P
   CHANGE THE WIDTH OF THE TERMINAL PIN FROM 0.6MM TO 0.8MM
3-1721081-4 TEC-3-1721081-4 Datasheet
216Kb / 3P
   CHANGE THE WIDTH OF THE TERMINAL PIN FROM 0.6MM TO 0.8MM
More results

Similar Description - 3-1721129-0

ManufacturerPart #DatasheetDescription
logo
MERITEK ELECTRONICS COR...
CC MERITEK-CC Datasheet
337Kb / 6P
   dielectric layer between two electrodes.
logo
First Silicon Co., Ltd
JC357 FS-JC357 Datasheet
572Kb / 6P
   High isolation voltage between input and output
logo
PHOENIX CONTACT
PLC-RSP-60DC PHOENIX-PLC-RSP-60DC Datasheet
110Kb / 7P
   Safe isolation according to DIN EN 50178 between coil and contact
EMG10-2-LCU PHOENIX-EMG10-2-LCU Datasheet
61Kb / 4P
   Safe isolation according to DIN EN 50178 between coil and contact
EMG10-REL PHOENIX-EMG10-REL Datasheet
76Kb / 4P
   Safe isolation according to DIN EN 50178 between coil and contact
logo
Omron Electronics LLC
G2R-1A-E-DC24 OMRON-G2R-1A-E-DC24 Datasheet
656Kb / 12P
   Creepage distance of 8.0 mm min. between coil and con tact.
logo
PHOENIX CONTACT
EMG10-21-LCU PHOENIX-EMG10-21-LCU Datasheet
76Kb / 4P
   Safe isolation according to DIN EN 50178 between coil and contact
EMG22-KSR-60 PHOENIX-EMG22-KSR-60 Datasheet
61Kb / 4P
   Safe isolation according to DIN EN 50178 between coil and contact
EMG22-KSR-230 PHOENIX-EMG22-KSR-230 Datasheet
60Kb / 4P
   Safe isolation according to DIN EN 50178 between coil and contact
logo
Omron Electronics LLC
G2R-1A-E-T130-DC24 OMRON-G2R-1A-E-T130-DC24 Datasheet
656Kb / 12P
   Creepage distance of 8.0 mm min. between coil and con - tact.
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com